Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM248GBK32H-60 Datasheet(PDF) 5 Page - Texas Instruments

Part # TM248GBK32H-60
Description  DYNAMIC RAM MODULES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM248GBK32H-60 Datasheet(HTML) 5 Page - Texas Instruments

  TM248GBK32H-60 Datasheet HTML 1Page - Texas Instruments TM248GBK32H-60 Datasheet HTML 2Page - Texas Instruments TM248GBK32H-60 Datasheet HTML 3Page - Texas Instruments TM248GBK32H-60 Datasheet HTML 4Page - Texas Instruments TM248GBK32H-60 Datasheet HTML 5Page - Texas Instruments TM248GBK32H-60 Datasheet HTML 6Page - Texas Instruments TM248GBK32H-60 Datasheet HTML 7Page - Texas Instruments TM248GBK32H-60 Datasheet HTML 8Page - Texas Instruments TM248GBK32H-60 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TM124FBK32H, TM124FBK32I 1048576 BY 32-BIT
TM248GBK32H, TM248GBK32I 2097152 BY 32-BIT
DYNAMIC RAM MODULES
SMMS678 – APRIL 1997
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS †
’248GBK32H / I - 50
’248GBK32H / I - 60
’248GBK32H / I - 70
UNIT
PARAMETER
TEST CONDITIONS †
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
High-level output
voltage
IOH = – 5 mA
2.4
2.4
2.4
V
VOL
Low-level output
voltage
IOL = 4.2 mA
0.4
0.4
0.4
V
II
Input current
(leakage)
VCC = 5.5 V,
VI = 0 V to 6.5 V,
All other pins = 0 V to VCC
± 10
± 10
± 10
µA
IO
Output current
(leakage)
VCC = 5.5 V,
VO = 0 V to VCC, CAS high
± 20
± 20
± 20
µA
ICC1
Read- or
write-cycle current
(see Note 3)
VCC = 5.5 V,
Minimum cycle
362
322
302
mA
ICC2 Standby current
VIH = 2.4 V (TTL),
After one memory cycle,
RAS and CAS high
8
8
8
mA
ICC2 Standby current
VIH = VCC – 0.2 V (CMOS),
After one memory cycle,
RAS and CAS high
4
4
4
mA
ICC3
Average refresh
current (RAS only
or CBR)
(see Notes 3
and 5)
VCC = 5.5 V,
Minimum cycle,
RAS cycling,
CAS high (RAS only);
RAS low after CAS low (CBR)
720
640
600
mA
ICC4
Average EDO
current
(see Note 4)
VCC = 5.5 V,
tPC = MIN,
RAS low,
CAS cycling
560
440
400
mA
† For test conditions shown as MIN / MAX, use the appropriate value specified under recommended operating conditions.
NOTES:
3. Measured with a maximum of one address change while RAS = VIL
4. Measured with a maximum of one address change while CAS = VIH
5. Measured with both sides in CBR cycle
capacitance over recommended ranges of supply voltage and operating free-air temperature,
f = 1 MHz (see Note 6)
PARAMETER
’124FBK32H / I
’248GBK32FH/I
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
Ci(A)
Input capacitance, A0 – A9
12
22
pF
Ci(R)
Input capacitance, RAS inputs
8
8
pF
Ci(C)
Input capacitance, CAS inputs
8
15
pF
Ci(W)
Input capacitance, W
16
30
pF
Co(DQ) Output capacitance on DQ0 – DQ31
8
15
pF
NOTE 6: VCC = 5 V ± 0.5 V, and the bias on pins under test is 0 V.


Similar Part No. - TM248GBK32H-60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM248GBK32 TI-TM248GBK32 Datasheet
158Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULES
TM248GBK32-60 TI-TM248GBK32-60 Datasheet
158Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULES
TM248GBK32-70 TI-TM248GBK32-70 Datasheet
158Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULES
TM248GBK32-80 TI-TM248GBK32-80 Datasheet
158Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULES
TM248GBK32F TI1-TM248GBK32F Datasheet
141Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULE
More results

Similar Description - TM248GBK32H-60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124BBK32H TI1-TM124BBK32H Datasheet
146Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULES
TM497BBK32H TI1-TM497BBK32H Datasheet
172Kb / 12P
[Old version datasheet]   DYNAMIC RAM MODULES
TM124FBK32 TI-TM124FBK32 Datasheet
158Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULES
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPH TI1-TM2SR72EPH Datasheet
268Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPN TI1-TM2SR72EPN Datasheet
266Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com