Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM124BBK32H-60 Datasheet(PDF) 1 Page - Texas Instruments

Part # TM124BBK32H-60
Description  DYNAMIC RAM MODULES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM124BBK32H-60 Datasheet(HTML) 1 Page - Texas Instruments

  TM124BBK32H-60 Datasheet HTML 1Page - Texas Instruments TM124BBK32H-60 Datasheet HTML 2Page - Texas Instruments TM124BBK32H-60 Datasheet HTML 3Page - Texas Instruments TM124BBK32H-60 Datasheet HTML 4Page - Texas Instruments TM124BBK32H-60 Datasheet HTML 5Page - Texas Instruments TM124BBK32H-60 Datasheet HTML 6Page - Texas Instruments TM124BBK32H-60 Datasheet HTML 7Page - Texas Instruments TM124BBK32H-60 Datasheet HTML 8Page - Texas Instruments TM124BBK32H-60 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TM124BBK32H, TM124BBK32I 1048576 BY 32-BIT
TM248CBK32H, TM248CBK32I 2097152 BY 32-BIT
DYNAMIC RAM MODULES
SMMS679 – MARCH 1997
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D Organization
TM124BBK32H / I...1048 576
× 32
TM248CBK32H / I...2097 152
× 32
D Single 5-V Power Supply (±10% Tolerance)
D 72-Pin Single In-Line Memory Module
(SIMM) for Use With Socket
D TM124BBK32H/I – Uses Two 16M-Bit
DRAMs in Plastic Small-Outline J-Lead
(SOJ) Packages
D TM248CBK32H/I – Uses Four 16M-Bit
DRAMs in Plastic SOJ Packages
D Long Refresh Period
16 ms (1 024 Cycles)
D All Inputs, Outputs, Clocks Fully
TTL-Compatible
D 3-State Output
D Common CAS Control for Eight Common
Data-In and Data-Out Lines in Four Blocks
D Enhanced Page-Mode Operation With
CAS-Before-RAS ( CBR ), RAS-Only, and
Hidden Refresh
D Presence Detect
D Performance Ranges:
ACCESS ACCESS ACCESS READ
TIME
TIME
TIME
OR
tRAC
tAA
tCAC
WRITE
CYCLE
(MAX)
(MAX)
(MAX)
(MIN)
’124BBK32H / I-50 50 ns
25 ns
13 ns
90 ns
’124BBK32H / I-60 60 ns
30 ns
15 ns
110 ns
’124BBK32H / I-70 70 ns
35 ns
18 ns
130 ns
’248CBK32H / I-50 50 ns
25 ns
13 ns
90 ns
’248CBK32H / I-60 60 ns
30 ns
15 ns
110 ns
’248CBK32H / I-70 70 ns
35 ns
18 ns
130 ns
D Low Power Dissipation
D Operating Free-Air Temperature Range
0
°C to 70°C
D Gold-Tabbed Versions Available:
TM124BBK32H
TM248CBK32H
D Tin-Lead (Solder) Tabbed Versions
Available:
TM124BBK32I
TM248CBK32I
description
TM124BBK32H / I
The TM124BBK32H / I is a 32M-bit dynamic random-access memory (DRAM) module organized as four times
1 048 576
× 8 in a 72-pin SIMM. The SIMM is composed of two TMS418160ADZ, 1 048 576 × 16-bit DRAMs,
each in a 42-lead plastic SOJ package mounted on a substrate with decoupling capacitors. The
TMS418160ADZ is described in the TMS418160A data sheet (literature number SMKS891). The
TM124BBK32H/ I SIMM is available in the single-sided BK-leadless module for use with sockets.
TM248CBK32H / I
The TM248CBK32H / I is a 64M-bit DRAM organized as four times 2 097 152
× 8 in a 72-pin SIMM. The SIMM
is composed of four TMS418160ADZ, 1 048 576
× 16-bit DRAMs, each in a 42-lead plastic SOJ package
mounted on a substrate with decoupling capacitors. The TMS418160ADZ is described in the TMS418160A data
sheet (literature number SMKS891). The TM248CBK32H / I SIMM is available in the double-sided BK-leadless
module for use with sockets.
operation
The TM124BBK32H / I operates as two TMS418160ADZ DRAMs, connected as shown in the functional block
diagram and Table 1. The TM248CBK32H / I operates as four TMS418160ADZ DRAMs connected as shown
in the functional block diagram and Table 1. The common I / O feature dictates the use of early-write cycles to
prevent contention on D and Q.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
† Part numbers in this data sheet are for the gold-tabbed version; the information applies to both gold-tabbed and solder-tabbed versions.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 1997, Texas Instruments Incorporated


Similar Part No. - TM124BBK32H-60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124BBK32 TI-TM124BBK32 Datasheet
354Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBK32 TI-TM124BBK32 Datasheet
151Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBK32-60 TI-TM124BBK32-60 Datasheet
354Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBK32-60 TI-TM124BBK32-60 Datasheet
151Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124BBK32-70 TI-TM124BBK32-70 Datasheet
354Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
More results

Similar Description - TM124BBK32H-60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124FBK32H TI1-TM124FBK32H Datasheet
147Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULES
TM497BBK32H TI1-TM497BBK32H Datasheet
172Kb / 12P
[Old version datasheet]   DYNAMIC RAM MODULES
TM124FBK32 TI-TM124FBK32 Datasheet
158Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULES
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPH TI1-TM2SR72EPH Datasheet
268Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPN TI1-TM2SR72EPN Datasheet
266Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com