Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM248NBK36U Datasheet(PDF) 1 Page - Texas Instruments

Part # TM248NBK36U
Description  36-BIT DRAM MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM248NBK36U Datasheet(HTML) 1 Page - Texas Instruments

  TM248NBK36U Datasheet HTML 1Page - Texas Instruments TM248NBK36U Datasheet HTML 2Page - Texas Instruments TM248NBK36U Datasheet HTML 3Page - Texas Instruments TM248NBK36U Datasheet HTML 4Page - Texas Instruments TM248NBK36U Datasheet HTML 5Page - Texas Instruments TM248NBK36U Datasheet HTML 6Page - Texas Instruments TM248NBK36U Datasheet HTML 7Page - Texas Instruments TM248NBK36U Datasheet HTML 8Page - Texas Instruments TM248NBK36U Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TM124MBK36F, TM124MBK36U 1048576 BY 36-BIT DRAM MODULE
TM248NBK36F, TM248NBK36U 2097152 BY 36-BIT DRAM MODULE
SMMS650A – APRIL 1995 – REVISED JUNE 1995
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D Organization
TM124MBK36F ...1048 576
× 36
TM248NBK36F ...2097 152
× 36
D Single 5-V Power Supply (±10% Tolerance)
D 72-Pin Single-In-Line Memory Module
(SIMM) for Use With Socket
D TM124MBK36F – Utilizes Two 16-Megabit
and One 4-Megabit DRAMs in Plastic
Small-Outline J-Lead (SOJ) Packages
D TM248NBK36F – Utilizes Four 16-Megabit
and Two 4-Megabit DRAMs in Plastic
Small-Outline J-Lead (SOJ) Packages
D Long Refresh Period...16 ms
(1024 Cycles)
D All Inputs, Outputs, Clocks Fully TTL
Compatible
D 3-State Output
D Common CAS Control for Nine Common
Data-In and Data-Out Lines in Four Blocks
D Enhanced Page-Mode Operation With
CAS-Before-RAS ( CBR ), RAS-Only, and
Hidden Refresh
D Presence Detect
D Performance Ranges:
ACCESS
ACCESS ACCESS READ
TIME
TIME
TIME
OR
tRAC
tAA
tCAC
WRITE
CYCLE
(MAX)
(MAX)
(MAX)
(MIN)
’124MBK36F-60 60 ns
30 ns
15 ns
110 ns
’124MBK36F-70 70 ns
35 ns
18 ns
130 ns
’124MBK36F-80 80 ns
40 ns
20 ns
150 ns
’248NBK36F-60
60 ns
30 ns
15 ns
110 ns
’248NBK36F-70
70 ns
35 ns
18 ns
130 ns
’248NBK36F-80
80 ns
40 ns
20 ns
150 ns
D Low Power Dissipation
D Operating Free-Air Temperature Range:
0
°C to 70°C
D Gold-Tabbed Versions Available:
– TM124MBK36F
– TM248NBK36F
D Tin-Lead (Solder) Tabbed Versions
Available:
– TM124MBK36U
– TM248NBK36U
description
TM124MBK36F
The TM124MBK36F is a 4-MByte dynamic random-access memory (DRAM) organized as four times
1 048 576
× 9 in a 72-pin single-in-line memory module (SIMM). The SIMM is composed of two TMS418160DZ,
1 048 576
× 16-bit dynamic RAMs, each in a 42-lead plastic small-outline J-lead (SOJ) package and one
TMS44460DJ, 1 048 576
× 4-bit DRAM in a 24/26-lead plastic small-outline J-lead (SOJ) package mounted on
a substrate with decoupling capacitors. The TMS418160DZ and TMS44460DJ are described in the
TMS418160 and TMS44460 data sheets, respectively. The TM124MBK36F SIMM is available in the
single-sided BK leadless module for use with sockets.
TM248NBK36F
The TM248NBK36F is an 8-MByte DRAM organized as four times 2 097 152
× 9 in a 72-pin single-in-line
memory module (SIMM). The SIMM is composed of four TMS418160DZ, 1 048 576
× 16-bit dynamic RAMs,
each in a 42-lead plastic small-outline J-lead ( SOJ ) package and two TMS44460DJ, 1 048 576
× 4-bit DRAMs,
each in a 24 / 26-lead plastic small-outline (SOJ) package mounted on a substrate with decoupling capacitors.
The TMS418160DZ and TMS44460DJ are described in the TMS418160 and TMS44460 data sheets,
respectively. The TM248NBK36F SIMM is available in the double-sided BK leadless module for use with
sockets.
operation
The TM124MBK36F operates as two TMS418160DZs and one TMS44460DJ connected as shown in the
functional block diagram and NO TAG. The TM248NBK36F operates as four TMS418160DZs and two
TMS44460DJs connected as shown in the functional block diagram and NO TAG. The common I / O feature
dictates the use of early write cycles to prevent contention on D and Q.
† Part numbers in this data sheet are for the gold-tabbed version; the information applies to both gold-tabbed and solder-tabbed versions.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1995, Texas Instruments Incorporated


Similar Part No. - TM248NBK36U

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM248NBK36B TI-TM248NBK36B Datasheet
156Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM248NBK36B-60 TI-TM248NBK36B-60 Datasheet
156Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM248NBK36B-70 TI-TM248NBK36B-70 Datasheet
156Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM248NBK36B-80 TI-TM248NBK36B-80 Datasheet
156Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM248NBK36C TI1-TM248NBK36C Datasheet
160Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
More results

Similar Description - TM248NBK36U

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM364035S SIEMENS-HYM364035S Datasheet
476Kb / 10P
   4M x 36-Bit EDO-DRAM Module
HYM368025S SIEMENS-HYM368025S Datasheet
104Kb / 10P
   8M x 36-Bit EDO - DRAM Module
HYM364025S SIEMENS-HYM364025S Datasheet
55Kb / 10P
   4M x 36-Bit EDO - DRAM Module
HYM368035S SIEMENS-HYM368035S Datasheet
557Kb / 10P
   8M x 36-Bit EDO-DRAM Module
logo
OKI electronic componet...
MSC23436A OKI-MSC23436A Datasheet
556Kb / 8P
   4,194,304-Word x 36-Bit DRAM MODULE : FAST PAGE TYPE
MSC23136C OKI-MSC23136C Datasheet
599Kb / 8P
   1,048,576-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23836AA OKI-MSC23836AA Datasheet
610Kb / 8P
   8,388,608-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23236C OKI-MSC23236C Datasheet
626Kb / 8P
   2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23837A OKI-MSC23837A Datasheet
72Kb / 8P
   8,388,608-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23B236A OKI-MSC23B236A Datasheet
65Kb / 8P
   2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com