Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM124MBK36U-70 Datasheet(PDF) 5 Page - Texas Instruments

Part # TM124MBK36U-70
Description  36-BIT DRAM MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM124MBK36U-70 Datasheet(HTML) 5 Page - Texas Instruments

  TM124MBK36U-70 Datasheet HTML 1Page - Texas Instruments TM124MBK36U-70 Datasheet HTML 2Page - Texas Instruments TM124MBK36U-70 Datasheet HTML 3Page - Texas Instruments TM124MBK36U-70 Datasheet HTML 4Page - Texas Instruments TM124MBK36U-70 Datasheet HTML 5Page - Texas Instruments TM124MBK36U-70 Datasheet HTML 6Page - Texas Instruments TM124MBK36U-70 Datasheet HTML 7Page - Texas Instruments TM124MBK36U-70 Datasheet HTML 8Page - Texas Instruments TM124MBK36U-70 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TM124MBK36F, TM124MBK36U 1048576 BY 36-BIT DRAM MODULE
TM248NBK36F, TM248NBK36U 2097152 BY 36-BIT DRAM MODULE
SMMS650A – APRIL 1995 – REVISED JUNE 1995
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
– 1 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range on any pin (see Note 1)
– 1 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Short-circuit output current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation
TM124MBK36F, TM124MBK36U
3 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TM248NBK36F, TM248NBK36U
6 W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: All voltage values are with respect to VSS.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2.4
6.5
V
VIL
Low-level input voltage (see Note 2)
– 1
0.8
V
TA
Operating free-air temperature
0
70
°C
NOTE 2: The algebraic convention, where the more negative (less positive) limit is designated as minimum, is used for logic-voltage levels only.
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
’124MBK36F - 60
’124MBK36F - 70
’124MBK36F - 80
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VOH High-level output voltage
IOH = – 5 mA
2.4
2.4
2.4
V
VOL
Low-level output voltage
IOL = 4.2 mA
0.4
0.4
0.4
V
II
Input current (leakage)
VCC = 5.5 V, VI = 0 V to 6.5 V,
All other pins = 0 V to VCC
± 10
± 10
± 10
µA
IO
Output current (leakage)
VCC = 5.5 V,
VO = 0 V to VCC,
CAS high
± 10
± 10
± 10
µA
ICC1
Read- or write-cycle
current
VCC = 5.5 V, Minimum cycle
285
250
220
mA
ICC2 Standby current
VIH = 2.4 V (TTL),
After 1 memory cycle,
RAS and CAS high
6
6
6
mA
ICC2 Standby current
VIH = VCC – 0.2 V (CMOS),
After 1 memory cycle,
RAS and CAS high
3
3
3
mA
ICC3
Average refresh current
(RAS only or CBR)
VCC = 5.5 V, Minimum cycle,
RAS cycling,
CAS high (RAS only);
RAS low after CAS low (CBR)
285
250
220
mA
ICC4 Average page current
VCC = 5.5 V, tPC = MIN,
RAS low,
CAS cycling
250
220
190
mA


Similar Part No. - TM124MBK36U-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124MBK36B TI-TM124MBK36B Datasheet
156Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBK36B-60 TI-TM124MBK36B-60 Datasheet
156Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBK36B-70 TI-TM124MBK36B-70 Datasheet
156Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBK36B-80 TI-TM124MBK36B-80 Datasheet
156Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
TM124MBK36C TI1-TM124MBK36C Datasheet
160Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULE
More results

Similar Description - TM124MBK36U-70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYM364035S SIEMENS-HYM364035S Datasheet
476Kb / 10P
   4M x 36-Bit EDO-DRAM Module
HYM368025S SIEMENS-HYM368025S Datasheet
104Kb / 10P
   8M x 36-Bit EDO - DRAM Module
HYM364025S SIEMENS-HYM364025S Datasheet
55Kb / 10P
   4M x 36-Bit EDO - DRAM Module
HYM368035S SIEMENS-HYM368035S Datasheet
557Kb / 10P
   8M x 36-Bit EDO-DRAM Module
logo
OKI electronic componet...
MSC23436A OKI-MSC23436A Datasheet
556Kb / 8P
   4,194,304-Word x 36-Bit DRAM MODULE : FAST PAGE TYPE
MSC23136C OKI-MSC23136C Datasheet
599Kb / 8P
   1,048,576-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23836AA OKI-MSC23836AA Datasheet
610Kb / 8P
   8,388,608-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23236C OKI-MSC23236C Datasheet
626Kb / 8P
   2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23837A OKI-MSC23837A Datasheet
72Kb / 8P
   8,388,608-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
MSC23B236A OKI-MSC23B236A Datasheet
65Kb / 8P
   2,097,152-Word x 36-Bit DRAM MODULE : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com