Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM497GU8-70 Datasheet(PDF) 1 Page - Texas Instruments

Part # TM497GU8-70
Description  4194304-WORD BY 8-BIT DYNAMIC RAM MODULE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM497GU8-70 Datasheet(HTML) 1 Page - Texas Instruments

  TM497GU8-70 Datasheet HTML 1Page - Texas Instruments TM497GU8-70 Datasheet HTML 2Page - Texas Instruments TM497GU8-70 Datasheet HTML 3Page - Texas Instruments TM497GU8-70 Datasheet HTML 4Page - Texas Instruments TM497GU8-70 Datasheet HTML 5Page - Texas Instruments TM497GU8-70 Datasheet HTML 6Page - Texas Instruments TM497GU8-70 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TM497GU8
4194304-WORD BY 8-BIT
DYNAMIC RAM MODULE
SMMS498A– APRIL 1994 – REVISED JUNE 1995
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D Organization...4194304 × 8
D Single 5-V Power Supply (±10% Tolerance)
D 30-Pin Single-In-Line Memory Module
(SIMM) for Use With Sockets
D Utilizes Two 16-Megabit Dynamic RAMs in
Plastic Small-Outline J-Lead (SOJ)
Packages
D Long Refresh Period
32 ms (2048 Cycles)
D All Inputs, Outputs, Clocks Fully TTL
Compatible
D 3-State Output
D Performance Ranges:
ACCESS
ACCESS ACCESS READ OR
TIME
TIME
TIME
WRITE
tRAC
tAA
tCAC
CYCLE
(MAX)
(MAX)
(MAX)
(MIN)
’497GU8-60
60 ns
30 ns
15 ns
110 ns
’497GU8-70
70 ns
35 ns
18 ns
130 ns
’497GU8-80
80 ns
40 ns
20 ns
150 ns
D Common CAS Control for Eight Common
Data-In and Data-Out Lines
D Low Power Dissipation
D Operating Free-Air Temperature Range
0
°C to 70°C
D Enhanced Page-Mode Operation With
CAS-Before-RAS ( CBR ), RAS-Only, and
Hidden Refresh
description
The
TM497GU8
is
a
4M-byte
dynamic
random-access memory module organized as
4 194 304
× 8 bits in a 30-pin leadless single-in-line
memory module (SIMM).
The SIMM is composed of two TMS417400DJ,
4 194 304
× 4-bit dynamic RAMs in 24/26-lead
plastic small-outline J-lead (SOJ) packages
mounted on a substrate with decoupling capaci-
tors.
The TM497GU8 is available in the U single-sided,
leadless module for use with sockets and is
characterized for operation from 0
°C to 70°C.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
PIN NOMENCLATURE
A0 – A10
Address Inputs
CAS
Column-Address Strobe
DQ1 – DQ8
Data In / Data Out
NC
No Internal Connection
RAS
Row-Address Strobe
VCC
5-V Supply
VSS
Ground
W
Write Enable
U SINGLE-IN-LINE PACKAGE
( TOP VIEW )
VCC
CAS
DQ1
A0
A1
DQ2
A2
A3
VSS
DQ3
A4
A5
DQ4
A6
A7
DQ5
A8
A9
A10
DQ6
W
VSS
DQ7
NC
DQ8
NC
RAS
NC
NC
VCC
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1995, Texas Instruments Incorporated


Similar Part No. - TM497GU8-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM497BBK32 TI-TM497BBK32 Datasheet
118Kb / 9P
[Old version datasheet]   4194304 BY 32-BIT DYNAMIC RAM MODULE
TM497BBK32-60 TI-TM497BBK32-60 Datasheet
118Kb / 9P
[Old version datasheet]   4194304 BY 32-BIT DYNAMIC RAM MODULE
TM497BBK32-70 TI-TM497BBK32-70 Datasheet
118Kb / 9P
[Old version datasheet]   4194304 BY 32-BIT DYNAMIC RAM MODULE
TM497BBK32-80 TI-TM497BBK32-80 Datasheet
118Kb / 9P
[Old version datasheet]   4194304 BY 32-BIT DYNAMIC RAM MODULE
TM497BBK32H TI1-TM497BBK32H Datasheet
172Kb / 12P
[Old version datasheet]   DYNAMIC RAM MODULES
More results

Similar Description - TM497GU8-70

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM497EU9 TI-TM497EU9 Datasheet
88Kb / 7P
[Old version datasheet]   4194304-WORD BY 9-BIT DYNAMIC RAM MODULE
logo
List of Unclassifed Man...
HM5117400AS7GS ETC1-HM5117400AS7GS Datasheet
34Kb / 2P
   CMOS 4194304 WORD 8-BIT DYNAMIC RAM
logo
Texas Instruments
TM497MBK36Q TI1-TM497MBK36Q Datasheet
125Kb / 9P
[Old version datasheet]   4194304 BY 36-BIT DYNAMIC RAM MODULE
TM497BBK32 TI-TM497BBK32 Datasheet
118Kb / 9P
[Old version datasheet]   4194304 BY 32-BIT DYNAMIC RAM MODULE
TM4100EAD9 TI1-TM4100EAD9 Datasheet
113Kb / 9P
[Old version datasheet]   4194304 BY 9-BIT DYNAMIC RAM MODULE
logo
Mitsubishi Electric Sem...
M5M44800CJ MITSUBISHI-M5M44800CJ Datasheet
209Kb / 21P
   FAST PAGE MODE 4194304-BIT (524288-WORD BY 8-BIT) DYNAMIC RAM
MH4M36CJD-5 MITSUBISHI-MH4M36CJD-5 Datasheet
130Kb / 14P
   FAST PAGE MODE ( 4194304-WORD BY 36-BIT ) DYNAMIC RAM
logo
Renesas Technology Corp
M5M5V408BFP RENESAS-M5M5V408BFP Datasheet
151Kb / 10P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M54R08J-12 MITSUBISHI-M5M54R08J-12 Datasheet
57Kb / 6P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
M5M5V408BFP MITSUBISHI-M5M5V408BFP Datasheet
162Kb / 14P
   4194304-BIT (524288-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com