Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM893GBK32H-60 Datasheet(PDF) 7 Page - Texas Instruments

Part # TM893GBK32H-60
Description  EXTENDED-DATA-OUT DYNAMIC RAM MODULES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM893GBK32H-60 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TM893GBK32H-60 Datasheet HTML 3Page - Texas Instruments TM893GBK32H-60 Datasheet HTML 4Page - Texas Instruments TM893GBK32H-60 Datasheet HTML 5Page - Texas Instruments TM893GBK32H-60 Datasheet HTML 6Page - Texas Instruments TM893GBK32H-60 Datasheet HTML 7Page - Texas Instruments TM893GBK32H-60 Datasheet HTML 8Page - Texas Instruments TM893GBK32H-60 Datasheet HTML 9Page - Texas Instruments TM893GBK32H-60 Datasheet HTML 10Page - Texas Instruments TM893GBK32H-60 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TM497FBK32H, TM497FBK32I 4194304 BY 32BIT
TM893GBK32H, TM893GBK32I 8388608 BY 32BIT
EXTENDEDDATAOUT DYNAMIC RAM MODULES
SMMS674A − MARCH 1997 − REVISED SEPTEMBER 1997
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
’893GBK32H / I-50
’893GBK32H / I-60
’893GBK32H / I-70
UNIT
PARAMETER
TEST CONDITIONS†
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
High-level output
voltage
IOH = − 5 mA
2.4
2.4
2.4
V
VOL
Low-level output
voltage
IOL = 4.2 mA
0.4
0.4
0.4
V
II
Input current
(leakage)
VCC = 5.5 V,
VI = 0 V to 6.5 V,
All others = 0 V to VCC
± 20
± 20
± 20
µA
IO
Output current
(leakage)
VCC = 5.5 V,
VO = 0 V to VCC,
CASx high
± 20
± 20
± 20
µA
ICC1
Read- or write-cycle
current
(see Note 3)
VCC = 5.5 V,
Minimum cycle
1056
896
816
mA
ICC2 Standby current
VIH = 2.4 V (TTL),
After one memory cycle,
RASx and CASx high
32
32
32
mA
ICC2 Standby current
VIH = VCC − 0.2 V (CMOS),
After one memory cycle,
RASx and CASx high
16
16
16
mA
ICC3
Average refresh
current
(RAS only or CBR)
(see Note 3)
VCC = 5.5 V,
RASx cycling,
(RASx only);
Minimum cycle
CASx low (CBR) CASx high
RASx low after
2080
1760
1600
mA
ICC4
Average page
current
(see Note 4)
VCC = 5.5 V,
tPC = MIN,
RASx low,
CASx cycling
1760
1440
1280
mA
† For test conditions shown as MIN / MAX, use the appropriate value specified under recommended operating conditions.
NOTES:
3. Measured with a maximum of one address change while RAS = VIL
4. Measured with a maximum of one address change while CAS = VIH
capacitance over recommended ranges of supply voltage and operating free-air temperature,
f = 1 MHz (see Note 5)
PARAMETER
TM497FBK32H / I
TM893GBK32H / I
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
Ci(A)
Input capacitance, address inputs
50
80
pF
Ci(R)
Input capacitance, RAS inputs
28
33
pF
Ci(C)
Input capacitance, CAS inputs
17
28
pF
Ci(W)
Input capacitance, write-enable input
66
112
pF
Co(DQ) Output capacitance on DQ pins
9
14
pF
NOTE 5: VCC = 5 V ± 0.5 V, and the bias on pins under test is 0 V.


Similar Part No. - TM893GBK32H-60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM893GBK32 TI-TM893GBK32 Datasheet
170Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM893GBK32G TI1-TM893GBK32G Datasheet
174Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM893GBK32R TI1-TM893GBK32R Datasheet
174Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM893GBK32S TI-TM893GBK32S Datasheet
170Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM893GBK32S-60 TI-TM893GBK32S-60 Datasheet
170Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
More results

Similar Description - TM893GBK32H-60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM4EN64KPU TI1-TM4EN64KPU Datasheet
328Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32G TI1-TM497FBK32G Datasheet
174Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM2EP64DJN TI1-TM2EP64DJN Datasheet
679Kb / 43P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM497FBK32 TI-TM497FBK32 Datasheet
170Kb / 12P
[Old version datasheet]   EXTENDED DATA OUT DYNAMIC RAM MODULES
TM4EP64BJN TI-TM4EP64BJN Datasheet
354Kb / 22P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES
TM2EJ64DPN TI1-TM2EJ64DPN Datasheet
312Kb / 20P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??SODIMM
TM4EP72BJB TI1-TM4EP72BJB Datasheet
248Kb / 13P
[Old version datasheet]   EXTENDED-DATA-OUT BUFFERED DYNAMIC RAM MODULES
TM4EJ64KPU TI1-TM4EJ64KPU Datasheet
378Kb / 24P
[Old version datasheet]   EXTENDED-DATA-OUT DYNAMIC RAM MODULES ??? SODIMM
logo
Samsung semiconductor
K4E660412E SAMSUNG-K4E660412E Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com