Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM497BBK32I-60 Datasheet(PDF) 1 Page - Texas Instruments

Part # TM497BBK32I-60
Description  DYNAMIC RAM MODULES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM497BBK32I-60 Datasheet(HTML) 1 Page - Texas Instruments

  TM497BBK32I-60 Datasheet HTML 1Page - Texas Instruments TM497BBK32I-60 Datasheet HTML 2Page - Texas Instruments TM497BBK32I-60 Datasheet HTML 3Page - Texas Instruments TM497BBK32I-60 Datasheet HTML 4Page - Texas Instruments TM497BBK32I-60 Datasheet HTML 5Page - Texas Instruments TM497BBK32I-60 Datasheet HTML 6Page - Texas Instruments TM497BBK32I-60 Datasheet HTML 7Page - Texas Instruments TM497BBK32I-60 Datasheet HTML 8Page - Texas Instruments TM497BBK32I-60 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TM497BBK32H, TM497BBK32I 4194304 BY 32-BIT
TM893CBK32H, TM893CBK32I 8388608 BY 32-BIT
DYNAMIC RAM MODULES
SMMS675A – MARCH 1997 – REVISED APRIL 1997
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D Organization
– TM497BBK32H / I: 4 194 304 x 32
– TM893CBK32H / I: 8 388 608 x 32
D Single 5-V Power Supply (±10% Tolerance)
D 72-Pin Single-In-Line Memory Module
(SIMM) for Use With Sockets
D TM497BBK32H/I – Uses Eight 16M-Bit
Dynamic Random-Access Memory (DRAM)
Devices in Plastic Small-Outline J-Lead
(SOJ) Packages
D TM893CBK32H/I – Uses Sixteen 16M-Bit
DRAMs in Plastic SOJ Packages
D Long Refresh Period
32 ms (2 048 Cycles)
D All Inputs, Outputs, Clocks Fully
TTL-Compatible
D 3-State Output
D Common CAS Control for Eight Common
Data-In and Data-Out Lines in Four Blocks
D Enhanced Page Mode Operation With
CAS-Before-RAS ( CBR ), RAS-Only, and
Hidden Refresh
D Presence Detect
D Performance Ranges:
ACCESS ACCESS ACCESS
READ
TIME
TIME
TIME
OR
tRAC
tAA
tCAC
WRITE
CYCLE
(MAX)
(MAX)
(MAX)
(MIN)
’497BBK32H / I-50 50 ns
25 ns
13 ns
90 ns
’497BBK32H / I-60 60 ns
30 ns
15 ns
110 ns
’497BBK32H / I-70 70 ns
35 ns
18 ns
130 ns
’893CBK32H / I-50 50 ns
25 ns
13 ns
90 ns
’893CBK32H / I-60 60 ns
30 ns
15 ns
110 ns
’893CBK32H / I-70 70 ns
35 ns
18 ns
130 ns
D Low Power Dissipation
D Operating Free-Air Temperature Range
0
°C to 70°C
D Gold-Tabbed Version Available:
TM497BBK32H, TM893CBK32H
D Tin-Lead (Solder-) Tabbed Version
Available: TM497BBK32I, TM893CBK32I
description
The TM497BBK32H/I is a 16M-byte dynamic random-access memory (DRAM) device organized as 4
×
4 194 304
× 8 bits in a 72-pin leadless single-in-line memory module (SIMM). The SIMM is composed of eight
TMS417400ADJ, 4 194 304
× 4-bit DRAMs, each in 24/26-lead plastic small-outline J-lead (SOJ) packages
mounted on a substrate with decoupling capacitors. The TMS417400ADJ is described in the TMS417400A data
sheet (literature number SMKS889).
The TM497BBK32H/I SIMM is available in the single-sided BK leadless module for use with sockets. The
TM497BBK32H/ I features RAS access times of 50, 60, and 70 ns. This device is characterized for operation
from 0
°C to 70°C.
The TM893CBK32H / I is a 32M-byte DRAM organized as 4
8 388 608
× 8 bits in a 72-pin leadless SIMM. The
SIMM is composed of sixteen TMS417400ADJ, 4 194 304
× 4-bit DRAMs.
The TM893CBK32H / I SIMM is available in the double-sided BK leadless module for use with sockets. The
TM893CBK32H/ I features RAS access times of 50, 60, and 70 ns. This device is characterized for operation
from 0
°C to 70°C.
operation
The TM497BBK32H / I operates as eight TMS417400ADJs connected as shown in the functional block diagram
and in Table 1. The common I/O feature dictates the use of early write cycles to prevent contention on D and
Q.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
† Part numbers in this data sheet are for the gold-tabbed version; the information applies to both gold-tabbed and solder-tabbed versions.
Copyright
© 1997, Texas Instruments Incorporated


Similar Part No. - TM497BBK32I-60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM497BBK32 TI-TM497BBK32 Datasheet
118Kb / 9P
[Old version datasheet]   4194304 BY 32-BIT DYNAMIC RAM MODULE
TM497BBK32-60 TI-TM497BBK32-60 Datasheet
118Kb / 9P
[Old version datasheet]   4194304 BY 32-BIT DYNAMIC RAM MODULE
TM497BBK32-70 TI-TM497BBK32-70 Datasheet
118Kb / 9P
[Old version datasheet]   4194304 BY 32-BIT DYNAMIC RAM MODULE
TM497BBK32-80 TI-TM497BBK32-80 Datasheet
118Kb / 9P
[Old version datasheet]   4194304 BY 32-BIT DYNAMIC RAM MODULE
TM497BBK32S TI-TM497BBK32S Datasheet
118Kb / 9P
[Old version datasheet]   4194304 BY 32-BIT DYNAMIC RAM MODULE
More results

Similar Description - TM497BBK32I-60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124BBK32H TI1-TM124BBK32H Datasheet
146Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULES
TM124FBK32H TI1-TM124FBK32H Datasheet
147Kb / 9P
[Old version datasheet]   DYNAMIC RAM MODULES
TM124FBK32 TI-TM124FBK32 Datasheet
158Kb / 11P
[Old version datasheet]   DYNAMIC RAM MODULES
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPH TI1-TM2SR72EPH Datasheet
268Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPN TI1-TM2SR72EPN Datasheet
266Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com