Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM893NBM36Q Datasheet(PDF) 2 Page - Texas Instruments

Part # TM893NBM36Q
Description  DYNAMIC RANDOM-ACCESS MEMORY MODULES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM893NBM36Q Datasheet(HTML) 2 Page - Texas Instruments

  TM893NBM36Q Datasheet HTML 1Page - Texas Instruments TM893NBM36Q Datasheet HTML 2Page - Texas Instruments TM893NBM36Q Datasheet HTML 3Page - Texas Instruments TM893NBM36Q Datasheet HTML 4Page - Texas Instruments TM893NBM36Q Datasheet HTML 5Page - Texas Instruments TM893NBM36Q Datasheet HTML 6Page - Texas Instruments TM893NBM36Q Datasheet HTML 7Page - Texas Instruments TM893NBM36Q Datasheet HTML 8Page - Texas Instruments TM893NBM36Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TM497MBM36A, TM497MBM36Q 4194304 BY 36-BIT
TM893NBM36A, TM893NBM36Q 8388608 BY 36-BIT
DYNAMIC RANDOM-ACCESS MEMORY MODULES
SMMS653B – MAY 1995 – REVISED JULY 1995
2
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
operation
TM497MBM36A
The TM497MBM36A operates as eight TMS417400DJs and four TMS44100DJs connected as shown in the
functional block diagram and in Table 1. The common I / O feature dictates the use of early-write cycles to prevent
contention on D and Q.
TM893NBM36A
The TM893NBM36A operates as sixteen TMS417400DJs and eight TMS44100DJs connected as shown in the
functional block diagram and in Table 1. The common I / O feature dictates the use of early-write cycles to prevent
contention on D and Q.
refresh
The refresh period is extended to 32 ms, and, during this period, each of the 2 048 rows must be strobed with
RAS in order to retain data. Address line A10 must be used as the most significant refresh address line (lowest
frequency) to ensure correct refresh for both TMS417400 and TMS44100. Address lines A0 – A9 must be
refreshed every 16 ms as required by the TMS44100 DRAM. To conserve power, CAS can remain high during
the refresh sequence.
power up
To achieve proper operation, an initial pause of 200
µs followed by a minimum of eight initialization cycles is
required after full VCC level is achieved. These eight initialization cycles must include at least one refresh
(RAS-only or CBR-refresh) cycle.
Table 1. Connection Table
DATA BLOCK
RASx
CASx
DATA BLOCK
SIDE 1
SIDE 2 †
CASx
DQ0 – DQ7
DQ8
RAS0
RAS1
CAS0
DQ9 – DQ16
DQ17
RAS0
RAS1
CAS1
DQ18 – DQ25
DQ26
RAS2
RAS3
CAS2
DQ27 – DQ34
DQ35
RAS2
RAS3
CAS3
† Side 2 applies to the TM893NBM36A.
single in-line memory module and components
PC substrate: 1, 27
± 0,1 mm (0.05 inch) nominal thickness; inch/inch maximum warpage
Bypass capacitors: Multilayer ceramic
Contact area for TM497MBM36A and TM893NBM36A: Nickel plate and gold plate over copper
Contact area for TM497MBM36Q and TM893NBM36Q: Nickel plate and tin / lead over copper


Similar Part No. - TM893NBM36Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM893NBM36H TI1-TM893NBM36H Datasheet
165Kb / 11P
[Old version datasheet]   DYNAMIC RANDOM-ACCESS MEMORY MODULES
TM893NBM36I TI1-TM893NBM36I Datasheet
165Kb / 11P
[Old version datasheet]   DYNAMIC RANDOM-ACCESS MEMORY MODULES
More results

Similar Description - TM893NBM36Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM893NBM36H TI1-TM893NBM36H Datasheet
165Kb / 11P
[Old version datasheet]   DYNAMIC RANDOM-ACCESS MEMORY MODULES
logo
ACCUTEK MICROCIRCUIT CO...
AK594096BS ACCUTEK-AK594096BS_09 Datasheet
76Kb / 2P
   Dynamic Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW_09 Datasheet
66Kb / 2P
   Dynamic Random Access Memory
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
   Dynamic Random Access Memory
AK5361024BW ACCUTEK-AK5361024BW_09 Datasheet
65Kb / 2P
   Dynamic Random Access Memory
AK581024AG ACCUTEK-AK581024AG_09 Datasheet
78Kb / 2P
   Dynamic Random Access Memory
AK5816384S ACCUTEK-AK5816384S_09 Datasheet
0Kb / 2P
   Dynamic Random Access Memory
AK532256AW ACCUTEK-AK532256AW_09 Datasheet
62Kb / 2P
   Dynamic Random Access Memory
AK532256W ACCUTEK-AK532256W_09 Datasheet
67Kb / 2P
   Dynamic Random Access Memory
AK5322048BW ACCUTEK-AK5322048BW_09 Datasheet
72Kb / 2P
   Dynamic Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com