Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP320C31KGDB Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP320C31KGDB
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIES
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP320C31KGDB Datasheet(HTML) 3 Page - Texas Instruments

  TMP320C31KGDB Datasheet HTML 1Page - Texas Instruments TMP320C31KGDB Datasheet HTML 2Page - Texas Instruments TMP320C31KGDB Datasheet HTML 3Page - Texas Instruments TMP320C31KGDB Datasheet HTML 4Page - Texas Instruments TMP320C31KGDB Datasheet HTML 5Page - Texas Instruments TMP320C31KGDB Datasheet HTML 6Page - Texas Instruments TMP320C31KGDB Datasheet HTML 7Page - Texas Instruments TMP320C31KGDB Datasheet HTML 8Page - Texas Instruments TMP320C31KGDB Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TMP320C31KGDB, SMJ320C31KGDB, SMJ320LC31KGDB
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
KNOWN GOOD DIES
SGUS023B − APRIL 1997 − REVISED OCTOBER 2001
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
JEDEC STANDARD
D Die thickness is approximately 15 mils ± 1 mil.
D Backside surface finish is silicon.
D Maximum allowable die junction operating temperature is 175°C.
D Glassivation material is compressive nitride.
D Bond pad metal is composed of copper-doped aluminum.
D Percentage of defect allowed for burned-in die is 5%.
D Life test data is available.
D Configuration control notification.
D Group A attribute summary is available (SMJ only).
D Suggested die-attach material is silver glass (QMI 2569F).
D Suggested bond wire size is 1.25 mils.
D Suggested bonding method is gold-ball bonding.
D ESD rating is Class II.
D Maximum allowable peak process temperature for die attach is 440°C ± 5°C (for QMI 2569F).
D Saw kerf is dependent on blade size used.
D Die backside potential is grounded.


Similar Part No. - TMP320C31KGDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP320C203 TI1-TMP320C203 Datasheet
1Mb / 84P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMP320C2811GHHA TI-TMP320C2811GHHA Datasheet
1Mb / 147P
[Old version datasheet]   TMS320R2811, TMS320R2812 Digital Signal Processors
TMP320C2811GHHQ TI-TMP320C2811GHHQ Datasheet
1Mb / 147P
[Old version datasheet]   TMS320R2811, TMS320R2812 Digital Signal Processors
TMP320C2811GHHS TI-TMP320C2811GHHS Datasheet
1Mb / 147P
[Old version datasheet]   TMS320R2811, TMS320R2812 Digital Signal Processors
TMP320C2811PBKA TI-TMP320C2811PBKA Datasheet
1Mb / 147P
[Old version datasheet]   TMS320R2811, TMS320R2812 Digital Signal Processors
More results

Similar Description - TMP320C31KGDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C40KGDD TI1-SMJ320C40KGDD Datasheet
200Kb / 14P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIES
TMP320C40KGDC TI-TMP320C40KGDC Datasheet
180Kb / 14P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIES
SMJ320C30KGDM40C TI1-SMJ320C30KGDM40C Datasheet
133Kb / 10P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
SMJ320C30KGDB TI-SMJ320C30KGDB Datasheet
116Kb / 9P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
SMJ320C50KGDC TI1-SMJ320C50KGDC Datasheet
119Kb / 7P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
TMP320C50KGD TI1-TMP320C50KGD_14 Datasheet
153Kb / 8P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
TMP320C50KGD TI-TMP320C50KGD Datasheet
81Kb / 6P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR KNOWN GOOD DIE
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com