Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC2301KV Datasheet(PDF) 7 Page - Texas Instruments

Part # TPIC2301KV
Description  3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC2301KV Datasheet(HTML) 7 Page - Texas Instruments

  TPIC2301KV Datasheet HTML 1Page - Texas Instruments TPIC2301KV Datasheet HTML 2Page - Texas Instruments TPIC2301KV Datasheet HTML 3Page - Texas Instruments TPIC2301KV Datasheet HTML 4Page - Texas Instruments TPIC2301KV Datasheet HTML 5Page - Texas Instruments TPIC2301KV Datasheet HTML 6Page - Texas Instruments TPIC2301KV Datasheet HTML 7Page - Texas Instruments TPIC2301KV Datasheet HTML 8Page - Texas Instruments TPIC2301KV Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TPIC2301
3-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
SLIS018 – SEPTMEBER 1992
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
t – Time –
µs
0
100
150
200
250
300
350
400
450
0
5
10
15
20
25
2
4
6
8
10
50
30
35
40
12
14
16
Drain-Source Voltage
Gate-Source
Voltage
500
VDS = 25 V
RL = 7.5 Ω
IG = 100 µA
TC = 25°C
VDS = 37.5 V
VDS = 12.5 V
VDS = 37.5 V
VDS = 25 V
Figure 13. Resistive Switching Waveforms


Similar Part No. - TPIC2301KV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2302 TI-TPIC2302 Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
TPIC2302D TI-TPIC2302D Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
TPIC2302DR TI-TPIC2302DR Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
More results

Similar Description - TPIC2301KV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2322L TI-TPIC2322L Datasheet
264Kb / 13P
[Old version datasheet]   3-CHANNEL COMMON-SOURCE LOGIC-LEVEL POWER DMOS ARRAY
TPIC2601 TI-TPIC2601 Datasheet
186Kb / 10P
[Old version datasheet]   6-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI1-TPIC2701_12 Datasheet
342Kb / 18P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2401 TI1-TPIC2401 Datasheet
214Kb / 10P
[Old version datasheet]   4-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2701 TI-TPIC2701 Datasheet
245Kb / 15P
[Old version datasheet]   7-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC2202 TI1-TPIC2202 Datasheet
178Kb / 11P
[Old version datasheet]   2-CHANNEL COMMON-SOURCE POWER DMOS ARRAY
TPIC3302 TI1-TPIC3302_11 Datasheet
219Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC3302 TI-TPIC3302 Datasheet
170Kb / 11P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN POWER DMOS ARRAY
TPIC2302 TI-TPIC2302 Datasheet
258Kb / 13P
[Old version datasheet]   3-Channel Constant Current-SOURCE POWER DMOS ARRAY
TPIC3322L TI1-TPIC3322L Datasheet
217Kb / 12P
[Old version datasheet]   3-CHANNEL COMMON-DRAIN LOGIC-LEVEL POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com