Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1812 Datasheet(PDF) 7 Page - Sony Corporation

Part # CXA1812
Description  S-terminal Compatible Video I/O
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1812 Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA1812 Datasheet HTML 3Page - Sony Corporation CXA1812 Datasheet HTML 4Page - Sony Corporation CXA1812 Datasheet HTML 5Page - Sony Corporation CXA1812 Datasheet HTML 6Page - Sony Corporation CXA1812 Datasheet HTML 7Page - Sony Corporation CXA1812 Datasheet HTML 8Page - Sony Corporation CXA1812 Datasheet HTML 9Page - Sony Corporation CXA1812 Datasheet HTML 10Page - Sony Corporation CXA1812 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
—7—
CXA1812Q
∗Externally applied voltage
Pin
Symbol
Pin
Equivalent circuit
Description
No.
voltage
23
25
24
26
27
29
28
30
YIN1
YIN2
INSEL
GND
CIN1
CIN2
Y/VSEL
YOUTGND
2.5 V
(Sync tip)
0 V
0 V
0 V
0 V
1100
GND
VCC
40µ
23
25
150
GND
VCC
20µ
20µ
24
Video input Y signal inputs. Coupled
by means of a capacitor; in order to
keep clamp error to a minimum, keep
the input impedance as low as
possible.
Control input for switching between
signals input from Pins 23 and 25 and
from Pins 27 and 29.
Low (0 to 0.8 V) :
signals at Pins 23 and 27 are selected
High (2 V to VCC) :
signals at Pins 25 and 29 are selected
GND other than the 75
Ω driver.
Video input chroma signal inputs.
Coupled by means of a capacitor within
the IC.
Inputting a signal of –0.3 V or less may
lead waveform distortion.
Control input for switching the output
signal format for Pin 19.
Pin 19 output
Pin 21 output
Low : Y signal
Chroma signal
High : Composite
High impedance
video signal
Low (0 to 0.8 V)
High (2 V to VCC)
Y 75
Ω driver GND.
0.5Vp-p
2.5V
314mVp-p
143mVp-p
Same as for Pin 7.
Same as for Pin 6.


Similar Part No. - CXA1812

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1810 SONY-CXA1810 Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AR SONY-CXA1810AR Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1814 SONY-CXA1814 Datasheet
374Kb / 20P
   8 mm VCR ATF
CXA1814N SONY-CXA1814N Datasheet
374Kb / 20P
   8 mm VCR ATF
More results

Similar Description - CXA1812

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7624KS2 ROHM-BH7624KS2_05 Datasheet
538Kb / 17P
   PAL Video I/O Interface
BH7625KS2 ROHM-BH7625KS2_05 Datasheet
565Kb / 17P
   NTSC-PAL Video I/O Interface
logo
SHANTOU HUASHAN ELECTRO...
HS600K HUASHAN-HS600K Datasheet
192Kb / 3P
   NPN S I L I C O N T R A N S I S T O R
logo
Contec Co., Ltd
DIO-0808TY-USB CONTEC-DIO-0808TY-USB Datasheet
166Kb / 3P
   Digital I/O Terminal for USB2.0
logo
NHP Electrical Engineer...
1734-VTM NHP-1734-VTM Datasheet
430Kb / 1P
   POINT I/O VOLTAGE TERMINAL MODULE
7 June 2023,
logo
List of Unclassifed Man...
HSL-TB32-M-DIN ETC2-HSL-TB32-M-DIN Datasheet
218Kb / 1P
   32-CH I/O Terminal Base
logo
New Jersey Semi-Conduct...
1N200AR NJSEMI-1N200AR Datasheet
78Kb / 1P
   SI RECTIFIER, I(O)/I(F) S 100MA
logo
E-Tech Electronics LTD
GSMBTA06 ETL-GSMBTA06 Datasheet
211Kb / 2P
   N P N S I L I C O N T R A N S I S T O R
GSMBTA64 ETL-GSMBTA64 Datasheet
217Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GSMBTA05 ETL-GSMBTA05 Datasheet
211Kb / 2P
   N P N S I L I C O N T R A N S I S T O R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com