Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC5621L Datasheet(PDF) 8 Page - Texas Instruments

Part # TPIC5621L
Description  SIX-OUTPUT POWER DMOS ARRAY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC5621L Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPIC5621L Datasheet HTML 4Page - Texas Instruments TPIC5621L Datasheet HTML 5Page - Texas Instruments TPIC5621L Datasheet HTML 6Page - Texas Instruments TPIC5621L Datasheet HTML 7Page - Texas Instruments TPIC5621L Datasheet HTML 8Page - Texas Instruments TPIC5621L Datasheet HTML 9Page - Texas Instruments TPIC5621L Datasheet HTML 10Page - Texas Instruments TPIC5621L Datasheet HTML 11Page - Texas Instruments TPIC5621L Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TPIC5621L
SIXOUTPUT POWER DMOS ARRAY
SLIS033 − JUNE 1994
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
SOURCE-TO-DRAIN DIODE CURRENT
vs
SOURCE-TO-DRAIN VOLTAGE
VSD − Source-to-Drain Voltage − V
CAPACITANCE
vs
DRAIN-TO-SOURCE VOLTAGE
120
80
40
0
160
200
240
04
8
12
16
400
360
320
280
VDS − Drain-to-Source Voltage − V
0.6
0.4
0.2
0.1
1
2
4
6
0.1
10
1
f = 1 MHz
VGS = 0
TJ = 25°C
8
20
24
28
32
36
40
Coss
Crss
Ciss
TJ = − 40°C
TJ = 25°C
TJ = 75°C
TJ = 150°C
TJ = 125°C
VGS = 0
Figure 11
Figure 12
REVERSE RECOVERY TIME
vs
REVERSE di/dt
Reverse di/dt − A/
µs
200
100
50
0
0
100
200
300
400
500
600
250
150
DRAIN-TO-SOURCE AND GATE-TO-SOURCE VOLTAGE
vs
GATE CHARGE
Qg − Gate Charge − nC
0
0.5
1
1.5
2
2.5
3
3.5
4
30
20
10
0
40
50
60
ID = 0.5 A
TJ = 25°C
See Figure 3
3
2
1
0
4
5
6
VDS = 20 V
VDS = 48 V
VDS = 20 V
VDS = 30 V
Z4, Z5, and Z6
VDS = 48 V
VGS = 0
IS = 0.5 A
TJ = 25°C
See Figure 1
Z1, Z2, and Z3
Figure 13
Figure 14


Similar Part No. - TPIC5621L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC5601 TI1-TPIC5601 Datasheet
228Kb / 13P
[Old version datasheet]   3-PHASE BRIDGE POWER DMOS ARRAY
TPIC5601DW TI1-TPIC5601DW Datasheet
228Kb / 13P
[Old version datasheet]   3-PHASE BRIDGE POWER DMOS ARRAY
More results

Similar Description - TPIC5621L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC5201 TI1-TPIC5201 Datasheet
242Kb / 12P
[Old version datasheet]   DUAL POWER DMOS ARRAY
TPIC5404 TI1-TPIC5404 Datasheet
270Kb / 15P
[Old version datasheet]   H-BRIDGE POWER DMOS ARRAY
logo
Shenzhen Huazhimei Semi...
HM226NS HMSEMI-HM226NS Datasheet
581Kb / 7P
   Six touch six output IC
logo
Texas Instruments
TPIC1501A TI-TPIC1501A Datasheet
295Kb / 17P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1533 TI-TPIC1533 Datasheet
312Kb / 17P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC5302D TI1-TPIC5302D Datasheet
211Kb / 12P
[Old version datasheet]   3-CHANNEL INDEPENDENT POWER DMOS ARRAY
TPIC5601 TI1-TPIC5601 Datasheet
228Kb / 13P
[Old version datasheet]   3-PHASE BRIDGE POWER DMOS ARRAY
TPIC1502 TI-TPIC1502 Datasheet
330Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1504 TI-TPIC1504 Datasheet
331Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1505 TI-TPIC1505 Datasheet
301Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com