Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1819 Datasheet(PDF) 11 Page - Sony Corporation

Part # CXA1819
Description  RGB Driver for LCD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1819 Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXA1819 Datasheet HTML 7Page - Sony Corporation CXA1819 Datasheet HTML 8Page - Sony Corporation CXA1819 Datasheet HTML 9Page - Sony Corporation CXA1819 Datasheet HTML 10Page - Sony Corporation CXA1819 Datasheet HTML 11Page - Sony Corporation CXA1819 Datasheet HTML 12Page - Sony Corporation CXA1819 Datasheet HTML 13Page - Sony Corporation CXA1819 Datasheet HTML 14Page - Sony Corporation CXA1819 Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
– 11 –
CXA1819Q
15
11
9
15
11
9
γ RL
γ GL
γ BL
γ RH
γ GH
γ BH
I/O gain–GR
I/O gain–GG
I/O gain–GB
I/O gain–GR
I/O gain–GG
I/O gain–GB
1
18
3.9
10.5
–2.2
2.1
–2.2
2.1
4.1
10.8
dB
V
V
V
V
11
39
40
41
39
40
41
Input waveform
diagram 3
Output waveform
diagram 3
GAMMA pin = 5.0V
Output waveform
diagram 4
RGB BRT pin =
1.6V
Output waveform
diagram 4
RGB BRT pin =
5.0V
Voltage between
pedestals of odd
and even lines at
G output
Gamma
adjust
-ment
range
RGB
BRT
adjust
-ment
range
Min.
Max.
Min.
Max.
BGL
40
BGH
13
14
15
16
15
Output waveform
diagram 4
R BRT pin = 1.6V
Output waveform
diagram 4
R BRT pin = 5.0V
Voltage difference
between R output
pedestals of odd
and even lines to
G output
R BRT
adjust
-ment
range
Min.
Max.
BRL
39
BRH
17
18
9
Output waveform
diagram 4
B BRT pin = 1.6V
Output waveform
diagram 4
B BRT pin = 5.0V
Voltage difference
between B output
pedestals of odd
and even lines to
G output
B BRT
adjust
-ment
range
Min.
Max.
BBL
41
BBH
19
20
20
Input waveform
diagram 4
Output waveform
diagram 7
SID BRT pin = 1.6V
Input waveform
diagram 4
Output waveform
diagram 7
SID BRT pin = 5.0V
Voltage difference
between SID
output black levels
SID
BRT
adjust
-ment
range
Min.
Max.
BSL
BSH
21
22
Input waveform
diagram 3
Output waveform
diagram 3
GAMMA pin = 1.6V
15
9.8
0.7
0.7
9.3
3.7
5.0
–1.0
–1.0
5.2
26
No.
Item
Symbol
Measurement conditions
Input
pin
Conditions
Measurement
point
Measurement
method
Min.
Typ. Max. Unit


Similar Part No. - CXA1819

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1810 SONY-CXA1810 Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AR SONY-CXA1810AR Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1812 SONY-CXA1812 Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
CXA1812Q SONY-CXA1812Q Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
More results

Similar Description - CXA1819

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1853Q SONY-CXA1853Q Datasheet
758Kb / 39P
   RGB Driver for LCD
CXA1853AQ SONY-CXA1853AQ Datasheet
699Kb / 39P
   RGB Driver for LCD
logo
Panasonic Semiconductor
AN5371NS PANASONIC-AN5371NS Datasheet
145Kb / 2P
   RGB Signal Output for LCD TV
logo
Samsung semiconductor
S6B33B0A SAMSUNG-S6B33B0A Datasheet
423Kb / 76P
   144 RGB Segment & 177 Common Driver For 65,536 Color STN LCD
S6B33A2 SAMSUNG-S6B33A2 Datasheet
383Kb / 67P
   128 RGB Segment & 129 Common Driver For 4,096 Color STN LCD
S6B33B2 SAMSUNG-S6B33B2 Datasheet
1Mb / 79P
   132 RGB Segment & 162 Common Driver For 65,536 Color STN LCD
logo
Texas Instruments
LP55281 TI1-LP55281 Datasheet
1Mb / 35P
[Old version datasheet]   Quad RGB Driver
logo
National Semiconductor ...
LP55281 NSC-LP55281 Datasheet
1Mb / 28P
   Quad RGB Driver
logo
Samsung semiconductor
S6D0110 SAMSUNG-S6D0110 Datasheet
595Kb / 108P
   132 RGB Source & 176 Gate Driver With Internal GRAM FOR 65,536 Colors TFT-LCD
logo
List of Unclassifed Man...
MBI6010 ETC-MBI6010 Datasheet
187Kb / 4P
   3-Channel Driver for RGB LED Cluster
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com