Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1821 Datasheet(PDF) 11 Page - Sony Corporation

Part # CXA1821
Description  RF Amplifier for CD Players
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1821 Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXA1821 Datasheet HTML 5Page - Sony Corporation CXA1821 Datasheet HTML 6Page - Sony Corporation CXA1821 Datasheet HTML 7Page - Sony Corporation CXA1821 Datasheet HTML 8Page - Sony Corporation CXA1821 Datasheet HTML 9Page - Sony Corporation CXA1821 Datasheet HTML 10Page - Sony Corporation CXA1821 Datasheet HTML 11Page - Sony Corporation CXA1821 Datasheet HTML 12Page - Sony Corporation CXA1821 Datasheet HTML 13Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
– 11 –
CXA1821M
2
3
4
5
6
7
8
9
10
11
4
5
6
7
8
9
10
100
1k
10k
100k
1M
10M
10
14
18
22
26
30
Current consumption characteristics
Single power supply voltage (V)
RF amplifier frequency characteristics
Frequency (Hz)
100
1k
10k
100k
0
10
20
30
FE amplifier frequency characteristics
(Frequency response comparison for A+C input and B+D input)
Frequency (Hz)
100
1k
10k
100k
–50
–40
–30
FE amplifier frequency errer characteristics
Frequency (Hz)
–60
Supply voltage ±2.5V
RF Amp 100 mV input
A + B + C + D input
Short between VC and GND
Supply voltage ±2.5V
FE Amp 260mVp-p input
A + C + B + D input
Short between VC and GND
Supply voltage ±2.5V
FE Amp 260mVp-p input
A + C input
B + D input
Short between VC and GND
Example of Representative Characteristics


Similar Part No. - CXA1821

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1820 CREE-CXA1820 Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
CXA1820-0000-000N00P227F CREE-CXA1820-0000-000N00P227F Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
CXA1820-0000-000N00P227H CREE-CXA1820-0000-000N00P227H Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
CXA1820-0000-000N00P427F CREE-CXA1820-0000-000N00P427F Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
CXA1820-0000-000N00P427H CREE-CXA1820-0000-000N00P427H Datasheet
1Mb / 15P
   LED array expands Cree?셲 family of high?멹lux, multi-die arrays
More results

Similar Description - CXA1821

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2521Q SONY-CXA2521Q Datasheet
742Kb / 17P
   RF Amplifier for CD Players
CXA2596M SONY-CXA2596M Datasheet
278Kb / 17P
   RF Amplifier for CD Players
CXA2550M SONY-CXA2550M Datasheet
214Kb / 15P
   RF Amplifier for CD Players
CXA1791M SONY-CXA1791M Datasheet
245Kb / 12P
   RF AMPLIFIER FOR CD PLAYERS
CXA2568M SONY-CXA2568M Datasheet
262Kb / 17P
   RF Amplifier for CD Players
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
logo
Rohm
BA6387K ROHM-BA6387K Datasheet
153Kb / 13P
   Preservo amplifier for CD players
logo
Sony Corporation
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
   RF Signal Processing Servo Amplifier for CD players
logo
Rohm
BA6386K ROHM-BA6386K Datasheet
214Kb / 13P
   Preservo amplifier for CD players
logo
Sony Corporation
CXA2581N SONY-CXA2581N Datasheet
297Kb / 22P
   RF Signal Processor for CD Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com