Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS659121YFFT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS659121YFFT
Description  PMU FOR PROCESSOR POWER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS659121YFFT Datasheet(HTML) 2 Page - Texas Instruments

  TPS659121YFFT Datasheet HTML 1Page - Texas Instruments TPS659121YFFT Datasheet HTML 2Page - Texas Instruments TPS659121YFFT Datasheet HTML 3Page - Texas Instruments TPS659121YFFT Datasheet HTML 4Page - Texas Instruments TPS659121YFFT Datasheet HTML 5Page - Texas Instruments TPS659121YFFT Datasheet HTML 6Page - Texas Instruments TPS659121YFFT Datasheet HTML 7Page - Texas Instruments TPS659121YFFT Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VBat
VBat
Vbat
SDA_MOSI
SCL_CLK
VINLDO3
LDO3
VDDIO
SW4
DCDC4
2.5A
VDCDC4
1uH
VINDCDC4
10uF
AGND
VREF1V25
100nF
PGND4
SW3
DCDC3
1.6A
VDCDC3
1uH
10uF
PGND3
SW2
DCDC2
0.75A
1uH
VINDCDC2
10uF
PGND2
GPIO2_CE
GPIO1_MISO
I2C/SPI
nPWRON (nRESIN)
nRESPWRON
INT1
SLEEP (PWR_REQ)
PWRHOLD
DGND
VINLDO1210
LDO1
LDO1
(0.8-3.3V, 50mV step
@100mA)
LDO2
LDO2
(0.8-3.3V, 50mV step
@100mA)
VINLDO4
LDO4
LDO4
(1.6-3.3V, 50mV step
@200mA)
Low noise
LDO5
LDO6
VINLDO5
LDO7
LDO7
(0.8-3.3V, 50mV step
@200mA)
LDO8
LDO9
LDO9
(0.8-3.3V, 50mV step
@300mA)
RGB
LED
BIAS
POWER
CONTROL
TPS65912x
32kHz
RC
OSC
ON/OFF
Vth
+
-
SDA_AVS (CLK_REQ2)
SCL_AVS (CLK_REQ1)
EN1 (DCDC1_SEL)
EN2 (DCDC2_SEL)
VINLDO67
LDO5
(1.6-3.3V, 50mV step
@250mA)
Low noise
LDO6
(0.8-3.3V, 50mV step
@100mA)
LDO3
(0.8-3.3V, 50mV step
@100mA)
LDO8
(0.8-3.3V, 50mV step
@100mA)
EN3 (DCDC3_SEL)
EN4 (DCDC4_SEL)
Thermal
warning &
shutdown
LDOAO
Internal
LDO
LEDA/GPIO3
LEDB/GPIO4
LEDC/GPIO5
LDO10
LDO10
(0.8-3.3V, 50mV step
@300mA)
VINLDO
1210
load switch
LSI
LSO
L4
L3
L2
CoutDCDC4
CoutDCDC3
CoutDCDC3
CIN4
CIN3
CIN2
VDCDC4_GND
Vbat
SW1
DCDC1
2.5A
VDCDC1
1uH
VINDCDC1
10uF
PGND1
L1
CoutDCDC1
CIN1
VDCDC1_GND
VINDCDC3
VDCDC2
CoutLDO3
CoutLDO2
CoutLDO1
CoutLDO4
CoutLDO5
CoutLDO6
CoutLDO7
CoutLDO8
CoutLDO9
CoutLDO10
CinLDO67
CinLDO5
CinLDO4
CinLDO1210
CinLDO3
VINLDO8
CinLDO8
VINLDO9
CinLDO9
VCON_PWM
VCON_CLK
OMAP_WDI (32k_OUT)
CONFIG1
CONFIG2
VIN_DCDC_ANA
DEF_SPI_I2C-GPIO
VCC
CPCAP_WDI
AGND
EN_LS0
EN_LS1
CVIN_DCDC_ANA
CVCC
VCCS_VIN_MON
tie to GND
or LDOAO
TPS659121
SWCS078 – JUNE 2012
www.ti.com
1.4
Block Diagram & Pin Functions
1.4.1
Functional Block Diagram
spacer
Figure 1-1. TPS65912x Block Diagram
2
INTRODUCTION
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TPS659121


Similar Part No. - TPS659121YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS659121YFFT TI1-TPS659121YFFT Datasheet
3Mb / 145P
[Old version datasheet]   PMU for Processor Power
More results

Similar Description - TPS659121YFFT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS659121 TI1-TPS659121_16 Datasheet
3Mb / 145P
[Old version datasheet]   PMU for Processor Power
TPS659122 TI1-TPS659122 Datasheet
441Kb / 10P
[Old version datasheet]   PMU FOR PROCESSOR POWER
TPS659128 TI-TPS659128_V01 Datasheet
4Mb / 165P
[Old version datasheet]   TPS659128 PMU for Processor Power
TPS659128 TI-TPS659128 Datasheet
4Mb / 164P
[Old version datasheet]   TPS659128 PMU for Processor Power
TPS65919-Q1 TI1-TPS65919-Q1 Datasheet
1Mb / 81P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_18 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1_1806 TI1-TPS65917-Q1_1806 Datasheet
2Mb / 89P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1 Datasheet
770Kb / 12P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS65917-Q1 TI1-TPS65917-Q1_17 Datasheet
1Mb / 87P
[Old version datasheet]   Power Management Unit (PMU) for Processor
TPS659037 TI1-TPS659037_17 Datasheet
1Mb / 99P
[Old version datasheet]   Power Management Unit (PMU) for Processor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com