Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70928DBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70928DBVT
Description  150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70928DBVT Datasheet(HTML) 3 Page - Texas Instruments

  TPS70928DBVT Datasheet HTML 1Page - Texas Instruments TPS70928DBVT Datasheet HTML 2Page - Texas Instruments TPS70928DBVT Datasheet HTML 3Page - Texas Instruments TPS70928DBVT Datasheet HTML 4Page - Texas Instruments TPS70928DBVT Datasheet HTML 5Page - Texas Instruments TPS70928DBVT Datasheet HTML 6Page - Texas Instruments TPS70928DBVT Datasheet HTML 7Page - Texas Instruments TPS70928DBVT Datasheet HTML 8Page - Texas Instruments TPS70928DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TPS709xx
www.ti.com
SBVS186 – MARCH 2012
ELECTRICAL CHARACTERISTICS
At TA = –40°C to +85°C, VIN = VOUT (typ) + 1 V or 2.5 V (whichever is greater), IOUT = 1 mA, VEN = 2 V, and CIN = COUT = 2.2-μF
ceramic, unless otherwise noted. Typical values are at TA = +25°C.
TPS709xx
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.5
28
V
VOUT
Output voltage range
1.5
6.5
V
VO
DC output accuracy
–2
2
%
ΔVO/ΔVIN
Line regulation
VOUT(NOM) + 1 V, 2.5 V ≤ VIN ≤ 24 V
10
15
mV
ΔVO/ΔIOUT
Load regulation
0 mA
≤ IOUT ≤ 150 mA
20
50
mV
IOUT = 150 mA
800
1650
mV
VDO
Dropout voltage(1)
IOUT = 50 mA
300
650
mV
ICL
Output current limit
VOUT = 0.9 × VOUT(NOM)
260
300
400
mA
IOUT = 0 mA
1
1.8
μA
IGND
Ground pin current
IOUT = 100 mA
150
μA
IOUT = 150 mA
300
μA
ISHUTDOWN
Shutdown pin current
VEN ≤ 0.4 V, VIN = 2.0 V
150
nA
f = 10 Hz
85
dB
PSRR
Power-supply rejection ratio
f = 100 Hz
70
dB
f = 1 kHz
52
dB
BW = 100 Hz to 100 kHz, IOUT = 10 mA,
VN
Output noise voltage
300
μVRMS
VIN = 2.3 V, VOUT = 1.8 V
tSTR
Startup time(2)
150
μs
VEN(HI)
Enable pin high (enabled)
0.9
5.5
V
VEN(HI)
Enable pin high (disabled)
0
0.4
V
IEN
EN pin current
EN = 5.5 V, IOUT = 10 µA
5
nA
Shutdown, temperature increasing
+160
°C
Thermal shutdown
tSD
temperature
Reset, temperature decreasing
+140
°C
Operating junction
TJ
–40
+125
°C
temperature
(1)
VDO is measured for devices with VIN = 0.98 × VOUT(NOM).
(2)
Startup time = time from EN assertion to 0.95 × VOUT(NOM).
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TPS70928DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70928DBVT TI1-TPS70928DBVT Datasheet
1Mb / 28P
[Old version datasheet]   150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS70928DBVT TI1-TPS70928DBVT Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70928DBVT TI1-TPS70928DBVT Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS70928DBVT TI1-TPS70928DBVT Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70928DBVT TI-TPS70928DBVT Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results

Similar Description - TPS70928DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70433PKR TI-TLV70433PKR Datasheet
797Kb / 15P
[Old version datasheet]   24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TLV70130 TI1-TLV70130 Datasheet
592Kb / 13P
[Old version datasheet]   24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TLV701 TI-TLV701_15 Datasheet
524Kb / 14P
[Old version datasheet]   24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TLV701XX TI1-TLV701XX Datasheet
552Kb / 14P
[Old version datasheet]   24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TLV70430 TI1-TLV70430 Datasheet
655Kb / 15P
[Old version datasheet]   24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TPS709 TI1-TPS709 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_17 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TLV704 TI-TLV704_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TLV704 24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
REVISED JANUARY 2015
TPS709 TI1-TPS709_16 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com