Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70930DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70930DBVR
Description  150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70930DBVR Datasheet(HTML) 1 Page - Texas Instruments

  TPS70930DBVR Datasheet HTML 1Page - Texas Instruments TPS70930DBVR Datasheet HTML 2Page - Texas Instruments TPS70930DBVR Datasheet HTML 3Page - Texas Instruments TPS70930DBVR Datasheet HTML 4Page - Texas Instruments TPS70930DBVR Datasheet HTML 5Page - Texas Instruments TPS70930DBVR Datasheet HTML 6Page - Texas Instruments TPS70930DBVR Datasheet HTML 7Page - Texas Instruments TPS70930DBVR Datasheet HTML 8Page - Texas Instruments TPS70930DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DBV PACKAGE
SOT23-5
(TOP VIEW)
OUT
NC
IN
GND
EN
1
2
3
5
4
TPS709xx
www.ti.com
SBVS186 – MARCH 2012
150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
1
FEATURES
DESCRIPTION
The TPS709xx series of low-dropout (LDO) linear
23
UltraLow IQ: 1 μA
regulators are ultralow quiescent current devices that
Reverse Current Protection
are designed for power-sensitive applications. A
Low ISHUTDOWN: 150 nA
precision band-gap and error amplifier provides 2%
accuracy over temperature. Quiescent current of only
Input Voltage Range: 2.5 V to 30 V
1 µA makes the devices ideal solutions for battery-
Supports 200-mA Peak Output
powered, always ON systems that require very little
Low Dropout: 300 mV at 50 mA
idle state power dissipation. All devices have a
thermal shutdown and current limit for safety.
2% Accuracy Over Temperature
Available in Fixed-Output Voltages:
The LDO can be put into shutdown mode by pulling
1.5 V to 6.5 V
the EN pin low. The leakage current in this mode
goes down to less than 150 nA.
Thermal Shutdown and Overcurrent Protection
The TPS709xx series is available in an SOT23-5
Packages: SOT23-5
package.
APPLICATIONS
Zigbee™ Networks
Home Automation
Metering
Weighing Scales
Portable Power Tools
Remote Control Devices
Wireless Handsets, Smart Phones, PDAs,
WLAN and Other PC Add-On Cards
White Goods
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Zigbee is a trademark of ZigBee Alliance.
3
All other trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the
Copyright © 2012, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - TPS70930DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70930DBVR TI1-TPS70930DBVR Datasheet
1Mb / 28P
[Old version datasheet]   150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS70930DBVR TI1-TPS70930DBVR Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70930DBVR TI1-TPS70930DBVR Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TPS70930DBVR TI1-TPS70930DBVR Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70930DBVR TI-TPS70930DBVR Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results

Similar Description - TPS70930DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV70433PKR TI-TLV70433PKR Datasheet
797Kb / 15P
[Old version datasheet]   24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TLV70130 TI1-TLV70130 Datasheet
592Kb / 13P
[Old version datasheet]   24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TLV701 TI-TLV701_15 Datasheet
524Kb / 14P
[Old version datasheet]   24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TLV701XX TI1-TLV701XX Datasheet
552Kb / 14P
[Old version datasheet]   24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TLV70430 TI1-TLV70430 Datasheet
655Kb / 15P
[Old version datasheet]   24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
TPS709 TI1-TPS709 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_17 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
TLV704 TI-TLV704_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TLV704 24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
REVISED JANUARY 2015
TPS709 TI1-TPS709_16 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com