Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3920 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC3920
Description  ??V to ??5V Hot Swap Power Manager
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3920 Datasheet(HTML) 3 Page - Texas Instruments

  UCC3920 Datasheet HTML 1Page - Texas Instruments UCC3920 Datasheet HTML 2Page - Texas Instruments UCC3920 Datasheet HTML 3Page - Texas Instruments UCC3920 Datasheet HTML 4Page - Texas Instruments UCC3920 Datasheet HTML 5Page - Texas Instruments UCC3920 Datasheet HTML 6Page - Texas Instruments UCC3920 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Fault Section
CT Charge Current
VCT = 1V, Note 2
–50
–36
–22
µA
CT Discharge Current
VCT = 1V, Note 2
0.36
0.6
1
µA
Output Duty Cycle
VOUT = 0V
1
2
4
%
CT Fault Threshold
Note 2
1.25
1.5
1.75
V
CT Reset Threshold
Note 2
0.25
0.5
0.75
V
Shutdown Section
Shutdown Threshold
1.1
1.5
1.9
V
Shutdown Hysterisis
50
mV
Open Drain Fault Output
High Level Output Current
1
µA
Low Level Output Voltage
IOUT = 2mA
0.4
V
IOUT = 10mA
0.9
V
Logic Input DC Characteristics
Input Voltage High
2V
Input Voltage Low
0.8
V
Input High Current
VIH = 2.4V
3
10
µA
Input Low Current
VIL = 0.4V
1
µA
ELECTRICAL CHARACTERISTICS (cont.) Unless otherwise stated, these specificaiton apply for TA = 0°C to 70°C for
the UCC3920 and TA = –40°C to 85°C for the UCC2920, TA = TJ.
UCC2920
UCC3920
PIN DESCRIPTIONS
BO - B2: These pins provide a digital input to the DAC.
They can be used to provide a digital soft start, adaptive
current limiting, or be strapped for static applications.
CT: A capacitor connected to CT sets the maximum fault
time. The maximum must be more than the time to charge
external load capacitance. The maximum fault time is
defined as TFAULT = 28
• 103 • CT. Once the fault time is
reached the output will shutdown for a time given by: TSD
= 1.67
• 106 • CT, this equates to a 2% duty cycle.
FAULT: Open drain output which, pulls low, from VDD to
GND, upon any condition which causes the output to
open: Fault, Thermal Shutdown, or Shutdown.
GND: Reference return for VDD and VSS (VIN). This
serves as the reference point for digital signals.
IMAX: When this pin is at a logic low the linear output
current will always be 1A above the programmed trip
level, and with a logic high the linear current will always
be a constant 4A for applications which require fast
charging of load capacitance.
SHTDWN: When this pin is brought down low the IC is
put into a sleep mode.
VDD: Positive input voltage to the circuit breaker. The
input voltage range is 3V to 5.5V. If the total voltage
excursion, VDD - VSS could be 15V or greater, VDD
should have an external limiting resistor in series with it.
VSS: The input voltage to the circuit breaker. The
recommended voltage range is –3.3V to –15V.
VOUT: Output voltage for the circuit breaker. When
switched the output voltage will be approximately VIN +
0.1
Ω • IOUT.
Note 1: Guaranteed by design. Not 100% tested in production.
Note 2: Voltages measured with respect to VSS.
Note 3: An external resistor in series with VDD could be used to limit the current to 10mA if an input voltage higher than 15V is de-
sired.
3


Similar Part No. - UCC3920

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3921 TI-UCC3921 Datasheet
497Kb / 11P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC3921D TI1-UCC3921D Datasheet
1Mb / 16P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC3921D/81143 TI1-UCC3921D/81143 Datasheet
1Mb / 16P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC3921D/81143G4 TI1-UCC3921D/81143G4 Datasheet
1Mb / 16P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC3921DG4 TI1-UCC3921DG4 Datasheet
1Mb / 16P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
More results

Similar Description - UCC3920

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1914 TI-UC1914 Datasheet
652Kb / 14P
[Old version datasheet]   5V to 35V Hot Swap Power Manager
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
UC2914 TI-UC2914 Datasheet
491Kb / 24P
[Old version datasheet]   5-V TO 35-V HOT SWAP POWER MANAGER
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC1919 TI-UCC1919 Datasheet
127Kb / 11P
[Old version datasheet]   3V to 8V Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com