Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3920 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC3920
Description  ??V to ??5V Hot Swap Power Manager
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3920 Datasheet(HTML) 1 Page - Texas Instruments

  UCC3920 Datasheet HTML 1Page - Texas Instruments UCC3920 Datasheet HTML 2Page - Texas Instruments UCC3920 Datasheet HTML 3Page - Texas Instruments UCC3920 Datasheet HTML 4Page - Texas Instruments UCC3920 Datasheet HTML 5Page - Texas Instruments UCC3920 Datasheet HTML 6Page - Texas Instruments UCC3920 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4/97
BLOCK DIAGRAM
Integrated 0.1
Power MOSFET
–3V to –15V Operation
Programmable
Electronic Circuit
Breaker
Digital Programmable
Current Limit from 0A
to 3A
Programmable
Maximum Output
Current from 0A to 4A
Programmable On
Time
Fixed 2% Fault Duty
Cycle
Thermal Shutdown
Fault Output Indicator
Power SOIC Package
–3V to –15V Hot Swap Power Manager
FEATURES
DESCRIPTION
UCC2920
UCC3920
PRELIMINARY
UDG-96235-1
The UCC3920 Low RDSon Hot Swap Power Manager provides complete power man-
agement, hot swap capability, and circuit breaker functions. The only component
needed to operate the device, other than supply bypassing, is the fault timing capaci-
tor, CT. All control and housekeeping functions are integrated and externally program-
mable. These include the fault current level, maximum output sourcing current, maxi-
mum fault time, and start up delay. In the event of a constant fault, the internal fixed
2% duty cycle ratio limits the average output power.
The internal 3 bit DAC allows programming of the fault level current from 0mA to
500mA with 250mA resolution, and from 500mA to 3A with 500mA resolution. The
IMAX control pin sets the maximum sourcing current to 1A above the fault level when
driven low, and to a full 4A when driven high for applications which require fast output
charging.
When the output current is below the fault level, the output MOSFET is switched on
with a nominal resistance of 0.1
Ω. When the output current exceeds the fault level or
the maximum sourcing level, the output remains on, but the fault timer starts charging
CT. Once CT charges to a preset threshold, the switch is turned off, and remains off
for 50 times the programmed fault time. When the output current reaches the maxi-
mum sourcing level, the MOSFET transitions form a switch to a constant current
source, regulating the output current at a constant level.
Other features include an Open Drain Fault Output Indicator, Thermal Shutdown, Un-
dervoltage Lockout, –3V to –15V operation, and a low thermal resistance Small Out-
line Power Package. All level shifting is done internally, which means that the DAC,
IMAX and Shutdown Inputs can be driven form the logic supply. The fault output is
also referenced to the logic GND, so this can easily interface back to the logic supply.


Similar Part No. - UCC3920

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3921 TI-UCC3921 Datasheet
497Kb / 11P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC3921D TI1-UCC3921D Datasheet
1Mb / 16P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC3921D/81143 TI1-UCC3921D/81143 Datasheet
1Mb / 16P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC3921D/81143G4 TI1-UCC3921D/81143G4 Datasheet
1Mb / 16P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC3921DG4 TI1-UCC3921DG4 Datasheet
1Mb / 16P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
More results

Similar Description - UCC3920

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1914 TI-UC1914 Datasheet
652Kb / 14P
[Old version datasheet]   5V to 35V Hot Swap Power Manager
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
UC2914 TI-UC2914 Datasheet
491Kb / 24P
[Old version datasheet]   5-V TO 35-V HOT SWAP POWER MANAGER
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC1919 TI-UCC1919 Datasheet
127Kb / 11P
[Old version datasheet]   3V to 8V Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com