Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC5670FQP Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC5670FQP
Description  9-LINE MULTIMODE SCSI TERMINATOR WITH SPI-3 MODE DELAY, DISCONNECT, AND STATUS LINES
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC5670FQP Datasheet(HTML) 4 Page - Texas Instruments

  UCC5670FQP Datasheet HTML 1Page - Texas Instruments UCC5670FQP Datasheet HTML 2Page - Texas Instruments UCC5670FQP Datasheet HTML 3Page - Texas Instruments UCC5670FQP Datasheet HTML 4Page - Texas Instruments UCC5670FQP Datasheet HTML 5Page - Texas Instruments UCC5670FQP Datasheet HTML 6Page - Texas Instruments UCC5670FQP Datasheet HTML 7Page - Texas Instruments UCC5670FQP Datasheet HTML 8Page - Texas Instruments UCC5670FQP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
UCC5670
SLVS394A − MAY 2002
4
www.ti.com
electrical characteristics, TA = 0°C to 70°C, TERMPWR = 2.7 V to 5.25 V, (unless otherwise stated)
disconnected termination (applies to each line pair, 1−9, in DISCNCT or HIPD mode)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
Output leakage
Disabled, TERMPWR 0 < 5.25 V
400
nA
Output capacitance
Single ended measurement to ground,
See Note 1
3
pF
disconnect & diff sense input
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
DISCNCT threshold
0.8
2.0
V
DISCNCT input current
VDISCNCT = 0 V
−30
−10
µA
DIFFB SE (single ended) to LVD threshold
0.5
0.7
V
DIFFB LVD to HIPD threshold
1.9
2.4
V
time delay/filter
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
Mode change delay
A new mode change can start any time after a previous
mode has been detected,
100
180
300
ms
status bits (SE, LVD, HIPD)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
ISOURCE
VLOAD = 2.4 V
−8.7
−4
mA
ISINK
VLOAD = 0.5 V
3
6
mA
ISINK
VLOAD = 0.4 V
2
5
mA
master/slave (MSTR/SLV) input
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
MSTR/SLV input current
VMSTR/SLV = 0 V to VTERMPWR
−1
1
µA
VTERMPWR = 2.7 V
0.8
1.9
V
MSTR/SLV threshold
VTERMPWR = 3.3 V
1
2.4
V
MSTR/SLV threshold
VTERMPWR = 5.25 V
1.5
3.7
V
NOTES:
1. Ensured by design and engineering test, but not 100% production tested.
2. Common mode impedance =
(2.0 V
* 0.5 V)
I(at 2.0 V)
* I(at 0.5 V)
; Short each L+ to its’ corresponding L−. Measure the current into each line
pair when forced to 2.0−V and then 0.5−V.
3.
Z
+
V
L X *
0.2 V
I
L X
; where
VL(X) = Output voltage for each terminator minus output pin (L1− through L9−) with each pin unloaded.
IL(X) = Output current for each terminator minus output pin (L1− through L9−) with the output pin forced to 0.2 V.


Similar Part No. - UCC5670FQP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5672 TI-UCC5672 Datasheet
49Kb / 6P
[Old version datasheet]   Multimode LVD/SE SCSI 9 Line Terminator
UCC5672 TI1-UCC5672 Datasheet
789Kb / 14P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5672MWP TI1-UCC5672MWP Datasheet
789Kb / 14P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
UCC5672PWP TI-UCC5672PWP Datasheet
49Kb / 6P
[Old version datasheet]   Multimode LVD/SE SCSI 9 Line Terminator
UCC5672PWP TI1-UCC5672PWP Datasheet
789Kb / 14P
[Old version datasheet]   Multimode (LVD/SE) SCSI 9 Line Terminator
More results

Similar Description - UCC5670FQP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC5680 TI-UCC5680 Datasheet
277Kb / 6P
[Old version datasheet]   9-LINE LVD ONLY SCSI TERMINATOR WITH INTEGRATED SPI-3 DELAY
UCC5631A TI-UCC5631A Datasheet
62Kb / 6P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5630A TI1-UCC5630A_09 Datasheet
378Kb / 12P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
logo
Microsemi Corporation
LX5251 MICROSEMI-LX5251 Datasheet
164Kb / 8P
   9-Line Multimode SCSI Terminator
logo
Texas Instruments
UCC5630A TI-UCC5630A Datasheet
146Kb / 8P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
logo
Microsemi Corporation
LX5250 MICROSEMI-LX5250 Datasheet
188Kb / 8P
   9-Line Multimode SCSI Terminator
logo
Texas Instruments
UCC5631A TI1-UCC5631A_09 Datasheet
265Kb / 10P
[Old version datasheet]   Multimode SCSI 9 Line Terminator
UCC5639 TI-UCC5639 Datasheet
62Kb / 6P
[Old version datasheet]   Multimode SCSI 15 Line Terminator with Reverse Disconnect
UCC5642 TI1-UCC5642 Datasheet
502Kb / 12P
[Old version datasheet]   LVD-ONLY SCSI TERMINATOR WITH REGULATOR AND SPI-3 DELAY
UCC5673 TI-UCC5673 Datasheet
55Kb / 7P
[Old version datasheet]   Multimode LVD/SE SCSI 9 Line Terminator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com