Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7712 Datasheet(PDF) 2 Page - IC MICROSYSTEMS

Part # ICM7712
Description  12-Bit 1.2v Low Power Single DAC With Serial Interface and Voltage Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7712 Datasheet(HTML) 2 Page - IC MICROSYSTEMS

  ICM7712 Datasheet HTML 1Page - IC MICROSYSTEMS ICM7712 Datasheet HTML 2Page - IC MICROSYSTEMS ICM7712 Datasheet HTML 3Page - IC MICROSYSTEMS ICM7712 Datasheet HTML 4Page - IC MICROSYSTEMS ICM7712 Datasheet HTML 5Page - IC MICROSYSTEMS ICM7712 Datasheet HTML 6Page - IC MICROSYSTEMS ICM7712 Datasheet HTML 7Page - IC MICROSYSTEMS ICM7712 Datasheet HTML 8Page - IC MICROSYSTEMS ICM7712 Datasheet HTML 9Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ICM7712
Rev A1.5
ICmic reserves the right to change specifications without prior notice
2
8
7
6
5
PACKAGE
08 Lead TSSOP
SCK
1
SDI
2
CS
3
NC
4
REFIN
GND
VDD
VO
TOP VIEW
PIN DESCRIPTION (8 Lead TSSOP)
Pin
Name
I/O
Description
1
SCK
I
Serial Clock Input (CMOS)
2
SDI
I
Serial Data Input (CMOS)
3
CS
I
Active Low Chip Select (CMOS)
4
NC
-
No Connection
5
VO
O
DAC Output Voltage
6
VDD
I
Supply Voltage
7
GND
I
Ground
8
REFIN
I
Reference Voltage Input
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
0.9 to 1.32
V
IIN
Input Current
+/- 25.0
mA
VIN
Digital Input Voltage (SCK, SDI, CS )
-0.3 to 1.32
V
VIN_REF
Reference Input Voltage
-0.3 to 1.32
V
TSTG
Storage Temperature
-65 to +150
oC
TSOL
Soldering Temperature
300
oC
Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.


Similar Part No. - ICM7712

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7722 ICMIC-ICM7722 Datasheet
137Kb / 10P
   12-Bit 1.2v Low Power Dual DAC With Serial Interface and Voltage Output
More results

Similar Description - ICM7712

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7722 ICMIC-ICM7722 Datasheet
137Kb / 10P
   12-Bit 1.2v Low Power Dual DAC With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5302 MAXIM-MAX5302 Datasheet
696Kb / 12P
   Low-Power, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 10/99
logo
IC MICROSYSTEMS
ICM7561 ICMIC-ICM7561 Datasheet
179Kb / 9P
   12/10/8-Bit Low Power Single DAC With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5722 MAXIM-MAX5722 Datasheet
686Kb / 14P
   12-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX525 MAXIM-MAX525 Datasheet
141Kb / 16P
   Low-Power, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 1; 12/96
MAX5104 MAXIM-MAX5104 Datasheet
119Kb / 12P
   Low-Power, Dual, Voltage-Output, 12-Bit DAC with Serial Interface
Rev 0; 11/99
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
MAX5721 MAXIM-MAX5721 Datasheet
643Kb / 14P
   10-Bit, Low-Power, Dual, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com