Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1853AQ Datasheet(PDF) 11 Page - Sony Corporation

Part # CXA1853AQ
Description  RGB Driver for LCD
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1853AQ Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXA1853AQ Datasheet HTML 7Page - Sony Corporation CXA1853AQ Datasheet HTML 8Page - Sony Corporation CXA1853AQ Datasheet HTML 9Page - Sony Corporation CXA1853AQ Datasheet HTML 10Page - Sony Corporation CXA1853AQ Datasheet HTML 11Page - Sony Corporation CXA1853AQ Datasheet HTML 12Page - Sony Corporation CXA1853AQ Datasheet HTML 13Page - Sony Corporation CXA1853AQ Datasheet HTML 14Page - Sony Corporation CXA1853AQ Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
– 11 –
CXA1853AQ
Electrical Characteristics
Unless otherwise specified: Ta = 25°C, VCC1 = VCC3 = VCC4 = PVCC = 5V, VCC2 = 13V
SW1 = OFF, SW4 = OFF, SW5 = OFF, SW9 = a, SW10 = a, SW11 = a,
SW24 = OFF, SW25 = OFF, SW26 = a, SW27 = a, SW28 = a, SW29 = a,
SW30 = OFF, SW36 = OFF, SW37 = OFF, SW39 = OFF, SW40 = OFF,
SW41 = OFF, SW46 = OFF, SW47 = OFF, SW51 = a, SW52 = a,
SW53 = a, SW63 = a, SW65 = a, SW66 = a, SW67 = a, SW69 = OFF,
SW70 = OFF, SW72 = OFF, SW73 = OFF, SW75 = OFF, SW76 = OFF,
SW78 = OFF, SW79 = OFF, V23 = 3.1V, V31 = 3.5V, V42 = 5.0V,
V45 = 2.8V, V54 = 5.0V, V68 = 1.6V, V71 = 1.6V, V74 = 1.6V, V77 = 5.0V
Set (R IN), (G IN), (B IN) and (TEST IN) = 0V, (SH1), (SH2), (SH3) and
(SH4) = 5V, and input SG4 to (FRP) and (SID FRP), SG5 to (PRG),
SG2 to (XCLP2) and SG3 to (XCLP1).
No.
Item
Symbol
Measurement conditions
Unit
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
Current consumption (1)
Current consumption (2)
Current consumption (3)
Current consumption (4)
Current consumption (5)
R IN pin current “Z”
R IN pin current “H”
R IN pin current “L”
G IN pin current “Z”
G IN pin current “H”
G IN pin current “L”
B IN pin current “Z”
B IN pin current “H”
B IN pin current “L”
RGB SBRT pin current
B CLP pin current
G CLP pin current
R CLP pin current
SID CLP pin current
PRG CTR pin current
FRP pin current “H”
FRP pin current “L”
SID FRP pin current “H”
SID FRP pin current “L”
PRG pin current “H”
PRG pin current “L”
GAM SEL pin current “H”
ICC1
ICC2
ICC3
ICC4
ICC5
IZ9
IH9
IL9
IZ10
IH10
IL10
IZ11
IH11
IL11
I23
I26
I27
I28
I29
I31
IH32
IL32
IH33
IL33
IH35
IL35
IH42
Measure the current entering Pin 8.
Measure the current entering Pin 14.
Measure the current entering Pin 18.
Measure the current entering Pin 50.
Measure the current entering Pin 62.
SW9
→ b, (XCLP1) = 5V, V9 = 2.4V
SW9
→ b, (XCLP1) = 0V, V9 = 3.4V
SW9
→ b, (XCLP1) = 0V, V9 = 1.4V
SW10
→ b, (XCLP1) = 5V, V10 = 2.4V
SW10
→ b, (XCLP1) = 0V, V10 = 3.4V
SW10
→ b, (XCLP1) = 0V, V10 = 1.4V
SW11
→ b, (XCLP1) = 5V, V11 = 2.4V
SW11
→ b, (XCLP1) = 0V, V11 = 3.4V
SW11
→ b, (XCLP1) = 0V, V11 = 1.4V
V23 = 5.0V
SW26
→ b, V26 = 7.0V
SW27
→ b, V27 = 7.0V
SW28
→ b, V28 = 7.0V
SW29
→ b, V29 = 7.0V
V31 = 5.0V
(FRP) = 5V
(FRP) = 0V
(SID FRP) = 5V
(SID FRP) = 0V
(PRG) = 5V
(PRG) = 0V
V42 = 5V
–1.5
13
–1.5
13
–1.5
13
–0.2
–0.2
–0.2
–0.2
–0.1
–0.3
–0.1
–0.3
–0.1
–0.3
–0.1
30
11
6
29
4
0
25
–25
0
25
–25
0
25
–25
2.5
0
0
0
0
0.3
0
–0.1
0
–0.1
0
–0.1
0
44
18
10
43
7
1.5
–13
1.5
–13
1.5
–13
6
0.2
0.2
0.2
0.2
0.8
0.1
0.1
0.1
0.1
mA
mA
mA
mA
mA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
µA
Min.
Typ.
Max.


Similar Part No. - CXA1853AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1853Q SONY-CXA1853Q Datasheet
758Kb / 39P
   RGB Driver for LCD
More results

Similar Description - CXA1853AQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1819Q SONY-CXA1819Q Datasheet
387Kb / 20P
   RGB Driver for LCD
CXA1853Q SONY-CXA1853Q Datasheet
758Kb / 39P
   RGB Driver for LCD
logo
Panasonic Semiconductor
AN5371NS PANASONIC-AN5371NS Datasheet
145Kb / 2P
   RGB Signal Output for LCD TV
logo
Samsung semiconductor
S6B33B0A SAMSUNG-S6B33B0A Datasheet
423Kb / 76P
   144 RGB Segment & 177 Common Driver For 65,536 Color STN LCD
S6B33A2 SAMSUNG-S6B33A2 Datasheet
383Kb / 67P
   128 RGB Segment & 129 Common Driver For 4,096 Color STN LCD
S6B33B2 SAMSUNG-S6B33B2 Datasheet
1Mb / 79P
   132 RGB Segment & 162 Common Driver For 65,536 Color STN LCD
logo
Texas Instruments
LP55281 TI1-LP55281 Datasheet
1Mb / 35P
[Old version datasheet]   Quad RGB Driver
logo
National Semiconductor ...
LP55281 NSC-LP55281 Datasheet
1Mb / 28P
   Quad RGB Driver
logo
Samsung semiconductor
S6D0110 SAMSUNG-S6D0110 Datasheet
595Kb / 108P
   132 RGB Source & 176 Gate Driver With Internal GRAM FOR 65,536 Colors TFT-LCD
logo
List of Unclassifed Man...
MBI6010 ETC-MBI6010 Datasheet
187Kb / 4P
   3-Channel Driver for RGB LED Cluster
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com