Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1854AR Datasheet(PDF) 5 Page - Sony Corporation

Part # CXA1854AR
Description  Decoder/Driver/Timing Generator for Color LCD Panels
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1854AR Datasheet(HTML) 5 Page - Sony Corporation

  CXA1854AR Datasheet HTML 1Page - Sony Corporation CXA1854AR Datasheet HTML 2Page - Sony Corporation CXA1854AR Datasheet HTML 3Page - Sony Corporation CXA1854AR Datasheet HTML 4Page - Sony Corporation CXA1854AR Datasheet HTML 5Page - Sony Corporation CXA1854AR Datasheet HTML 6Page - Sony Corporation CXA1854AR Datasheet HTML 7Page - Sony Corporation CXA1854AR Datasheet HTML 8Page - Sony Corporation CXA1854AR Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
– 5 –
CXA1854AR
Analog Block Pin Description
1
SYNC IN
Sync input.
Normally inputs the Y signal.
The standard signal input level
is 0.5Vp-p (up to 100% white
level from the sync chip).
1
200
50p
VCC1
GND1
2
YIN
3.2V
Y signal input.
The standard signal input level
is 0.5Vp-p (up to 100% white
level from the sync chip).
Input at low impedance (75
Ω or
less).
1k
50µA
VCC1
GND1
2
3
AGCADJ
VCC1/2
AGC gain adjustment pin.
2k
VCC1
GND1
3
40k
2.5V
4
AGCTC
AGC detection filter connection.
1k
VCC1
GND1
20k
4
50µA
5
PICT
VCC1/2
Adjusts frequency
characteristics of luminance
signal.
Increasing the voltage
emphasizes contours.
1k
VCC1
GND1
47k
2.5V
50µA
5
Pin
No.
Symbol
Pin voltage
Equivalent circuit
Description


Similar Part No. - CXA1854AR

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1850 CREE-CXA1850 Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V430F CREE-CXA1850-0000-000N00V430F Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V430H CREE-CXA1850-0000-000N00V430H Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V435F CREE-CXA1850-0000-000N00V435F Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA1850-0000-000N00V435H CREE-CXA1850-0000-000N00V435H Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
More results

Similar Description - CXA1854AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2503AR SONY-CXA2503AR Datasheet
1Mb / 72P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3017R SONY-CXA3017R Datasheet
1Mb / 83P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA2543R SONY-CXA2543R Datasheet
1Mb / 78P
   Decoder/Driver/Timing Generator for Color LCD Panels
CXA3268AR SONY-CXA3268AR Datasheet
432Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3522R SONY-CXA3522R Datasheet
358Kb / 41P
   Driver/Timing Generator for Color LCD Panels
CXA3503R SONY-CXA3503R Datasheet
420Kb / 42P
   Driver/Timing Generator for Color LCD Panels
CXA3572R SONY-CXA3572R Datasheet
300Kb / 40P
   Driver/Timing Generator for Color LCD Panels
CXD2458AR SONY-CXD2458AR Datasheet
1Mb / 56P
   Timing Generator for Color LCD Panels
CXD2411AR SONY-CXD2411AR Datasheet
1Mb / 42P
   Timing Generator for Color LCD Panels
CXD2412AQ SONY-CXD2412AQ Datasheet
1Mb / 36P
   Timing Generator for LCD Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com