Electronic Components Datasheet Search |
|
MCT7806CD2T Datasheet(PDF) 7 Page - Motorola, Inc |
|
MCT7806CD2T Datasheet(HTML) 7 Page - Motorola, Inc |
7 / 12 page MCT7800 7 MCT7800 MOTOROLA ELECTRICAL CHARACTERISTICS (Vin = 27 V, IO = 500 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.) MCT7818B MCT7818C Characteristics Symbol Min Typ Max Min Typ Max Unit Output Voltage (TJ = +25°C) VO 17.3 18 18.7 17.3 18 18.7 Vdc Output Voltage (5.0 mA ≤ IO ≤ 1.0 A, PO ≤15 W) 21 Vdc ≤ Vin ≤ 33 Vdc 22 Vdc ≤ Vin ≤ 33 Vdc VO — 17.1 — 18 — 18.9 17.1 — 18 — 18.9 — Vdc Line Regulation, TJ = +25°C (Note 2) 21 Vdc ≤ Vin ≤ 33 Vdc 24 Vdc ≤ Vin ≤ 30 Vdc Regline — — 11 5.0 360 180 — — 11 5.0 360 180 mV Load Regulation, TJ = +25°C (Note 2) 5.0 mA ≤ Vin ≤ 1.5 A 250 mA ≤ Vin ≤ 750 mA Regload — — 4.0 3.0 360 180 — — 4.0 3.0 360 180 mV Quiescent Current (TJ = +25°C) IB — 5.5 8.0 — 5.5 8.0 mA Quiescent Current Change 21 Vdc ≤ Vin ≤ 33 Vdc 22 Vdc ≤ Vin ≤ 33 Vdc 5.0 mA ≤ IO ≤ 1.0 A ∆IB — — — — — — — 1.0 0.5 — — — — — — 1.0 — 0.5 mA Ripple Rejection 22 Vdc ≤ Vin ≤ 32 Vdc, f = 120 Hz RR — 59 — — 59 — dB Dropout Voltage (IO = 1.0 A, TJ = +25°C) ViI – VO — 2.0 — — 2.0 — Vdc Output Noise Voltage (TA = +25°C) 10 Hz ≤ f ≤ 100 kHz Vn — 10 — — 10 — µV/VO Output Resistance f = 1.0 kHz rO — 19 — — 19 — m Ω Short Circuit Current Limit (TA = +25°C) Vin = 35 Vdc ISC — 0.2 — — 0.2 — A Peak Output Current (TJ = +25°C) Imax — 2.2 — — 2.2 — A Average Temperature Coefficient of Output Voltage TCVO — –1.0 — — –1.0 — mV/ °C ELECTRICAL CHARACTERISTICS (Vin = 33 V, IO = 500 mA, TJ = Tlow to Thigh [Note 1], unless otherwise noted.) MCT7824B MCT7824C Characteristics Symbol Min Typ Max Min Typ Max Unit Output Voltage (TJ = +25°C) VO 23 24 25 23 24 25 Vdc Output Voltage (5.0 mA ≤ IO ≤ 1.0 A, PO ≤15 W) 27 Vdc ≤ Vin ≤ 38 Vdc 28 Vdc ≤ Vin ≤ 38 Vdc VO — 22.8 — 24 — 25.2 22.8 — 24 — 25.2 — Vdc Line Regulation, TJ = +25°C (Note 2) 27 Vdc ≤ Vin ≤ 38 Vdc 30 Vdc ≤ Vin ≤ 36 Vdc Regline — — 12 6.0 480 240 — — 12 6.0 480 240 mV Load Regulation, TJ = +25°C (Note 2) 5.0 mA ≤ IO ≤ 1.5 A 250 mA ≤ IO ≤ 750 mA Regload — — 5.0 4.0 480 240 — — 5.0 4.0 480 240 mV Quiescent Current (TJ = +25°C) IB — 5.5 8.0 — 5.5 8.0 mA Quiescent Current Change 27 Vdc ≤ Vin ≤ 38 Vdc 28 Vdc ≤ Vin ≤ 38 Vdc 5.0 mA ≤ IO ≤ 1.0 A ∆IB — — — — — — — 1.0 0.5 — — — — — — 1.0 — 0.5 mA Ripple Rejection 28 Vdc ≤ Vin ≤ 38 Vdc, f = 120 Hz RR — 56 — — 56 — dB Dropout Voltage (IO = 1.0 A, TJ = +25°C) VI – VO — 2.0 — — 2.0 — Vdc Output Noise Voltage (TA = +25°C) 10 Hz ≤ f ≤ 100 kHz Vn — 10 — — 10 — µV/VO Output Resistance f = 1.0 kHz rO — 20 — — 20 — m Ω Short Circuit Current Limit (TA = +25°C) Vin = 35 Vdc ISC — 0.2 — — 0.2 — A Peak Output Current (TJ = +25°C) Imax — 2.2 — — 2.2 — A Average Temperature Coefficient of Output Voltage TCVO — –1.5 — — –1.5 — mV/ °C NOTES: 1. Tlow = 0°C for MCT78XXC Thigh = +125°C for MCT78XXB, C. When the junction temperature exceeds +125°C, internal current limiting = – 40 °C for MCT78XXB will reduce the output current to less than 1.0 A at a VI–VO of 15 V or greater. The MC7800 die will supply more current under the same conditions. 2. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. |
Similar Part No. - MCT7806CD2T |
|
Similar Description - MCT7806CD2T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |