Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1866Q Datasheet(PDF) 9 Page - Sony Corporation

Part # CXA1866Q
Description  6-bit 140MSPS Flash A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1866Q Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXA1866Q Datasheet HTML 5Page - Sony Corporation CXA1866Q Datasheet HTML 6Page - Sony Corporation CXA1866Q Datasheet HTML 7Page - Sony Corporation CXA1866Q Datasheet HTML 8Page - Sony Corporation CXA1866Q Datasheet HTML 9Page - Sony Corporation CXA1866Q Datasheet HTML 10Page - Sony Corporation CXA1866Q Datasheet HTML 11Page - Sony Corporation CXA1866Q Datasheet HTML 12Page - Sony Corporation CXA1866Q Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
– 9 –
CXA1866Q
Current consumption measurement circuit
Analog input bias measurement circuit
Sampling delay measurement circuit
Aperture jitter measurement circuit
A
A
ICC
IEE
+5.0V
–5.2V
–1.0V
CXA1866Q
DVCC2
DVCC1
DGND1
DGND2
DVEE
DGND3
DVCC2
DVEE
DGND2
DGND1
DVCC1
DVCC2
40
39
38
37
41
42
43
44
45
46
47
48
25
26
27
28
29
30
36 35 34
31
32
33
13
14
15
16
17
18
19
20
21
22
23
24
2
3
4
5
6
7
8
9
10 11 12
1
AVEE
VRTS
VRT
AGND
VIN
AGND
VRB
VRBS
AVEE
–2.0V
IIN
A
CXA1866Q
Logic Analizer
Signal Source2
ECL
Buffer
Freq
Lock
VIN
CCLK
DCLK
6
SW
1024
samples
Signal Source1
φ: variable
6


Similar Part No. - CXA1866Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1810 SONY-CXA1810 Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1810AR SONY-CXA1810AR Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1812 SONY-CXA1812 Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
CXA1812Q SONY-CXA1812Q Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
More results

Similar Description - CXA1866Q

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3086Q SONY-CXA3086Q Datasheet
775Kb / 30P
   6-bit 140MSPS Flash A/D Converter
CXA3026AQ SONY-CXA3026AQ Datasheet
590Kb / 29P
   8-bit 140MSPS Flash A/D Converter
logo
Nippon Precision Circui...
SM6104 NPC-SM6104 Datasheet
199Kb / 7P
   6-BIT FLASH A/D CONVERTER
logo
Intersil Corporation
HA-5701 INTERSIL-HA-5701 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Renesas Technology Corp
HI-5701 RENESAS-HI-5701 Datasheet
588Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
logo
Intersil Corporation
HI-5701 INTERSIL-HI-5701_05 Datasheet
202Kb / 12P
   6-Bit, 30MSPS, Flash A/D Converter
HI-5701 INTERSIL-HI-5701 Datasheet
151Kb / 14P
   6-Bit, 30MSPS, Flash A/D Converter
June 1999
HI1866 INTERSIL-HI1866 Datasheet
97Kb / 13P
   6-Bit, 140 MSPS, Flash A/D Converter
October 1998
logo
Murata Power Solutions ...
ADC-316 MURATA-PS-ADC-316 Datasheet
1Mb / 4P
   6-BIT, 140 MHz FLASH A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7610 CADEKA-SPT7610 Datasheet
193Kb / 10P
   6-BIT, 1 GSPS FLASH A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com