Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54218RTER Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54218RTER
Description  2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54218RTER Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54218RTER Datasheet HTML 4Page - Texas Instruments TPS54218RTER Datasheet HTML 5Page - Texas Instruments TPS54218RTER Datasheet HTML 6Page - Texas Instruments TPS54218RTER Datasheet HTML 7Page - Texas Instruments TPS54218RTER Datasheet HTML 8Page - Texas Instruments TPS54218RTER Datasheet HTML 9Page - Texas Instruments TPS54218RTER Datasheet HTML 10Page - Texas Instruments TPS54218RTER Datasheet HTML 11Page - Texas Instruments TPS54218RTER Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
-3.75
-3.65
-3.55
-3.45
-3.35
-3.25
-3.15
-3.05
-2.95
-2.85
-2.75
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V
=5V,
Threshold+50mV
IN
V
=Rising
EN
-1.25
-1.15
-1.05
-0.95
-0.85
-0.75
-0.65
-0.55
-0.45
-0.35
-0.25
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V
=5V,
Threshold-50mV
IN
V
=Falling
EN
40
45
50
55
60
65
70
75
80
85
90
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V
=3.3V
IN
1.15
1.16
1.17
1.18
1.19
1.2
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.3
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V
=3.3V,rising
IN
V
=3.3V,falling
IN
140
160
180
200
220
240
260
280
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
V
=3.3V
IN
0
25
50
75
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Vsense-V
VsenseFalling
VsenseRising
TPS54218
SLVS974A – SEPTEMBER 2009 – REVISED AUGUST 2012
www.ti.com
TYPICAL CHARACTERISTICS CURVES (continued)
SWITCHING FREQUENCY vs VSENSE
TRANSCONDUCTANCE vs TEMPERATURE
Figure 7.
Figure 8.
TRANSCONDUCTANCE (SLOW START) vs
JUNCTION TEMPERATURE
ENABLE PIN VOLTAGE vs TEMPERATURE
Figure 9.
Figure 10.
PIN CURRENT vs TEMPERATURE
PIN CURRENT vs TEMPERATURE
Figure 11.
Figure 12.
8
Copyright © 2009–2012, Texas Instruments Incorporated


Similar Part No. - TPS54218RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54218RTER TI-TPS54218RTER Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input 2 A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
More results

Similar Description - TPS54218RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54218 TI-TPS54218 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input 2 A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
TPS54618 TI-TPS54618 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher
TPS54478 TI1-TPS54478 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down
JUNE2011
TPS54618-Q1 TI1-TPS54618-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678 TI1-TPS54678_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54418_101 TI-TPS54418_101 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418_10 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs (SWIFT??
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com