Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54218RTER Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54218RTER
Description  2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54218RTER Datasheet(HTML) 1 Page - Texas Instruments

  TPS54218RTER Datasheet HTML 1Page - Texas Instruments TPS54218RTER Datasheet HTML 2Page - Texas Instruments TPS54218RTER Datasheet HTML 3Page - Texas Instruments TPS54218RTER Datasheet HTML 4Page - Texas Instruments TPS54218RTER Datasheet HTML 5Page - Texas Instruments TPS54218RTER Datasheet HTML 6Page - Texas Instruments TPS54218RTER Datasheet HTML 7Page - Texas Instruments TPS54218RTER Datasheet HTML 8Page - Texas Instruments TPS54218RTER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
50
55
60
65
70
75
80
85
90
95
100
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
I -OutputCurrent- A
O
V =5V,
V
=1.8V,
F =1000kHz
I
O
S
PH
VIN
POWERPAD
BOOT
VSENSE
COMP
TPS54218
EN
RT /CLK
SS
PWRGD
C ss
R T
R 3
C 1
C
BOOT
C O
LO
R 1
R 2
C I
VOUT
VIN
AGND
GND
R4
R5
TPS54218
www.ti.com
SLVS974A – SEPTEMBER 2009 – REVISED AUGUST 2012
2.95 V to 6 V Input, 2 A Output, 2MHz, Synchronous Step Down
Switcher With Integrated FETs ( SWIFT™)
Check for Samples: TPS54218
1
FEATURES
DESCRIPTION
The TPS54218 device is a full featured 6 V, 2 A,
2
Two 30 m
Ω (typical) MOSFETs for High
synchronous step down current mode converter with
Efficiency at 2 A loads
two integrated MOSFETs.
200kHz to 2MHz Switching Frequency
The TPS54218 enables small designs by integrating
0.8 V ± 1% Voltage Reference Over
the MOSFETs, implementing current mode control to
Temperature
reduce external component count, reducing inductor
Synchronizes to External Clock
size by enabling up to 2 MHz switching frequency,
and minimizing the IC footprint with a small 3mm x
Adjustable Slow Start/Sequencing
3mm thermally enhanced QFN package.
UV and OV Power Good Output
The TPS54218 provides accurate regulation for a
Low Operating and Shutdown Quiescent
variety of loads with an accurate ±1% Voltage
Current
Reference (Vref) over temperature.
Safe Start-up into Pre-Biased Output
Efficiency is maximized through the integrated 30m
Cycle by Cycle Current Limit, Thermal and
MOSFETs and 350
μA typical supply current. Using
Frequency Fold Back Protection
the enable pin, shutdown supply current is reduced to
–40°C to 150°C Operating Junction
2
μA by entering a shutdown mode.
Temperature Range
Undervoltage lockout is internally set at 2.6 V, but
Thermally Enhanced 3mm × 3mm 16-pin QFN
can be increased by programming the threshold with
a resistor network on the enable pin. The output
APPLICATIONS
voltage startup ramp is controlled by the slow start
pin. An open drain power good signal indicates the
Low-Voltage, High-Density Power Systems
output is within 93% to 107% of its nominal voltage.
Point of Load Regulation for High Performance
Frequency fold back and thermal shutdown protects
DSPs, FPGAs, ASICs and Microprocessors
the device during an overcurrent condition.
Broadband, Networking and Optical
Communications Infrastructure
The TPS54218 is supported in the SwitcherProTM
Software Tool at www.ti.com/switcherpro.
SIMPLIFIED SCHEMATIC
For more SWIFTTM documentation, see the TI
website at www.ti.com/swift.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SWIFT is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS54218RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54218RTER TI-TPS54218RTER Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input 2 A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
More results

Similar Description - TPS54218RTER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54218 TI-TPS54218 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input 2 A Output 2MHz Synchronous Step Down Switcher With Integrated FETs (SWIFT)
TPS54618 TI-TPS54618 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down Switcher
TPS54478 TI1-TPS54478 Datasheet
1Mb / 37P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Output, 2-MHz, Synchronous Step-Down
JUNE2011
TPS54618-Q1 TI1-TPS54618-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54618-Q1 TI1-TPS54618-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54678 TI1-TPS54678_17 Datasheet
1Mb / 42P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Output, 2-MHz, Synchronous Step-Down SWIFT Switcher
TPS54418_101 TI-TPS54418_101 Datasheet
1Mb / 36P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418_10 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs ( SWIFT??
TPS54418 TI-TPS54418 Datasheet
1Mb / 34P
[Old version datasheet]   2.95 V to 6 V Input, 4 A Output, 2MHz, Synchronous Step Down Switcher With Integrated FETs (SWIFT??
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com