Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6410ZTSA400 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6410ZTSA400
Description  Fixed-Point Digital Signal Processors
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C6410ZTSA400 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320C6410ZTSA400 Datasheet HTML 1Page - Texas Instruments TMS320C6410ZTSA400 Datasheet HTML 2Page - Texas Instruments TMS320C6410ZTSA400 Datasheet HTML 3Page - Texas Instruments TMS320C6410ZTSA400 Datasheet HTML 4Page - Texas Instruments TMS320C6410ZTSA400 Datasheet HTML 5Page - Texas Instruments TMS320C6410ZTSA400 Datasheet HTML 6Page - Texas Instruments TMS320C6410ZTSA400 Datasheet HTML 7Page - Texas Instruments TMS320C6410ZTSA400 Datasheet HTML 8Page - Texas Instruments TMS320C6410ZTSA400 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 146 page
background image
Revision History
3
April 2004 − Revised January 2006
SPRS247F
Revision History
This data manual revision history highlights the technical changes made to the SPRS247E device-specific data
manual to make it an SPRS247F revision.
Scope: Applicable updates to the C64x device family, specifically relating to the TMS320C6413 and
TMS320C6410 devices, have been incorporated.
PAGE(s)
NO.
ADDS/CHANGES/DELETES
13
Features, 32−Bit External Memory Interface (EMIF) section:
Changed “1024M−Byte Total Addressable Memory Space” to “512M−Byte Total Addressable Memory Space”
15
Description section:
Updated “With performance of up to 3200 million...” paragraph
23
Functional Overview, Memory Map Summary, TMS320C6413/C6410 Memory Map Summary table:
Updated Table
47
Device Configurations, Device Configuration at Device Reset, section:
Added Note
48
Device Configurations, Device Configuration at Device Reset, C6413/C6410 Device Configuration Pins (TOUT1/LENDIAN,
AEA[22:19], TOUT0/HPI_EN, HD5, CLKINSEL, and OSC_DIS) table:
Updated AEA(22:21) Configuration Functional Description for 11 to “EMIFA 8−bit ROM boot”
55
Device Configurations, Device Status Register Description, Device Status (DEVSTAT) Register Selection Bit Descriptions
table:
Updated BOOTMODE0 and BOOTMODE1 Description for 11 to “EMIFA 8−bit ROM boot”
57
Device Configurations, Debugging Considerations section:
Deleted paragraphs and added Note
60
Device Configurations, Terminal Functions, Terminal Functions table, CLOCK/PLL CONFIGURATION section:
OSCVDD Signal Name:
Changed Description from “Power for crystal oscillator (1.2 V), Do not connect to board power 1.4 V; “ to “Power for crystal
oscillator (1.2 V), Do not connect to board power CVDD; “
61
Device Configurations, Terminal Functions, Terminal Functions table, RESETS, INTERRUPTS, AND GENERAL−PURPOSE
INPUT/OUTPUTS section, NMI Signal Name:
Updated Description
63
Terminal Functions table, EMIFA (32 BIT) − ADDRESS section:
Description for AEA22 to AEA3:
Added Note
Updated AEA(22:3) Description for Boot mode (AEA[21:22]) − 11 to “EMIFA 8−bit ROM boot”
91
Peripherals Detailed Description, IEEE 1149.1 JTAG Compatibility Statement section:
Updated paragraphs for clarity
93
Device Electrical Specifications, Recommended Operating Conditions table:
Updated VOS, Maximum voltage during overshoot row
Added VUS, Minimum voltage during undershoot row
96
Parameter Measurement Information, AC transient rise/fall time specifications section:
Added AC Transient Specification Rise Time figure
Added AC Transient Specification Fall Time figure


Similar Part No. - TMS320C6410ZTSA400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6410ZTSA400 TI-TMS320C6410ZTSA400 Datasheet
1Mb / 140P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6410ZTSA400 TI-TMS320C6410ZTSA400 Datasheet
1Mb / 145P
[Old version datasheet]   Fixed-Point Digital Signal Processors
More results

Similar Description - TMS320C6410ZTSA400

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com