Electronic Components Datasheet Search |
|
Y-CONC-R602L-MC3A-2000-A Datasheet(PDF) 7 Page - YAMAHA CORPORATION |
|
Y-CONC-R602L-MC3A-2000-A Datasheet(HTML) 7 Page - YAMAHA CORPORATION |
7 / 42 page Outline Dimensions Description: Flange-head screws M3 Thread Material: Steel SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER 6 Description: IP67/68 protective cover for Y-ConFlange-10-* IP67-Schutzabdeckung für Y-ConFlange-10-* Material: Body PE Gehäuse Colour Transparent white Farbe Seal FKM (Viton®) or HNBR Dichtung Specifications: Operating Temp.: Std. - 20°C ~ +85°C Betriebstemp. LT - 40°C ~ +85°C 1) LT = Low temperature version with HNBR seal Description: Universal mounting flange with an integrated 2C seal (also in the screw area) to ensure IP6* protection when mounted with Y-ConCover-10-* and Y-ConCover-40-* Universeller Gehäuseflansch mit integrierter 2K-Dichtung (auch im Schraubbereich). Damit sind für Y-ConCover-10-* und Y-ConCover-40-* im montierten Zustand die Schutzarten IP6* gewährleistet Material: Flange Body PBT, UL94V-0 Flanschgehäuse Flange Seal TPE, UL94 HB Flanschdichtung Specifications: Operating Temp.: -40°C ~ +120°C Betriebstemp. Material: Steel Colour Black- Farbe Panel Cut Dim. (incl. in Rittal Library) Description: Manual punch to stamp out the Y-ConFlange-** panel cut with matrix for 4 screw holes. For V2A plate metal up to 2.0mm (Rockwell 56-58) Part Number Colour Y-ConFlange-10 Blue Y-ConFlange-10-B Black Series Design Number No Mark = Blue B = Black Y-ConFlange - 10 - * Part Number (Details) Part No.: Y-ConAS-24 Part No.: Y-ConAS-24-LT 1) Accessories Part No.: Y-ConFlange-Punch-1 Y-ConAS-25 Accessories Accessories Manueller Blechlocher für das Ausstanzen des Ausschnittes für Y-ConFlange-** mit Raster für 4 Schraubenbohrungen. Für V2A Metallblech bis 2,0 mm (Rockwell 56-58) Schrauben (M3-Gewinde) |
Similar Part No. - Y-CONC-R602L-MC3A-2000-A |
|
Similar Description - Y-CONC-R602L-MC3A-2000-A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |