Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMC75AT3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # 1.5SMC75AT3G
Description  1500 Watt Peak Power Zener Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1.5SMC75AT3G Datasheet(HTML) 3 Page - ON Semiconductor

  1.5SMC75AT3G Datasheet HTML 1Page - ON Semiconductor 1.5SMC75AT3G Datasheet HTML 2Page - ON Semiconductor 1.5SMC75AT3G Datasheet HTML 3Page - ON Semiconductor 1.5SMC75AT3G Datasheet HTML 4Page - ON Semiconductor 1.5SMC75AT3G Datasheet HTML 5Page - ON Semiconductor 1.5SMC75AT3G Datasheet HTML 6Page - ON Semiconductor 1.5SMC75AT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1.5SMC6.8AT3G Series, SZ1.5SMC6.8AT3G Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
Device*
Device
Marking
VRWM
(Note 6)
IR @ VRWM
Breakdown Voltage
VC @ IPP (Note 8)
QVBR
VBR V (Note 7)
@ IT
VC
IPP
V
mA
Min
Nom
Max
mA
V
A
%/5C
1.5SMC6.8AT3G
1.5SMC7.5AT3G
1.5SMC8.2AT3G
6V8A
7V5A
8V2A
5.8
6.4
7.02
1000
500
200
6.45
7.13
7.79
6.8
7.5
8.2
7.14
7.88
8.61
10
10
10
10.5
11.3
12.1
143
132
124
0.057
0.061
0.065
1.5SMC10AT3G
1.5SMC12AT3G
1.5SMC13AT3G
10A
12A
13A
8.55
10.2
11.1
10
5
5
9.5
11.4
12.4
10
12
13
10.5
12.6
13.7
1
1
1
14.5
16.7
18.2
103
90
82
0.073
0.078
0.081
1.5SMC15AT3G
1.5SMC16AT3G
1.5SMC18AT3G
1.5SMC20AT3G
15A
16A
18A
20A
12.8
13.6
15.3
17.1
5
5
5
5
14.3
15.2
17.1
19
15
16
18
20
15.8
16.8
18.9
21
1
1
1
1
21.2
22.5
25.2
27.7
71
67
59.5
54
0.084
0.086
0.088
0.09
1.5SMC22AT3G
1.5SMC24AT3G
1.5SMC27AT3G
1.5SMC30AT3G
22A
24A
27A
30A
18.8
20.5
23.1
25.6
5
5
5
5
20.9
22.8
25.7
28.5
22
24
27
30
23.1
25.2
28.4
31.5
1
1
1
1
30.6
33.2
37.5
41.4
49
45
40
36
0.092
0.094
0.096
0.097
1.5SMC33AT3G
1.5SMC36AT3G
1.5SMC39AT3G
1.5SMC43AT3G
33A
36A
39A
43A
28.2
30.8
33.3
36.8
5
5
5
5
31.4
34.2
37.1
40.9
33
36
39
43
34.7
37.8
41
45.2
1
1
1
1
45.7
49.9
53.9
59.3
33
30
28
25.3
0.098
0.099
0.1
0.101
1.5SMC47AT3G
1.5SMC51AT3G
1.5SMC56AT3G
1.5SMC62AT3G
47A
51A
56A
62A
40.2
43.6
47.8
53
5
5
5
5
44.7
48.5
53.2
58.9
47
51
56
62
49.4
53.6
58.8
65.1
1
1
1
1
64.8
70.1
77
85
23.2
21.4
19.5
17.7
0.101
0.102
0.103
0.104
1.5SMC68AT3G
1.5SMC75AT3G
1.5SMC82AT3G
1.5SMC91AT3G
68A
75A
82A
91A
58.1
64.1
70.1
77.8
5
5
5
5
64.6
71.3
77.9
86.5
68
75
82
91
71.4
78.8
86.1
95.5
1
1
1
1
92
103
113
125
16.3
14.6
13.3
12
0.104
0.105
0.105
0.106
6. A transient suppressor is normally selected according to the working peak reverse voltage (VRWM), which should be equal to or greater than
the DC or continuous peak operating voltage level.
7. VBR measured at pulse test current IT at an ambient temperature of 25C.
8. Surge current waveform per Figure 2 and derate per Figure 3 of the General Data − 1500 Watt at the beginning of this group.
* Include SZ-prefix devices where applicable.


Similar Part No. - 1.5SMC75AT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1.5SMC75AT3G ONSEMI-1.5SMC75AT3G Datasheet
73Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional*
February, 2007 ??Rev. 7
logo
Littelfuse
1.5SMC75AT3G LITTELFUSE-1.5SMC75AT3G Datasheet
767Kb / 5P
   The 1.5SMCxxAT3G series is designed to protect voltage sensitive components from high voltage
More results

Similar Description - 1.5SMC75AT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
15SMC68AT3 ONSEMI-15SMC68AT3 Datasheet
82Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 5
1SMC5.0AT3G ONSEMI-1SMC5.0AT3G Datasheet
174Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 8
SZ1.5SMC27AT3G ONSEMI-SZ1.5SMC27AT3G Datasheet
142Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
October, 2009 ??Rev. 8
1SMC5.0AT3 ONSEMI-1SMC5.0AT3_07 Datasheet
71Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
February, 2007 ??Rev. 5
1SMC5.0AT3 ONSEMI-1SMC5.0AT3 Datasheet
69Kb / 8P
   1500 Watt Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 3
1N6373 ONSEMI-1N6373 Datasheet
60Kb / 8P
   1500 Watt Peak Power Mosorb Zener Transient Voltage Suppressors
June, 2002 ??Rev. 2
1.5SMC6.8AT3 ONSEMI-1.5SMC6.8AT3_07 Datasheet
73Kb / 7P
   1500 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional*
February, 2007 ??Rev. 7
logo
Goodwork Semiconductor ...
1.5KE GWSEMI-1.5KE Datasheet
178Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
15KE BYTES-15KE Datasheet
304Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
UNIOHM CORPORATION
1.5KE UNIOHM-1.5KE Datasheet
87Kb / 4P
   1500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com