Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1917AS Datasheet(PDF) 3 Page - Sony Corporation

Part # CXA1917AS
Description  Dolby S type Noise Reduction Processor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1917AS Datasheet(HTML) 3 Page - Sony Corporation

  CXA1917AS Datasheet HTML 1Page - Sony Corporation CXA1917AS Datasheet HTML 2Page - Sony Corporation CXA1917AS Datasheet HTML 3Page - Sony Corporation CXA1917AS Datasheet HTML 4Page - Sony Corporation CXA1917AS Datasheet HTML 5Page - Sony Corporation CXA1917AS Datasheet HTML 6Page - Sony Corporation CXA1917AS Datasheet HTML 7Page - Sony Corporation CXA1917AS Datasheet HTML 8Page - Sony Corporation CXA1917AS Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
– 3 –
CXA1917AM/AS
Pin Description
(DCV values are for Vcc = 6.0V and VEE = –6.0V.)
Pin No.
Symbol
DCV (V)
Equivalent Circuit
Description
1
HLSMP
0
HLS main path input
2
MCTC
–3.9
Time constant for the
MC2
3
ZHSH
0
DC cut capacitance for
the HLS/HF/SB detector
4
ZL2
0
HF/LF/FB pass band
rectifier input
VCC
VEE
1
VCC
VEE
1.5k
9.2k
2p
2
VCC
VEE
2.6k
3
VCC
GND
16k
VCT
4


Similar Part No. - CXA1917AS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1910 SONY-CXA1910 Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1910Q SONY-CXA1910Q Datasheet
387Kb / 18P
   Dolby B Type Noise Reduction System with Playback Equalizer
CXA1911 SONY-CXA1911 Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA1911Q SONY-CXA1911Q Datasheet
334Kb / 18P
   Dolby B/C Type Noise Reduction System with Playback Equalizer
CXA1915AN SONY-CXA1915AN Datasheet
108Kb / 8P
   I-V Photo IC for MiniDisc
More results

Similar Description - CXA1917AS

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2186 NJRC-NJM2186 Datasheet
81Kb / 11P
   DOLBY S-TYPE NOISE REDUCTION PROCESSOR
logo
National Semiconductor ...
LM1112 NSC-LM1112 Datasheet
203Kb / 6P
   DOLBY B-TYPE NOISE REDUCTION PROCESSOR
logo
New Japan Radio
NJM2063A NJRC-NJM2063A Datasheet
116Kb / 2P
   DOLBY B-TYPE NOISE REDUCTION PROCESSOR
logo
Samsung semiconductor
KA2271 SAMSUNG-KA2271 Datasheet
289Kb / 7P
   DOLBY B TYPE NOISE REDUCTION PROCESSOR
logo
New Japan Radio
NJM2185A NJRC-NJM2185A Datasheet
175Kb / 6P
   DOLBY B-TYPE NOISE REDUCTION PROCESSOR
NJM2065A NJRC-NJM2065A Datasheet
132Kb / 3P
   DOLBY B-C TYPE NOISE REDUCTION PROCESSOR?
logo
National Semiconductor ...
LM1131 NSC-LM1131 Datasheet
186Kb / 5P
   DUAL DOLBY B-TYPE NOISE REDUCTION PROCESSOR
logo
NTE Electronics
NTE2003 NTE-NTE2003 Datasheet
23Kb / 2P
   Integrated Circuit Dolby B-Type Noise Reduction Processor
logo
National Semiconductor ...
LM1141 NSC-LM1141 Datasheet
172Kb / 5P
   DOLBY B-C TYPE NOISE REDUCTION
logo
Panasonic Semiconductor
AN7354SC PANASONIC-AN7354SC Datasheet
122Kb / 12P
   Dolby B/C-type Noise Reduction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com