Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD251QDRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD251QDRQ1
Description  CAN TRANSCEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVD251QDRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  SN65HVD251QDRQ1 Datasheet HTML 1Page - Texas Instruments SN65HVD251QDRQ1 Datasheet HTML 2Page - Texas Instruments SN65HVD251QDRQ1 Datasheet HTML 3Page - Texas Instruments SN65HVD251QDRQ1 Datasheet HTML 4Page - Texas Instruments SN65HVD251QDRQ1 Datasheet HTML 5Page - Texas Instruments SN65HVD251QDRQ1 Datasheet HTML 6Page - Texas Instruments SN65HVD251QDRQ1 Datasheet HTML 7Page - Texas Instruments SN65HVD251QDRQ1 Datasheet HTML 8Page - Texas Instruments SN65HVD251QDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ti.com
RECEIVER ELECTRICAL CHARACTERISTICS
RECEIVER SWITCHING CHARACTERISTICS
VREF PIN CHARACTERISTICS
SN65HVD251-Q1
SLLS788 – APRIL 2007
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VIT+
Positive-going input threshold voltage
750
900
VIT–
Negative-going input threshold voltage
Rs at 0 V, (See Table 1)
500
650
mV
Vhys
Hysteresis voltage (VIT+ – VIT–)
100
VOH
High-level output voltage
Figure 6, IO = –4 mA
0.8 VCC
V
VOL
Low-level output voltage
Figure 6, IO = 4 mA
0.2 VCC
V
CANH or CANL at 12 V
600
CANH or CANL at 12 V,
715
Other bus pin at
VCC at 0 V
II
Bus input current
0 V, Rs at 0 V,
A
CANH or CANL at –7 V
–460
D at 0.7 VCC
CANH or CANL at –7 V,
–340
VCC at 0 V
Pin-to-ground, VI = 0.4 sin (4E6πt) + 0.5 V,
pF
CI
Input capacitance (CANH or CANL)
20
D at 0.7 VCC
Pin-to-pin, VI = 0.4 sin (4E6πt) + 0.5 V,
pF
CID
Differential input capacitance
10
D at 0.7 VCC
RID
Differential input resistance
D at 0.7 VCC, Rs at 0 V
40
100
k
RIN
Input resistance (CANH or CANL)
D at 0.7 VCC, Rs at 0 V
20
50
k
Standby
Rs at VCC, D at VCC
275
A
ICC
Supply current
Dominant
D at 0 V, 60-
Ω load, Rs at 0 V
65
mA
Recessive
D at VCC, No load, Rs at 0 V
14
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpLH
Propagation delay time, low-to-high-level output
35
50
ns
tpHL
Propagation delay time, high-to-low-level output
35
50
ns
tsk(p)
Pulse skew (|tpHL – tpLH|)
Figure 6
20
ns
tr
Output signal rise time
2
4
ns
tf
Output signal fall time
2
4
ns
tp(sb)
Propagation delay time in standby
Figure 12, Rs at VCC
500
ns
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
–5
μA < IO < 5 μA
0.45 VCC
0.55 VCC
VO
Reference output voltage
V
–50
μA < IO < 50 μA
0.4 VCC
0.6 VCC
5
Submit Documentation Feedback


Similar Part No. - SN65HVD251QDRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251 Datasheet
390Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251 TI-SN65HVD251 Datasheet
528Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251 TI-SN65HVD251 Datasheet
557Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251D TI-SN65HVD251D Datasheet
390Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251D TI-SN65HVD251D Datasheet
378Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
More results

Similar Description - SN65HVD251QDRQ1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6250 INFINEON-TLE6250 Datasheet
615Kb / 27P
   CAN-Transceiver
Version 3.4 2002-10-08
logo
Texas Instruments
SN65HVD251 TI-SN65HVD251_06 Datasheet
378Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
logo
Renesas Technology Corp
HA13721RP RENESAS-HA13721RP Datasheet
114Kb / 9P
   CAN Transceiver
HA13721RP RENESAS-HA13721RP_15 Datasheet
139Kb / 11P
   CAN Transceiver
logo
Texas Instruments
UC5350 TI-UC5350 Datasheet
110Kb / 6P
[Old version datasheet]   CAN Transceiver
SN65HVD251 TI-SN65HVD251_08 Datasheet
557Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
UC5350 TI1-UC5350_09 Datasheet
206Kb / 9P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251 TI-SN65HVD251_07 Datasheet
528Kb / 21P
[Old version datasheet]   CAN TRANSCEIVER
SN65HVD251 TI-SN65HVD251 Datasheet
390Kb / 19P
[Old version datasheet]   CAN TRANSCEIVER
logo
Holt Integrated Circuit...
HI-3001 HOLTIC-HI-3001 Datasheet
87Kb / 13P
   1Mbps Avionics CAN Transceiver 1Mbps Avionics CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com