Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVDA540 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVDA540
Description  5-V CAN TRANSCEIVER WITH I/O LEVEL SHIFTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN65HVDA540 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65HVDA540 Datasheet HTML 6Page - Texas Instruments SN65HVDA540 Datasheet HTML 7Page - Texas Instruments SN65HVDA540 Datasheet HTML 8Page - Texas Instruments SN65HVDA540 Datasheet HTML 9Page - Texas Instruments SN65HVDA540 Datasheet HTML 10Page - Texas Instruments SN65HVDA540 Datasheet HTML 11Page - Texas Instruments SN65HVDA540 Datasheet HTML 12Page - Texas Instruments SN65HVDA540 Datasheet HTML 13Page - Texas Instruments SN65HVDA540 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
0 V
VOD
+
_
CANH
CANL
TXD
STB
R
L
330
±1%
W
–2 V
V
7 V
£
£
TEST
330
±1%
W
STB
CANH
CANL
V I
TXD
(SeeNote A)
90%
10%
0.9V
tPLH
0.5V
VIO /2
0V
VO(D)
VO(R)
tPHL
tr
tf
VI
VO
VO
C =100pF
(seeNoteB)
L
R =60
±1%
L
W
VIO /2
VIO
CANH
CANL
VID
VI (CANH) +VI (CANL)
2
VIC =
VI (CANH)
VI (CANL)
VO
IO
RXD
1.5 V
CANH
CANL
RXD
V
I
(See Note A)
STB
C = 15 pF ± 20%
(See Note B)
L
I
O
V
O
VI
VO
tPLH
0.7 VIO
2 V
2.4 V
tPHL
0.3 VIO
90%
10%
3.5 V
1.5 V
VIO
VOL
tr
tf
SN65HVDA540
SN65HVDA541
SLLS981 – MAY 2009 ........................................................................................................................................................................................................ www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 5. Driver VOD Test Circuit
A.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 125 kHz, 50% duty cycle,
tr ≤ 6 ns, tf ≤ 6 ns, ZO = 50 Ω.
B.
CL includes instrumentation and fixture capacitance within ±20%.
Figure 6. Driver Test Circuit and Voltage Waveforms
Figure 7. Receiver Voltage and Current Definitions
A.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 125 kHz, 50% duty cycle,
tr ≤ 6 ns, tf ≤ 6 ns, ZO = 50 Ω.
B.
CL includes instrumentation and fixture capacitance within ±20%.
Figure 8. Receiver Test Circuit and Voltage Waveforms
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN65HVDA540 SN65HVDA541


Similar Part No. - SN65HVDA540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVDA540-5-Q1 TI1-SN65HVDA540-5-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
SN65HVDA540-5-Q1 TI1-SN65HVDA540-5-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
SN65HVDA540-Q1 TI1-SN65HVDA540-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
More results

Similar Description - SN65HVDA540

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HVDA551QDRQ1 TI1-HVDA551QDRQ1 Datasheet
921Kb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER-MODE SUPPLY OPTIMIZATION
SN65HVDA540-Q1 TI1-SN65HVDA540-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
SN65HVDA540-5-Q1 TI1-SN65HVDA540-5-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   5-V CAN TRANSCEIVER WITH I/O LEVEL ADAPTING AND LOW-POWER MODE SUPPLY OPTIMIZATION
SN74AVCH2T45 TI1-SN74AVCH2T45_15 Datasheet
985Kb / 31P
[Old version datasheet]   2-Supply, Bus Transceiver with Configurable Level-Shifting
TCAN1046AV-Q1 TI-TCAN1046AV-Q1 Datasheet
907Kb / 15P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
SLLSFJ5 ??JULY 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V02 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V01 Datasheet
2Mb / 41P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1046AV-Q1 TI-TCAN1046AV-Q1_V03 Datasheet
2Mb / 43P
[Old version datasheet]   TCAN104xAV-Q1 Automotive Dual CAN FD Transceiver with 1.8-V I/O Support and Standby Mode
DECEMBER 2021
TCAN1044EV-Q1 TI1-TCAN1044EV-Q1 Datasheet
705Kb / 31P
[Old version datasheet]   TCAN1044EV-Q1 Grade 0 CAN FD Transceiver with Standby Mode and 1.8-V I/O Support
logo
NXP Semiconductors
UJA1166A NXP-UJA1166A Datasheet
435Kb / 35P
   High-speed CAN transceiver with 5 V LDO and Sleep mode
Rev. 1 ??23 August 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com