Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT245BMDBREP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ABT245BMDBREP
Description  OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT245BMDBREP Datasheet(HTML) 4 Page - Texas Instruments

  SN74ABT245BMDBREP Datasheet HTML 1Page - Texas Instruments SN74ABT245BMDBREP Datasheet HTML 2Page - Texas Instruments SN74ABT245BMDBREP Datasheet HTML 3Page - Texas Instruments SN74ABT245BMDBREP Datasheet HTML 4Page - Texas Instruments SN74ABT245BMDBREP Datasheet HTML 5Page - Texas Instruments SN74ABT245BMDBREP Datasheet HTML 6Page - Texas Instruments SN74ABT245BMDBREP Datasheet HTML 7Page - Texas Instruments SN74ABT245BMDBREP Datasheet HTML 8Page - Texas Instruments SN74ABT245BMDBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SN74ABT245BEP
OCTAL BUS TRANSCEIVER
WITH 3STATE OUTPUTS
SCBS798 - FEBRUARY 2004
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
−1.2
V
VCC = 4.5 V,
IOH = −3 mA
2.5
2.5
VOH
VCC = 5 V,
IOH = −3 mA
3
3
V
VOH
VCC = 4.5 V,
IOH = −24 mA
2
2
V
VOL
VCC = 4.5 V,
IOL = 32 mA
0.55
0.55
V
II
Control inputs
VCC = 0 to 5.5 V, VI = VCC or GND
±1
±1
A
II
A or B ports
VCC = 2.1 V to 5.5 V, VI = VCC or GND
±20
±100
µA
IOZPU
VCC = 0 to 2.1 V, VO = 0.5 V to 2.7 V, OE = X
±50
±50
µA
IOZPD
VCC = 2.1 V to 0, VO = 0.5 V to 2.7 V, OE = X
±50
±50
µA
IOZH‡
VCC = 2.1 V to 5.5 V, VO = 2.7 V, OE ≥ 2 V
10
10
µA
IOZL‡
VCC = 2.1 V to 5.5 V, VO = 0.5 V, OE ≥ 2 V
−10
−10
µA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
µA
ICEX
VCC = 5.5 V, VO = 5.5 V
Outputs high
50
50
µA
IO§
VCC = 5.5 V,
VO = 2.5 V
−50
−140
−180
−50
−180
mA
Outputs high
5
250
250
µA
ICC
A or B ports
VCC = 5.5 V, IO = 0, VI = VCC or GND Outputs low
22
30
30
mA
ICC
A or B ports
VCC = 5.5 V, IO = 0, VI = VCC or GND
Outputs disabled
1
250
250
µA
Data inputs
VCC = 5.5 V, One input at 3.4 V,
Outputs enabled
1.5
1.5
mA
∆ICC¶
Data inputs
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
Outputs disabled
50
50
µA
∆ICC¶
Control inputs
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
1.5
1.5
mA
Ci
Control inputs
VI = 2.5 V or 0.5 V
4
pF
Cio
A or B ports
VO = 2.5 V or 0.5 V
8
pF
† All typical values are at VCC = 5 V.
‡ The parameters IOZH and IOZL include the input leakage current.
§ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
¶ This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A or B
B or A
1
2
3.2
0.8
3.8
ns
tPHL
A or B
B or A
1
2.6
3.5
1
4.2
ns
tPZH
OE
A or B
2
3.5
4.5
1.2
6.2
ns
tPZL
OE
A or B
1.9
4
5.3
1.3
6.8
ns
tPHZ
OE
A or B
2.2
4.4
5.4
2.2
6.1
ns
tPLZ
OE
A or B
1.5
3
4
1.0
4.9
ns
tsk(o)
0.5
ns


Similar Part No. - SN74ABT245BMDBREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT245B TI-SN74ABT245B Datasheet
107Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT245B TI-SN74ABT245B Datasheet
784Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3 STATE OUTPUTS
SN74ABT245B TI-SN74ABT245B Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT245B TI1-SN74ABT245B Datasheet
1Mb / 27P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
1Mb / 27P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABT245BMDBREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVCZ245A TI-SN74LVCZ245A_08 Datasheet
535Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT11620 TI1-74ACT11620 Datasheet
104Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com