Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR408E104DART Datasheet(PDF) 9 Page - AVX Corporation

Part # SR408E104DART
Description  Radial Leads/SkyCap짰/SR Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SR408E104DART Datasheet(HTML) 9 Page - AVX Corporation

Back Button SR408E104DART Datasheet HTML 5Page - AVX Corporation SR408E104DART Datasheet HTML 6Page - AVX Corporation SR408E104DART Datasheet HTML 7Page - AVX Corporation SR408E104DART Datasheet HTML 8Page - AVX Corporation SR408E104DART Datasheet HTML 9Page - AVX Corporation SR408E104DART Datasheet HTML 10Page - AVX Corporation SR408E104DART Datasheet HTML 11Page - AVX Corporation SR408E104DART Datasheet HTML 12Page - AVX Corporation SR408E104DART Datasheet HTML 13Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
23
Radial Leads/SkyCap
®/AR Series
AUTOMOTIVE
See Note
Dimensions: Millimeters (Inches)
Note: Coating clean .784 (0.031) min.
above seating plane
Styles AR15, AR20,
AR30, AR40
Style AR21
W
Max.
W
Max.
Max.
T
Max.
T
L.S.
.762 (0.030)
L.S.
.762 (0.030)
H Max.
H Max.
1.0" Min.
1.0" Min.
LD
Nom.
LD
Nom.
1.52 (0.060)
Max.
AVX AR Series
Conformally Coated Radial Leaded MLC
Temperature Coefficients: C0G (NP0), X7R, X8R
200, 100, 50 Volts
Case Material: Epoxy
Lead Material: RoHS Compliant, 100% Tin
Qualified: to AEC-Q200, PPAP Available
Temperature Range: up to 150ºC
XXX
X X X
FRONT
XXX
A XX
BACK
Capacitance Code
Tolerance Code
Voltage Code
Temp. Char. Code
3 Digit Date Code
Lot Code
AVX Logo
Quantity per Bag
AR15, 20, 21, 30
1000 Pieces
AR40
500 Pieces
Note: AR15, AR20, AR21, AR30, and AR40 available on tape and reel per EIA
specifications RS-468. See pages 33 and 34.
GENERAL INFORMATION
MARKING
PACKAGING REQUIREMENTS
HOW TO ORDER
AR21
AVX Style
5
Voltage
5 = 50V
1 = 100V
2 = 200V
F
Temperature
Coefficient
A = C0G (NP0)
C = X7R
F = X8R
104
Capacitance
First two digits are the
significant figures of
capacitance. Third digit
indicates the additional
number of zeros. For
example, order 100,000
pF as 104. (For values
below 10pF use “R” in
place of decimal point,
e.g., 1R4 = 1.4pF.)
M
Capacitance
Tolerance
C0G (NP0):
C = ±.25pF
D = ±.5pF
F = ±1%
(>50pF only)
G = ±2%
(>25pF only)
J = ±5%
K = ±10%
X7R:
J = ±5%
K = ±10%
M = ±20%
X8R:
J = ±5%
K = ±10%
M = ±20%
4
Failure Rate
4 = AEC-Q200
R
Leads
R = RoHS
Long Lead
1.0" minimum
TR1
Packaging
Blank = Bulk Packaging
T = Trimmed Leads
.230"± .030"
Bulk packaging
TR1 = Tape and Reel
Packaging
AP1 = Ammopack
Packaging
See packaging specification
page 33-34.
Drawings are for illustrative purposes only.
Actual lead form shape could vary within stated tolerances based on body size.


Similar Part No. - SR408E104DART

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SR408E104DART AVX-SR408E104DART Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR408E104DARTR1 AVX-SR408E104DARTR1 Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
More results

Similar Description - SR408E104DART

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SR211C104KAA AVX-SR211C104KAA Datasheet
267Kb / 8P
   Radial Leads/SkyCap짰
SR155E103MAR AVX-SR155E103MAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap짰
AR215F104M4R AVX-AR215F104M4R Datasheet
202Kb / 9P
   Radial Leads/SkyCap짰/AR Series
SR152A3R0CAR AVX-SR152A3R0CAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap /SR Series
SR212A220JAA AVX-SR212A220JAA Datasheet
169Kb / 1P
   Radial Leads/SkyCap/SR Series
SR155C102KAR AVX-SR155C102KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR215C104KAR AVX-SR215C104KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
SR211C105KAR AVX-SR211C105KAR Datasheet
177Kb / 4P
   Radial Leads/SkyCap/SR Series
BF01 AVX-BF01 Datasheet
57Kb / 4P
   Radial Leads
SR201A102JAR AVX-SR201A102JAR Datasheet
267Kb / 8P
   Radial Leads/SkyCap
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com