Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST330SPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ST330SPBF
Description  Phase Control Thyristors (Stud Version), 330 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST330SPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  ST330SPBF_12 Datasheet HTML 1Page - Vishay Siliconix ST330SPBF_12 Datasheet HTML 2Page - Vishay Siliconix ST330SPBF_12 Datasheet HTML 3Page - Vishay Siliconix ST330SPBF_12 Datasheet HTML 4Page - Vishay Siliconix ST330SPBF_12 Datasheet HTML 5Page - Vishay Siliconix ST330SPBF_12 Datasheet HTML 6Page - Vishay Siliconix ST330SPBF_12 Datasheet HTML 7Page - Vishay Siliconix ST330SPBF_12 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 94409
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 11-Aug-08
1
Phase Control Thyristors
(Stud Version), 330 A
ST330SPbF Series
Vishay High Power Products
FEATURES
• Center amplifying gate
• International standard case TO-209AE (TO-118)
• Hermetic metal case with ceramic insulator
• Compression bonded encapsulation for heavy duty
operations such as severe thermal cycling
• Lead (Pb)-free
• Designed and qualified for industrial level
TYPICAL APPLICATIONS
• DC motor controls
• Controlled DC power supplies
• AC controllers
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IT(AV)
330 A
TO-209AE (TO-118)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IT(AV)
330
A
TC
75
°C
IT(RMS)
520
A
ITSM
50 Hz
9000
60 Hz
9420
I2t
50 Hz
405
kA2s
60 Hz
370
VDRM/VRRM
400 to 2000
V
tq
Typical
100
µs
TJ
- 40 to 125
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VDRM/VRRM, MAXIMUM REPETITIVE PEAK
AND OFF-STATE VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK VOLTAGE
V
IDRM/IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
ST330S
04
400
500
50
08
800
900
12
1200
1300
16
1600
1700
20
2000
2100


Similar Part No. - ST330SPBF_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ST330SPBF VISHAY-ST330SPBF Datasheet
140Kb / 7P
   Phase Control Thyristors (Stud Version), 330 A
Revision: 11-Aug-08
More results

Similar Description - ST330SPBF_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ST330SPBF VISHAY-VS-ST330SPBF Datasheet
192Kb / 8P
   Phase Control Thyristors (Stud Version), 330 A
Revision: 01-Mar-17
VS-ST330SPBF VISHAY-VS-ST330SPBF_V01 Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 330 A
01-Jan-2022
ST330SPBF VISHAY-ST330SPBF Datasheet
140Kb / 7P
   Phase Control Thyristors (Stud Version), 330 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
ST300SPBF VISHAY-ST300SPBF_12 Datasheet
172Kb / 8P
   Phase Control Thyristors (Stud Version), 300 A
Revision: 11-Aug-08
VS-ST180SVPBF VISHAY-VS-ST180SVPBF Datasheet
193Kb / 8P
   Phase Control Thyristors (Stud Version), 200 A
VS-180RKIPBF VISHAY-VS-180RKIPBF_V01 Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 180 A
01-Jan-2022
VS-ST280S VISHAY-VS-ST280S_V01 Datasheet
185Kb / 8P
   Phase Control Thyristors(Stud Version), 280 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com