Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA1998 Datasheet(PDF) 7 Page - Sony Corporation

Part # CXA1998
Description  Recording/Playback Equalizer Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1998 Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA1998 Datasheet HTML 3Page - Sony Corporation CXA1998 Datasheet HTML 4Page - Sony Corporation CXA1998 Datasheet HTML 5Page - Sony Corporation CXA1998 Datasheet HTML 6Page - Sony Corporation CXA1998 Datasheet HTML 7Page - Sony Corporation CXA1998 Datasheet HTML 8Page - Sony Corporation CXA1998 Datasheet HTML 9Page - Sony Corporation CXA1998 Datasheet HTML 10Page - Sony Corporation CXA1998 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
– 7 –
CXA1998AQ
24
LATCH
27
XRESET
—I
Serial data interface
latch input.
25
DATA
I
Serial data interface
reset input.
Low: Reset.
At this time serial
data outputs
(Pins 15 to 22)
are all open
(high).
26
Serial data interface
clock input.
Serial data interface
serial data input.
28
DGND
0.0V
Serial data interface
block ground.
CLK
2k
GND
VDD
10.5k
25µA
GND
30k
5p
× 4
30k
24
27
4k
GND
VDD
10.5k
25µA
GND
30k
× 4
30k
25
26
GND
28
33
GND
0.0V
Ground.
35
VCC
8.0V
Power supply.
34
VG
4.0V
Signal reference
voltage. Connects a
capacitor for ripple
rejection.
60k
GND
33
34
VCC
147
45k
30k
× 4
VCC
GND
GND
500
500
× 2
30k
× 2
35
VCC
Pin
No.
Symbol
DC
voltage
I/O
Equivalent circuit
Description
I/O
resistance


Similar Part No. - CXA1998

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1998 SONY-CXA1998 Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
More results

Similar Description - CXA1998

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1898Q SONY-CXA1898Q Datasheet
660Kb / 26P
   Recording/Playback Equalizer Amplifier
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA1498S SONY-CXA1498S Datasheet
378Kb / 13P
   Recording/Playback Equalizer Amplifier for Stereo Tape Recorder
logo
Rohm
BA5102A ROHM-BA5102A Datasheet
99Kb / 2P
   Switchless Recording/Playback Amplifier
logo
Sony Corporation
CXA2002R SONY-CXA2002R Datasheet
421Kb / 25P
   2-channel Recording/Playback Amplifier
logo
Sanyo Semicon Device
LA7270 SANYO-LA7270 Datasheet
256Kb / 6P
   VHS VTR Playback Head Amplifier Recording Amplifier
logo
Sony Corporation
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
   Voice Recording & Playback Device Voice Recording & Playback Device
logo
Sanyo Semicon Device
LA70020 SANYO-LA70020 Datasheet
173Kb / 13P
   Recording/Playback Amplifier for VHS VCRs
logo
Panasonic Semiconductor
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
   2-head recording/playback amplifier IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com