Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT7812CD2T Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCT7812CD2T
Description  THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCT7812CD2T Datasheet(HTML) 1 Page - Motorola, Inc

  MCT7812CD2T Datasheet HTML 1Page - Motorola, Inc MCT7812CD2T Datasheet HTML 2Page - Motorola, Inc MCT7812CD2T Datasheet HTML 3Page - Motorola, Inc MCT7812CD2T Datasheet HTML 4Page - Motorola, Inc MCT7812CD2T Datasheet HTML 5Page - Motorola, Inc MCT7812CD2T Datasheet HTML 6Page - Motorola, Inc MCT7812CD2T Datasheet HTML 7Page - Motorola, Inc MCT7812CD2T Datasheet HTML 8Page - Motorola, Inc MCT7812CD2T Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Order this document by MCT7800/D
MCT7800
Series
THREE-TERMINAL
POSITIVE FIXED
VOLTAGE REGULATORS
Pin 1. Input
2. Ground
3. Output
STANDARD APPLICATION
A common ground is required between the
input and the output voltages. The input voltage
must remain typically 2.0 V above the output
voltage even during the low point on the input
ripple voltage.
XX, these two digits of the type number indicate
nominal voltage.
** Cin is required if regulator is located an
appreciable distance from power supply filter.
** Some CO is recommended for stability; it does
improve transient response. Values less than
0.1
µF could cause instability.
MCT78XX
Input
Cin*
0.33
µF
CO**
Output
T SUFFIX
PLASTIC PACKAGE
CASE 221A
Heatsink surface
connected to Pin 2.
D2T SUFFIX
PLASTIC PACKAGE
CASE 936
(D2PAK)
3
1
2
3
1
2
Heatsink surface (shown as terminal 4 in
case outline drawing) is connected to Pin 2.
1
MCT7800
MOTOROLA
ThreeTerminal Positive
Voltage Regulators
These voltage regulators are monolithic integrated circuits designed as
fixed-voltage regulators for a wide variety of applications including local,
on-card regulation. These regulators employ internal current limiting,
thermal shutdown, and safe-area compensation. With adequate heatsinking
they can deliver output currents in excess of 1.0 A. Although designed
primarily as fixed voltage regulators, these devices can be used with
external components to obtain adjustable voltages and currents.
Output Current in Excess of 1.0 A
No External Components Required
Internal Thermal Overload Protection
Internal Short Circuit Current Limiting
Output Transistor Safe-Area Compensation
Output Voltage Offered with a 4% Tolerance
Available in Surface Mount D2PAK and Standard 3-Lead Transistor
Packages
This MCT-prefixed device is intended to be a possible replacement for the similar
device with the MC-prefix. Because the MCT device originates from different source
material, there may be subtle differences in typical parameter values or
characteristic curves. Due to the diversity of potential applications, Motorola can not
assure identical performance in all circuits. Motorola recommends that the
customer qualify the MCT-prefixed device in each potential application.
DEVICE TYPE/NOMINAL OUTPUT VOLTAGE
MCT7805
MCT7806
MCT7808
MCT7809
5.0 V
6.0 V
8.0 V
9.0 V
MCT7812
MCT7815
MCT7818
MCT7824
12 V
15 V
18 V
24 V
ORDERING INFORMATION
Device
Output Voltage
Tolerance
Tested Operating
Temperature Range
Package
MCT78XXBD2T
4%
TJ = – 40° to +125°C
Surface Mount
MCT78XXBT
4%
TJ = – 40° to +125°C
Insertion Mount
MCT78XXCD2T
4%
TJ = 0° to +125°C
Surface Mount
MCT78XXCT
TJ = 0° to +125°C
Insertion Mount
XX indicates nominal voltage.
© Motorola, Inc. 1994
Rev 3


Similar Part No. - MCT7812CD2T

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MCT MERITEK-MCT Datasheet
120Kb / 1P
   Cement Resistor With Thermal Cut-Off
logo
Conquer Electronics Co....
MCT CONQUER-MCT Datasheet
196Kb / 1P
   8.35 x 3.95 x 5.0 mm
logo
Vishay Siliconix
MCT-0603 VISHAY-MCT-0603 Datasheet
170Kb / 13P
   Professional Thin Film Chip Resistors
Revision: 16-Aug-16
MCT-0603 VISHAY-MCT-0603 Datasheet
113Kb / 1P
   Precision Thin Film Chip Resistors
Revision: 27-Oct-14
MCT-0603-AT VISHAY-MCT-0603-AT Datasheet
151Kb / 10P
   Precision Thin Film Chip Resistors
Revision: 21-Feb-17
More results

Similar Description - MCT7812CD2T

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com