Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25010ZE.GT3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CAT25010ZE.GT3
Description  1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25010ZE.GT3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT25010ZE.GT3 Datasheet HTML 1Page - ON Semiconductor CAT25010ZE.GT3 Datasheet HTML 2Page - ON Semiconductor CAT25010ZE.GT3 Datasheet HTML 3Page - ON Semiconductor CAT25010ZE.GT3 Datasheet HTML 4Page - ON Semiconductor CAT25010ZE.GT3 Datasheet HTML 5Page - ON Semiconductor CAT25010ZE.GT3 Datasheet HTML 6Page - ON Semiconductor CAT25010ZE.GT3 Datasheet HTML 7Page - ON Semiconductor CAT25010ZE.GT3 Datasheet HTML 8Page - ON Semiconductor CAT25010ZE.GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
CAT25010, CAT25020, CAT25040
http://onsemi.com
4
Table 7. A.C. CHARACTERISTICS – New Product (Rev E)
(TA = −40°C to +85°C (Industrial) and TA = −40°C to +125°C (Extended), unless otherwise specified.) (Note 9)
Symbol
Parameter
VCC = 1.8 V − 5.5 V
−405C to +855C
VCC = 2.5 V − 5.5 V
−405C to +1255C
VCC = 4.5 V − 5.5 V
−405C to +855C
Units
Min
Max
Min
Max
Min
Max
fSCK
Clock Frequency
DC
5
DC
10
DC
20
MHz
tSU
Data Setup Time
20
10
5
ns
tH
Data Hold Time
20
10
5
ns
tWH
SCK High Time
75
40
20
ns
tWL
SCK Low Time
75
40
20
ns
tLZ
HOLD to Output Low Z
50
25
25
ns
tRI (Note 10)
Input Rise Time
2
2
2
ms
tFI (Note 10)
Input Fall Time
2
2
2
ms
tHD
HOLD Setup Time
0
0
0
ns
tCD
HOLD Hold Time
10
10
5
ns
tV
Output Valid from Clock Low
70
35
20
ns
tHO
Output Hold Time
0
0
0
ns
tDIS
Output Disable Time
50
20
20
ns
tHZ
HOLD to Output High Z
100
25
25
ns
tCS
CS High Time
80
40
20
ns
tCSS
CS Setup Time
30
30
15
ns
tCSH
CS Hold Time
30
30
20
ns
tCNS
CS Inactive Setup Time
20
20
15
ns
tCNH
CS Inactive Hold Time
20
20
15
ns
tWPS
WP Setup Time
10
10
10
ns
tWPH
WP Hold Time
10
10
10
ns
tWC (Note 12)
Write Cycle Time
5
5
5
ms
Table 8. POWER−UP TIMING (Notes 10, 11)
Symbol
Parameter
Min
Max
Units
tPUR
Power−up to Read Operation
0.1
1
ms
tPUW
Power−up to Write Operation
0.1
1
ms
9. AC Test Conditions:
Input Pulse Voltages: 0.3 VCC to 0.7 VCC
Input rise and fall times: ≤ 10 ns
Input and output reference voltages: 0.5 VCC
Output load: current source IOL max/IOH max; CL = 30 pF
10.This parameter is tested initially and after a design or process change that affects the parameter.
11. tPUR and tPUW are the delays required from the time VCC is stable at the operating voltage until the specified operation can be initiated.
12.tWC is the time from the rising edge of CS after a valid write sequence to the end of the internal write cycle.


Similar Part No. - CAT25010ZE.GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25010ZE CATALYST-CAT25010ZE Datasheet
73Kb / 11P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25010ZE-GT3 CATALYST-CAT25010ZE-GT3 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010ZE-GT3 ONSEMI-CAT25010ZE-GT3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25010ZE-GT3 ONSEMI-CAT25010ZE-GT3 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010ZE-T3 ONSEMI-CAT25010ZE-T3 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
More results

Similar Description - CAT25010ZE.GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010_07 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com