Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ABT32501 Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74ABT32501
Description  36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT32501 Datasheet(HTML) 5 Page - Texas Instruments

  SN74ABT32501 Datasheet HTML 1Page - Texas Instruments SN74ABT32501 Datasheet HTML 2Page - Texas Instruments SN74ABT32501 Datasheet HTML 3Page - Texas Instruments SN74ABT32501 Datasheet HTML 4Page - Texas Instruments SN74ABT32501 Datasheet HTML 5Page - Texas Instruments SN74ABT32501 Datasheet HTML 6Page - Texas Instruments SN74ABT32501 Datasheet HTML 7Page - Texas Instruments SN74ABT32501 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SN54ABT32501, SN74ABT32501
36BIT UNIVERSAL BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SCBS229B − JUNE 1992 − REVISED NOVEMBER 1994
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ABT32501
SN74ABT32501
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
−1.2
V
VCC = 4.5 V,
IOH = − 3 mA
2.5
2.5
VOH
VCC = 5 V,
IOH = − 3 mA
3
3
V
VOH
VCC = 4.5 V
IOH = − 24 mA
2
V
VCC = 4.5 V
IOH = − 32 mA
2
VOL
VCC = 4.5 V
IOL = 48 mA
0.55
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.55
V
II
Control inputs
VCC = 0 to 5.5 V,
VI = VCC or GND
±1
±1
A
II
A or B ports
VCC = 2.1 V to 5.5 V, VI = VCC or GND
±20
±20
µA
II(hold) A or B ports
VCC = 4.5 V
VI = 0.8 V
100
100
A
II(hold) A or B ports
VCC = 4.5 V
VI = 2 V
− 100
− 100
µA
IOZPU‡
VCC = 0 to 2.1 V
VO = 0.5 V to 2.7 V,
±50
±50
µA
IOZPD‡
VCC = 2.1 V to 0
VO = 0.5 V to 2.7 V,
OE or OE = X
±50
±50
µA
IOZH§
VCC = 2.1 V to 5.5 V, VO = 2.7 V,
OE
≥ 2 V,
OE
≤ 0.8 V¶
10
10
µA
IOZL§
VCC = 2.1 V to 5.5 V, VO = 0.5 V,
OE
≥ 2 V,
OE
≤ 0.8 V¶
−10
−10
µA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
µA
ICEX
VCC = 5.5 V,
VO = 5.5 V
Outputs high
50
50
µA
IO#
VCC = 5.5 V,
VO = 2.5 V
−50
−100
−180
−50
−100
−180
mA
VCC = 5.5 V,
Outputs high
6
6
ICC
VCC = 5.5 V,
IO = 0,
Outputs low
90
90
mA
IO = 0,
VI = VCC or GND
Outputs disabled
6
6
∆ICC||
VCC = 5.5 V,
One input at 3.4 V,
Other inputs at VCC or GND
1
1
mA
Ci
Control inputs
VI = 2.5 V or 0.5 V
3.5
3.5
pF
Cio
A or B ports
VO = 2.5 V or 0.5 V
11.5
11.5
pF
† All typical values are at VCC = 5 V, TA = 25°C.
‡ This parameter is specified by characterization.
§ The parameters IOZH and IOZL include the input leakage current.
¶ For VCC between 2.1 V and 4 V, OE should be less than or equal to 0.5 V to ensure a low state.
# Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
|| This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN74ABT32501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ABT32543 TI1-SN74ABT32543 Datasheet
159Kb / 9P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABT32543PZ TI1-SN74ABT32543PZ Datasheet
159Kb / 9P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ABT32501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABTH32501 TI-SN54ABTH32501 Datasheet
135Kb / 9P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32501 TI-SN54ABTH32501_06 Datasheet
182Kb / 11P
[Old version datasheet]   36-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32245 TI-SN54ABT32245 Datasheet
133Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32245 TI-SN54ABTH32245_07 Datasheet
215Kb / 9P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32245 TI1-SN54ABT32245_08 Datasheet
145Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32245 TI-SN54ABTH32245 Datasheet
168Kb / 9P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32543 TI-SN54ABTH32543 Datasheet
135Kb / 9P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT32543 TI1-SN54ABT32543 Datasheet
159Kb / 9P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABTH32543 TI1-SN54ABTH32543_08 Datasheet
201Kb / 11P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162501 TI-SN54ABT162501 Datasheet
135Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com