Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8183YDWF20G Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS8183YDWF20G
Description  Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8183YDWF20G Datasheet(HTML) 3 Page - ON Semiconductor

  CS8183YDWF20G Datasheet HTML 1Page - ON Semiconductor CS8183YDWF20G Datasheet HTML 2Page - ON Semiconductor CS8183YDWF20G Datasheet HTML 3Page - ON Semiconductor CS8183YDWF20G Datasheet HTML 4Page - ON Semiconductor CS8183YDWF20G Datasheet HTML 5Page - ON Semiconductor CS8183YDWF20G Datasheet HTML 6Page - ON Semiconductor CS8183YDWF20G Datasheet HTML 7Page - ON Semiconductor CS8183YDWF20G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CS8183
http://onsemi.com
3
MAXIMUM RATINGS
Rating
Value
Unit
Storage Temperature
−65 to 150
°C
Supply Voltage Range (continuous)
15 to 45
V
Supply Voltage Range (normal, continuous)
3.4 to 45
V
Peak Transient Voltage (VIN = 14 V, Load Dump Transient = 31 V)
45
V
Voltage Range (Adj, VREF/ENABLE, VOUT)
−10 to 45
V
Maximum Junction Temperature
150
°C
Package Thermal Resistance
Junction−to−Case, RqJC
Junction−to−Ambient, RqJA
18
73
°C/W
°C/W
ESD Capability
(Human Body Model)
(Machine Model)
2.0
200
kV
V
Lead Temperature Soldering
Reflow: (SMD styles only) (Note 1)
240 peak
(Note 2)
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. 60 second maximum above 183°C.
2. −5°C/+0°C allowable conditions.
ELECTRICAL CHARACTERISTICS (VIN = 14 V; VREF/ENABLE > 2.75 V; −40°C ≤ TJ ≤ +125°C; COUT ≥ 10 mF;
0.1 W < COUT − ESR < 1.0 W @ 10 kHz; unless otherwise stated.)
Parameter
Test Conditions
Min
Typ
Max
Unit
REGULAR OUTPUT 1, 2
VREF − VOUT
VOUT Tracking Error
4.5 V ≤ VIN ≤ 26 V, 100 mA ≤ IOUT ≤ 200 mA, (Note 3)
−10
10
mV
Dropout Voltage (VIN − VOUT)
IOUT = 100 mA
IOUT = 200 mA
100
350
150
600
mV
mV
Line Regulation
4.5 V ≤ VIN ≤ 26 V, (Note 3)
10
mV
Load Regulation
100 mA ≤ IOUT ≤ 200 mA, (Note 3)
10
mV
Adj Lead Current
Loop in Regulation
0.2
1.0
mA
Current Limit
VIN = 14 V, VREF = 5.0 V, VOUT = 90% of VREF, (Note 3)
225
700
mA
Quiescent Current (IIN − IOUT)
VIN = 12 V, IOUT = 200 mA
VIN = 12 V, IOUT = 100 mA
VIN = 12 V, VREF/ENABLE = 0 V
15
75
30
25
150
55
mA
mA
mA
Reverse Current
VOUT = 5.0 V, VIN = 0 V
0.2
1.5
mA
Ripple Rejection
f = 120 Hz, IOUT = 200 mA, 4.5 V ≤ VIN ≤ 26 V
60
dB
Thermal Shutdown
150
180
210
°C
VREF/ENABLE 1, 2
Enable Voltage
0.80
2.00
2.75
V
Input Bias Current
VREF/ENABLE 1, 2 > 2.0 V
0.2
1.0
mA
3. VOUT connected to Adj lead.


Similar Part No. - CS8183YDWF20G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8183YDWF20 ONSEMI-CS8183YDWF20 Datasheet
88Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
March, 2004 ??Rev. 15
More results

Similar Description - CS8183YDWF20G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8183 ONSEMI-CS8183 Datasheet
88Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
March, 2004 ??Rev. 15
CS8182 ONSEMI-CS8182_09 Datasheet
154Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
September, 2012 ??Rev. 27
CS8182 ONSEMI-CS8182 Datasheet
109Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
February, 2006 ??Rev. 23
NCV8182C ONSEMI-NCV8182C Datasheet
244Kb / 12P
   Tracking Regulator/Line Driver - Micropower, Low Dropout 200 mA
August, 2020 ??Rev. 1
CS8182 ONSEMI-CS8182_16 Datasheet
115Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
June, 2016 ??Rev. 28
NCV8184 ONSEMI-NCV8184_12 Datasheet
419Kb / 20P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
October, 2012 ??Rev. 27
NCV8184 ONSEMI-NCV8184_06 Datasheet
185Kb / 13P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
May, 2006 ??Rev. 18
NCV8184 ONSEMI-NCV8184 Datasheet
143Kb / 14P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
logo
Toshiba Semiconductor
TCR6DA1528 TOSHIBA-TCR6DA1528 Datasheet
309Kb / 17P
   200 mA Dual Outputs CMOS Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com