Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8182DTG Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS8182DTG
Description  Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8182DTG Datasheet(HTML) 5 Page - ON Semiconductor

  CS8182DTG Datasheet HTML 1Page - ON Semiconductor CS8182DTG Datasheet HTML 2Page - ON Semiconductor CS8182DTG Datasheet HTML 3Page - ON Semiconductor CS8182DTG Datasheet HTML 4Page - ON Semiconductor CS8182DTG Datasheet HTML 5Page - ON Semiconductor CS8182DTG Datasheet HTML 6Page - ON Semiconductor CS8182DTG Datasheet HTML 7Page - ON Semiconductor CS8182DTG Datasheet HTML 8Page - ON Semiconductor CS8182DTG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CS8182
http://onsemi.com
5
CIRCUIT DESCRIPTION
ENABLE Function
By pulling the VREF/ENABLE lead below 2.0 V typically,
(see Figure 10 or Figure 11), the IC is disabled and enters a
sleep state where the device draws less than 55
mA from
supply. When the VREF/ENABLE lead is greater than 2.75 V,
VOUT tracks the VREF/ENABLE lead normally.
Output Voltage
The output is capable of supplying 200 mA to the load
while configured as a similar (Figure 7), lower (Figure 9), or
higher (Figure 8) voltage as the reference lead. The Adj lead
acts as the inverting terminal of the op amp and the VREF
lead as the non−inverting.
The device can also be configured as a high−side driver as
displayed in Figure 12.
Figure 7. Tracking Regulator at the Same Voltage
VIN
VOUT
GND
GND
VREF/
GND
GND
Adj
ENABLE
Loads
5.0 V
B+
C1*
1.0 mF
C2**
10 mF
VOUT, 200 mA
VOUT + VREF
Figure 8. Tracking Regulator at Higher Voltages
VIN
VOUT
GND
GND
VREF/
GND
GND
Adj
ENABLE
Loads
VREF
B+
C1*
1.0 mF
C2**
10 mF
VOUT, 200 mA
RA
RF
VOUT + VREF(1 )
RE
RA
)
C3***
10 nF
C3***
10 nF
Figure 9. Tracking Regulator at Lower Voltages
VIN
VOUT
GND
GND
VREF/
GND
GND
Adj
ENABLE
Loads
VREF
B+
C1*
1.0 mF
C2**
10 mF
VOUT, 200 mA
VOUT + VREF( R2
R1 ) R2
)
R2
R1
Figure 10. Tracking Regulator with ENABLE Circuit
VIN
VOUT
GND
GND
VREF/
GND
GND
Adj
ENABLE
from MCU
VREF
B+
C1*
1.0 mF
C2**
10 mF
VOUT, 200 mA
R
C3***
10 nF
C3***
10 nF
Figure 11. Alternative ENABLE Circuit
VIN
VOUT
GND
GND
VREF/
GND
GND
Adj
ENABLE
10 mF
Figure 12. High−Side Driver
VIN
VOUT
GND
GND
VREF/
GND
GND
Adj
ENABLE
MCU
B+
200 mA
VOUT + B )* VSAT
** C2 is required for stability.
* C1 is required if the regulator is far from the power source filter.
5.0 V
I/O
NCV8501
6.0 V−40 V
VIN
100 nF
VREF (5.0 V)
mC
To Load
(e.g. sensor)
C1*
1.0 mF
C3***
10 nF
C3***
10 nF
*** C3 is recommended for EMC susceptibility.


Similar Part No. - CS8182DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8182DTG ONSEMI-CS8182DTG Datasheet
115Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
June, 2016 ??Rev. 28
More results

Similar Description - CS8182DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8182 ONSEMI-CS8182 Datasheet
109Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
February, 2006 ??Rev. 23
NCV8182C ONSEMI-NCV8182C Datasheet
244Kb / 12P
   Tracking Regulator/Line Driver - Micropower, Low Dropout 200 mA
August, 2020 ??Rev. 1
CS8182 ONSEMI-CS8182_16 Datasheet
115Kb / 12P
   Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
June, 2016 ??Rev. 28
CS8183 ONSEMI-CS8183 Datasheet
88Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
March, 2004 ??Rev. 15
CS8183 ONSEMI-CS8183_09 Datasheet
140Kb / 8P
   Dual Micropower 200 mA Low Dropout Tracking Regulator/Line Driver
October, 2008 ??Rev. 18
NCV8184 ONSEMI-NCV8184_12 Datasheet
419Kb / 20P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
October, 2012 ??Rev. 27
NCV8184 ONSEMI-NCV8184_06 Datasheet
185Kb / 13P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
May, 2006 ??Rev. 18
NCV8184 ONSEMI-NCV8184 Datasheet
143Kb / 14P
   Micropower 70 mA Low Dropout Tracking Regulator/Line Driver
August, 2004 ??Rev. 15
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com