Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8361YDWF16G Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS8361YDWF16G
Description  5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8361YDWF16G Datasheet(HTML) 6 Page - ON Semiconductor

  CS8361YDWF16G Datasheet HTML 1Page - ON Semiconductor CS8361YDWF16G Datasheet HTML 2Page - ON Semiconductor CS8361YDWF16G Datasheet HTML 3Page - ON Semiconductor CS8361YDWF16G Datasheet HTML 4Page - ON Semiconductor CS8361YDWF16G Datasheet HTML 5Page - ON Semiconductor CS8361YDWF16G Datasheet HTML 6Page - ON Semiconductor CS8361YDWF16G Datasheet HTML 7Page - ON Semiconductor CS8361YDWF16G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CS8361
http://onsemi.com
6
Heat Sinks
A heat sink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air.
Each material in the heat flow path between the IC and the
outside environment will have a thermal resistance. Like
series electrical resistances, these resistances are summed to
determine the value of RqJA:
RQJA + RQJC ) RQCS ) RQSA
(3)
where:
RqJC = the junction−to−case thermal resistance,
RqCS = the case−to−heatsink thermal resistance, and
RqSA = the heatsink−to−ambient thermal resistance.
RqJC appears in the package section of the data sheet. Like
RqJA, it too is a function of package type. RqCS and RqSA are
functions of the package type, heatsink and the interface
between them. These values appear in heat sink data sheets
of heat sink manufacturers.
ORDERING INFORMATION*
Device
Package
Shipping
CS8361YDPS7G
D2PAK−7
(Pb−Free)
50 Units/Rail
CS8361YDPSR7G
D2PAK−7
(Pb−Free)
750 / Tape & Reel
CS8361YDWF16G
SO−16L
(Pb−Free)
46 Units/Rail
CS8361YDWFR16G
SO−16L
(Pb−Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Spe-
cifications Brochure, BRD8011/D.
*Contact your local sales representative for other package options including PSOP−20, TO−220−7, DIP−16, and SO−20L.


Similar Part No. - CS8361YDWF16G

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8361YDWF16 CHERRY-CS8361YDWF16 Datasheet
169Kb / 6P
   5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
More results

Similar Description - CS8361YDWF16G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8363 ONSEMI-CS8363 Datasheet
69Kb / 8P
   3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
January, 2004 ??Rev. 9
CS8363 ONSEMI-CS8363_05 Datasheet
64Kb / 8P
   3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
March, 2005 ??Rev. 10
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
logo
Cherry Semiconductor Co...
CS8361 CHERRY-CS8361 Datasheet
169Kb / 6P
   5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
logo
ON Semiconductor
CS8363 ONSEMI-CS8363_11 Datasheet
148Kb / 8P
   3.3 V Dual Micropower Regulator with ENABLE and RESET
October, 2009 ??Rev. 12
CS8147 ONSEMI-CS8147 Datasheet
85Kb / 12P
   10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
CS8161 ONSEMI-CS8161 Datasheet
97Kb / 11P
   12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
June, 2006 ??Rev. 7 1
CS8156 ONSEMI-CS8156 Datasheet
94Kb / 11P
   12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
February, 2006 ??Rev. 8
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
   Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com