Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8361YDWFR16G Datasheet(PDF) 8 Page - ON Semiconductor

Part # CS8361YDWFR16G
Description  5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8361YDWFR16G Datasheet(HTML) 8 Page - ON Semiconductor

  CS8361YDWFR16G Datasheet HTML 1Page - ON Semiconductor CS8361YDWFR16G Datasheet HTML 2Page - ON Semiconductor CS8361YDWFR16G Datasheet HTML 3Page - ON Semiconductor CS8361YDWFR16G Datasheet HTML 4Page - ON Semiconductor CS8361YDWFR16G Datasheet HTML 5Page - ON Semiconductor CS8361YDWFR16G Datasheet HTML 6Page - ON Semiconductor CS8361YDWFR16G Datasheet HTML 7Page - ON Semiconductor CS8361YDWFR16G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CS8361
http://onsemi.com
8
PACKAGE DIMENSIONS
D2PAK−7 (SHORT LEAD)
DPS SUFFIX
CASE 936AB−01
ISSUE B
0.539
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
E
0.380
0.420
9.65
10.67
D
0.325
0.368
8.25
9.53
A
0.170
0.180
4.32
4.57
b
0.026
0.036
0.66
0.91
c2
0.045
0.055
1.14
1.40
e
0.050 BSC
1.27 BSC
H
0.579
13.69
14.71
L1
A1
0.000
0.010
0.00
0.25
c
0.017
0.026
0.43
0.66
E
D
L1
c2
c
b
e
E1
D1
H
−−−
0.066
−−−
1.68
L
0.058
0.078
1.47
1.98
M
L3
0.010 BSC
0.25 BSC
0
8
°°
0
8
°°
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
RECOMMENDED
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCHES.
3. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH AND GATE PROTRUSIONS. MOLD FLASH
AND GATE PROTRUSIONS NOT TO EXCEED
0.005 MAXIMUM PER SIDE. THESE DIMENSIONS
TO BE MEASURED AT DATUM H.
4. THERMAL PAD CONTOUR OPTIONAL WITHIN
DIMENSIONS E, L1, D1, AND E1. DIMENSIONS
D1 AND E1 ESTABLISH A MINIMUM MOUNTING
SURFACE FOR THE THERMAL PAD.
D1
0.270
−−−
6.86
−−−
E1
0.245
−−−
6.22
−−−
A
DIMENSIONS: MILLIMETERS
0.424
7X
0.584
0.310
0.136
0.040
0.050
PITCH
SOLDERING FOOTPRINT*
A1
L3
B
H
L
M
DETAIL C
SEATING
PLANE
GAUGE
PLANE
A
7X
M
A
M
0.13
B
E/2
B SEATING
PLANE
A
A
DETAIL C
VIEW A−A
M
A
M
0.10
B
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
CS8361/D
SMART REGULATOR is a registered trademark of Semiconductor Components Industries, LLC (SCILLC).
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - CS8361YDWFR16G

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8361YDWFR16 CHERRY-CS8361YDWFR16 Datasheet
169Kb / 6P
   5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
More results

Similar Description - CS8361YDWFR16G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8363 ONSEMI-CS8363 Datasheet
69Kb / 8P
   3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
January, 2004 ??Rev. 9
CS8363 ONSEMI-CS8363_05 Datasheet
64Kb / 8P
   3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
March, 2005 ??Rev. 10
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
logo
Cherry Semiconductor Co...
CS8361 CHERRY-CS8361 Datasheet
169Kb / 6P
   5V Dual Micropower Low Dropout Regulator with ENABLE and RESET
logo
ON Semiconductor
CS8363 ONSEMI-CS8363_11 Datasheet
148Kb / 8P
   3.3 V Dual Micropower Regulator with ENABLE and RESET
October, 2009 ??Rev. 12
CS8147 ONSEMI-CS8147 Datasheet
85Kb / 12P
   10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
CS8161 ONSEMI-CS8161 Datasheet
97Kb / 11P
   12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
June, 2006 ??Rev. 7 1
CS8156 ONSEMI-CS8156 Datasheet
94Kb / 11P
   12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
February, 2006 ??Rev. 8
logo
Cherry Semiconductor Co...
CS8101 CHERRY-CS8101 Datasheet
196Kb / 8P
   Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com