Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15015-0429 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 15015-0429
Description  Premo-Flex??Etched Polyimide Jumpers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

15015-0429 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  15015-0429 Datasheet HTML 1Page - Molex Electronics Ltd. 15015-0429 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Premo-Flexpolyimide jumpers with etched-copper circuitry achieve tight
tolerances for reliable connections to fine-pitch, 0.30mm connectors and are an
off-the-shelf, ultra-flexible PCB interconnect solution that maximises board
space and design flexibility in compact applications
Premo-Flexjumpers, terminated to Zero Insertion Force (ZIF) FFC connectors, are an
ultra-flexible interconnect solution for adjoining PC boards. With a polyimide substrate
and etched-copper technology Molex can achieve the tight tolerances required for reliable
connections with 0.30mm pitch, and below, microminiature connectors, that standard
copper wire FFC jumpers cannot.
Premo-Flexetched polyimide jumpers are terminated with Molex’s 0.30mm pitch, dual-
contact FPC connectors, series 502598. With a shorter depth and length than similar
competitive versions, the 502598 series FPC connector meets the needs of designers
looking for a dual-contact ZIF connector that would enable them to utilize the same PCB
pattern on adjoining parallel PCBs.
Etched polyimide jumpers terminated with 502598 connectors maximise board space and
allow design flexibility for compact applications such as digital cameras and handheld
medical equipment. Off-the-shelf standard circuit sizes and lengths avoid custom tooling
costs and lead-times. For additional information visit:
www.molex.com/product/premoflex_ffc-fpc.html
Premo-FlexEtched
Polyimide Jumpers
Cable Thickness 0.12mm
15015
Gold, 0.30mm Pitch, Polyimide, 105°C
FEATURES AND BENEFITS
• Etched-copper polyimide circuitry
• Polyimide substrate
• Available in 8 circuit sizes and 5 standard
lengths
• Cable termination thickness 0.12mm
• Rated up to +105°C
• Ensures simple ZIF assembly process
• Terminates to Molex FPC connector
series 502598
• Achieves tight tolerances required for
reliable connections with 0.30mm-pitch
microminiature FPC connectors
• High-temperature insulation material
• Off-the-shelf solutions and flexible design
options
• Compatible with Molex 0.30mm Pitch
Easy-OnBackFlipFPC Connector,
series 502598
• Meets industry-standard requirements
• Ideal for microminiature electrical
connections between PCB’s, display
boards etc.
• 502598 series is a Core Micro Product;
guaranteed minimum 10 year life-cycle
Etched-Polyimide Copper Circuitry
MARKETS AND APPLICATIONS
• Data / networking / telecoms
- Mobile phone / smart phone
- Digital still camera
- Tablet computer
• Medical
• Compact, handheld devices
Compact medical applications
Premo-FlexEtched Polyimide Jumpers with
Easy-OnBackFlipFPC Connector,
Pitch, Series 502598
Compact consumer applications


Similar Part No. - 15015-0429

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
15015-0423 MOLEX1-15015-0423 Datasheet
42Kb / 1P
   0.30mm Pitch Premo-Flex??Etched Polyimide Jumper
15015-0425 MOLEX1-15015-0425 Datasheet
42Kb / 1P
   0.30mm Pitch Premo-Flex??Etched Polyimide Jumper
15015-0427 MOLEX1-15015-0427 Datasheet
42Kb / 1P
   0.30mm Pitch Premo-Flex??Etched Polyimide Jumper
More results

Similar Description - 15015-0429

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0150200457 MOLEX2-0150200457 Datasheet
42Kb / 1P
   Premo-Flex??FFC and Etched Polyimide Jumpers
0150200303 MOLEX2-0150200303 Datasheet
42Kb / 1P
   Premo-Flex??FFC and Etched Polyimide Jumpers
15015-0425 MOLEX1-15015-0425 Datasheet
42Kb / 1P
   0.30mm Pitch Premo-Flex??Etched Polyimide Jumper
15015-0423 MOLEX1-15015-0423 Datasheet
42Kb / 1P
   0.30mm Pitch Premo-Flex??Etched Polyimide Jumper
15015-0427 MOLEX1-15015-0427 Datasheet
42Kb / 1P
   0.30mm Pitch Premo-Flex??Etched Polyimide Jumper
15015-0433 MOLEX1-15015-0433 Datasheet
42Kb / 1P
   0.30mm Pitch Premo-Flex??Etched Copper Polyimide Jumper
0152670923 MOLEX1-0152670923 Datasheet
37Kb / 1P
   Premo-Flex Cable Jumpers
0150150239 MOLEX1-0150150239 Datasheet
34Kb / 1P
   0.30mm Pitch Premo-Flex Etched Copper Polyimide Jumper, Same Side Contacts
0150150245 MOLEX1-0150150245 Datasheet
34Kb / 1P
   0.30mm Pitch Premo-Flex Etched Copper Polyimide Jumper, Same Side Contacts
0150150425 MOLEX1-0150150425 Datasheet
34Kb / 1P
   0.30mm Pitch Premo-Flex Etched Copper Polyimide Jumper, Same Side Contacts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com