Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS51221EDTB16G Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS51221EDTB16G
Description  Enhanced Voltage Mode PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51221EDTB16G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS51221EDTB16G Datasheet HTML 2Page - ON Semiconductor CS51221EDTB16G Datasheet HTML 3Page - ON Semiconductor CS51221EDTB16G Datasheet HTML 4Page - ON Semiconductor CS51221EDTB16G Datasheet HTML 5Page - ON Semiconductor CS51221EDTB16G Datasheet HTML 6Page - ON Semiconductor CS51221EDTB16G Datasheet HTML 7Page - ON Semiconductor CS51221EDTB16G Datasheet HTML 8Page - ON Semiconductor CS51221EDTB16G Datasheet HTML 9Page - ON Semiconductor CS51221EDTB16G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CS51221
http://onsemi.com
6
PACKAGE PIN DESCRIPTION
Package
Pin #
Pin
Symbol
Function
1
GATE
External power switch driver with 1.0 A peak capability. Rail to rail output occurs when the capacitive load is
between 470 pF and 10 nF.
2
ISENSE
Current sense comparator input.
3
SYNC
Bidirectional synchronization. Locks to highest frequency.
4
FF
PWM ramp.
5
UV
Undervoltage protection monitor.
6
OV
Overvoltage protection monitor.
7
RTCT
Timing resistor RT and capacitor CT determine oscillator frequency and maximum duty cycle, DMAX.
8
ISET
Voltage at this pin sets pulse−by−pulse overcurrent threshold.
9
VFB
Feedback voltage input. Connected to the error amplifier inverting input.
10
COMP
Error amplifier output.
11
SS
Charging external capacitor restricts error amplifier output voltage during the power up or fault conditions.
12
LGND
Logic ground.
13
VREF
3.3 V reference voltage output. Decoupling capacitor can be selected from 0.01
mF to 10 mF.
14
VCC
Logic supply voltage.
15
PGND
Output power stage ground.
16
VC
Output power stage supply voltage.


Similar Part No. - CS51221EDTB16G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51221EDTB16G ONSEMI-CS51221EDTB16G Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
CS51221EDTB16G ONSEMI-CS51221EDTB16G Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
More results

Similar Description - CS51221EDTB16G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51221 ONSEMI-CS51221 Datasheet
178Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
NCP1294 ONSEMI-NCP1294 Datasheet
229Kb / 13P
   Enhanced Voltage Mode PWM Controller
July, 2009 ??Rev. 0
CS51221 ONSEMI-CS51221 Datasheet
173Kb / 14P
   Enhanced Voltage Mode PWM Controller
September, 2005 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51221 CHERRY-CS51221 Datasheet
164Kb / 12P
   Enhanced Voltage Mode PWM Controller
logo
ON Semiconductor
CS51021A ONSEMI-CS51021A Datasheet
130Kb / 11P
   Enhanced Current Mode PWM Controller
February, 2006 ??Rev. 8
logo
Cherry Semiconductor Co...
CS51021 CHERRY-CS51021 Datasheet
170Kb / 9P
   Enhanced Current Mode PWM Controller
logo
Semtech Corporation
SC1103 SEMTECH-SC1103 Datasheet
97Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
logo
Shaoxing Devechip Micro...
SDC7500 SDC-SDC7500 Datasheet
308Kb / 10P
   Voltage Mode PWM Controller
logo
Taiwan Semiconductor Co...
TS494 TSC-TS494 Datasheet
138Kb / 7P
   Voltage Mode PWM Controller
logo
List of Unclassifed Man...
AP494 ETC-AP494 Datasheet
175Kb / 8P
   VOLTAGE MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com