Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317LBZRAG Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM317LBZRAG
Description  100 mA Adjustable Output, Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317LBZRAG Datasheet(HTML) 3 Page - ON Semiconductor

  LM317LBZRAG Datasheet HTML 1Page - ON Semiconductor LM317LBZRAG Datasheet HTML 2Page - ON Semiconductor LM317LBZRAG Datasheet HTML 3Page - ON Semiconductor LM317LBZRAG Datasheet HTML 4Page - ON Semiconductor LM317LBZRAG Datasheet HTML 5Page - ON Semiconductor LM317LBZRAG Datasheet HTML 6Page - ON Semiconductor LM317LBZRAG Datasheet HTML 7Page - ON Semiconductor LM317LBZRAG Datasheet HTML 8Page - ON Semiconductor LM317LBZRAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LM317L, NCV317LB
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VI-VO = 5.0 V; IO = 40 mA; TJ = Tlow to Thigh (Note 3); Imax and Pmax (Note 4);
unless otherwise noted.)
LM317L, LB, NCV317LB
Characteristics
Figure
Symbol
Min
Typ
Max
Unit
Line Regulation (Note 5)
TA = 25°C, 3.0 V ≤ VI - VO ≤ 40 V
1
Regline
-
0.01
0.04
%/V
Load Regulation (Note 5), TA = 25°C
10 mA
≤ IO ≤ Imax - LM317L
VO ≤ 5.0 V
VO ≥ 5.0 V
2
Regload
-
-
5.0
0.1
25
0.5
mV
% VO
Adjustment Pin Current
3
IAdj
-
50
100
mA
Adjustment Pin Current Change
2.5 V
≤ VI - VO ≤ 40 V, PD ≤ Pmax
10 mA
≤ IO ≤ Imax - LM317L
1, 2
DIAdj
-
0.2
5.0
mA
Reference Voltage
3.0 V
≤ VI - VO ≤ 40 V, PD ≤ Pmax
10 mA
≤ IO ≤ Imax - LM317L
3
Vref
1.20
1.25
1.30
V
Line Regulation (Note 5), 3.0 V
≤ VI - VO ≤ 40 V
1
Regline
-
0.02
0.07
%/V
Load Regulation (Note 5)
10 mA
≤ IO ≤ Imax - LM317L
VO ≤ 5.0 V
VO ≥ 5.0 V
2
Regload
-
-
20
0.3
70
1.5
mV
% VO
Temperature Stability (Tlow ≤ TJ ≤ Thigh)
3
TS
-
0.7
-
% VO
Minimum Load Current to Maintain Regulation (VI - VO = 40 V)
3
ILmin
-
3.5
10
mA
Maximum Output Current
VI - VO ≤ 6.25 V, PD ≤ Pmax, Z Package
VI - VO ≤ 40 V, PD ≤ Pmax, TA = 25°C, Z Package
3
Imax
100
-
200
20
-
-
mA
RMS Noise, % of VO
TA = 25°C, 10 Hz ≤ f ≤ 10 kHz
-
N
-
0.003
-
% VO
Ripple Rejection (Note 6)
VO = 1.2 V, f = 120 Hz
CAdj = 10 mF, VO = 10.0 V
4
RR
60
-
80
80
-
-
dB
Thermal Shutdown (Note 7)
-
-
-
180
-
°C
Long Term Stability, TJ = Thigh (Note 8)
TA = 25°C for Endpoint Measurements
3
S
-
0.3
1.0
%/1.0 k
Hrs.
3. Tlow to Thigh = 0° to +125°C for LM317L
-40
° to +125°C for LM317LB, NCV317LB
4. Imax = 100 mAPmax = 625 mW
5. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
6. CAdj, when used, is connected between the adjustment pin and ground.
7. Thermal characteristics are not subject to production test.
8. Since Long-Term Stability cannot be measured on each device before shipment, this specification is an engineering estimate of average
stability from lot to lot.


Similar Part No. - LM317LBZRAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317LBZRAG ONSEMI-LM317LBZRAG Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
LM317LBZRAG ONSEMI-LM317LBZRAG Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
More results

Similar Description - LM317LBZRAG

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
LM317M ONSEMI-LM317M_11 Datasheet
232Kb / 14P
   500 mA Adjustable Output, Positive Voltage Regulator
September, 2011 ??Rev. 21
LM317M ONSEMI-LM317M_14 Datasheet
141Kb / 14P
   500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
LM317M ONSEMI-LM317M_06 Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
logo
Estek Electronics Co. L...
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable Output Positive VoltageRegulator
logo
Panasonic Semiconductor
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
   3-pin positive output voltage regulator (100 mA type)
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
   [100mA /Adjustable Output] Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com