Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317MADTRKG Datasheet(PDF) 1 Page - ON Semiconductor

Part # LM317MADTRKG
Description  500 mA Adjustable Output, Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317MADTRKG Datasheet(HTML) 1 Page - ON Semiconductor

  LM317MADTRKG Datasheet HTML 1Page - ON Semiconductor LM317MADTRKG Datasheet HTML 2Page - ON Semiconductor LM317MADTRKG Datasheet HTML 3Page - ON Semiconductor LM317MADTRKG Datasheet HTML 4Page - ON Semiconductor LM317MADTRKG Datasheet HTML 5Page - ON Semiconductor LM317MADTRKG Datasheet HTML 6Page - ON Semiconductor LM317MADTRKG Datasheet HTML 7Page - ON Semiconductor LM317MADTRKG Datasheet HTML 8Page - ON Semiconductor LM317MADTRKG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© Semiconductor Components Industries, LLC, 2011
September, 2011 − Rev. 21
1
Publication Order Number:
LM317M/D
LM317M, NCV317MAB,
NCV317MB
500 mA Adjustable Output,
Positive Voltage Regulator
The LM317M is an adjustable three−terminal positive voltage
regulator capable of supplying in excess of 500 mA over an output
voltage range of 1.2 V to 37 V. This voltage regulator is exceptionally
easy to use and requires only two external resistors to set the output
voltage. Further, it employs internal current limiting, thermal
shutdown and safe area compensation, making it essentially blow−out
proof.
The LM317M serves a wide variety of applications including local,
on−card regulation. This device also makes an especially simple
adjustable switching regulator, a programmable output regulator, or by
connecting a fixed resistor between the adjustment and output, the
LM317M can be used as a precision current regulator.
Features
Output Current in Excess of 500 mA
Output Adjustable between 1.2 V and 37 V
Internal Thermal Overload Protection
Internal Short Circuit Current Limiting
Output Transistor Safe−Area Compensation
Floating Operation for High Voltage Applications
Eliminates Stocking Many Fixed Voltages
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
Pb−Free Packages are Available
Figure 1. Simplified Application
* = Cin is required if regulator is located an appreciable distance from power supply filter.
** = CO is not needed for stability, however, it does improve transient response.
Since IAdj is controlled to less than 100 mA, the error associated with this
term is negligible in most applications.
LM317M
Vin
Vout
R1
240
R2
Adjust
IAdj
*
Cin
0.1
mF
**
+ C
O
1.0
mF
Vin
Vout
Vout + 1.25V 1 )
R2
R1
) IAdj R2
TO−220AB
T SUFFIX
CASE 221AB
1
2
3
PIN ASSIGNMENT
1
2
3Vin
Adjust
Vout
ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 10 of this data sheet.
1
2 3
Heatsink Surface (shown as terminal 4 in
case outline drawing) is connected to Pin 2.
SOT−223
ST SUFFIX
CASE 318E
DPAK
DT SUFFIX
CASE 369C
Heatsink surface
connected to Pin 2
http://onsemi.com
1 2
3
4
See general marking information in the device marking
section on page 11 of this data sheet.
DEVICE MARKING INFORMATION
http://onsemi.com


Similar Part No. - LM317MADTRKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317MADTRKG ONSEMI-LM317MADTRKG Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
More results

Similar Description - LM317MADTRKG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317M ONSEMI-LM317M_14 Datasheet
141Kb / 14P
   500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
LM317M ONSEMI-LM317M_06 Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
logo
Toshiba Semiconductor
TA58MS00F TOSHIBA-TA58MS00F Datasheet
218Kb / 8P
   500-mA Adjustable-Output Voltage Regulator with On/Off Switch
2009-09-30
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
   [100mA /Adjustable Output] Positive Voltage Regulator
logo
New Japan Radio
NJW4106 NJRC-NJW4106 Datasheet
715Kb / 15P
   HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com