Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2931CDR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # LM2931CDR2G
Description  100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2931CDR2G Datasheet(HTML) 1 Page - ON Semiconductor

  LM2931CDR2G Datasheet HTML 1Page - ON Semiconductor LM2931CDR2G Datasheet HTML 2Page - ON Semiconductor LM2931CDR2G Datasheet HTML 3Page - ON Semiconductor LM2931CDR2G Datasheet HTML 4Page - ON Semiconductor LM2931CDR2G Datasheet HTML 5Page - ON Semiconductor LM2931CDR2G Datasheet HTML 6Page - ON Semiconductor LM2931CDR2G Datasheet HTML 7Page - ON Semiconductor LM2931CDR2G Datasheet HTML 8Page - ON Semiconductor LM2931CDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
© Semiconductor Components Industries, LLC, 2011
December, 2011 − Rev. 25
1
Publication Order Number:
LM2931/D
LM2931, NCV2931 Series
100 mA, Adjustable Output,
LDO Voltage Regulator with
60 V Load Dump Protection
The LM2931 series consists of positive fixed and adjustable output
voltage regulators that are specifically designed to maintain proper
regulation with an extremely low input−to−output voltage differential.
These devices are capable of supplying output currents in excess of
100 mA and feature a low bias current of 0.4 mA at 10 mA output.
Designed primarily to survive in the harsh automotive environment,
these devices will protect all external load circuitry from input fault
conditions caused by reverse battery connection, two battery jump
starts, and excessive line transients during load dump. This series also
includes internal current limiting, thermal shutdown, and additionally,
is able to withstand temporary power−up with mirror−image insertion.
Due to the low dropout voltage and bias current specifications, the
LM2931 series is ideally suited for battery powered industrial and
consumer equipment where an extension of useful battery life is
desirable. The ‘C’ suffix adjustable output regulators feature an output
inhibit pin which is extremely useful in microprocessor−based systems.
Features
Input−to−OutputVoltage Differential of < 0.6 V @ 100 mA
Output Current in Excess of 100 mA
Low Bias Current
60 V Load Dump Protection
−50 V Reverse Transient Protection
Internal Current Limiting with Thermal Shutdown
Temporary Mirror−Image Protection
Ideally Suited for Battery Powered Equipment
Economical 5−Lead TO−220 Package with Two Optional Leadforms
Available in Surface Mount SOP−8, D2PAK and DPAK Packages
High Accuracy (±2.5%) Reference (LM2931AC) Available
Pb−Free Packages are Available
NCV Prefix for Automotive and Other Applications Requiring Site
and Control Changes
Applications
Battery Powered Consumer Products
Hand−held Instruments
Camcorders and Cameras
FIXED
(Top View)
N.C.
GND
Input
N.C.
GND
Output
1
8
54
ADJUSTABLE
(Top View)
Output
Inhibit
GND
Input
Adjust
GND
Output
1
8
54
SOIC−8
D SUFFIX
CASE 751
1
8
TO−92
Z SUFFIX
CASE 29
FIXED OUTPUT VOLTAGE
Pin 1. Output
2. Ground
3. Input
TO−220
T SUFFIX
CASE 221AB
Pin 1. Input
2. Ground
3. Output
DPAK
DT SUFFIX
CASE 369C
D2PAK
D2T SUFFIX
CASE 936
TO−220
TH SUFFIX
CASE 314A
ADJUSTABLE OUTPUT VOLTAGE
Pin 1. Adjust
2. Output
Inhibit
3. Ground
4. Input
5. Output
TO−220
TV SUFFIX
CASE 314B
TO−220
T SUFFIX
CASE 314D
D2PAK
D2T SUFFIX
CASE 936A
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
See general marking and heatsink information in the device
marking section on page 15 of this data sheet.
DEVICE MARKING INFORMATION
1
2
3
1
3
1
3
1
5
1
1
5
1
5
1
5
http://onsemi.com
1
3
SOT−223
ST SUFFIX
CASE 318H
1
2
3
1


Similar Part No. - LM2931CDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2931CDR2G ONSEMI-LM2931CDR2G Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
More results

Similar Description - LM2931CDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2931 ONSEMI-LM2931_13 Datasheet
329Kb / 23P
   100 mA, Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection
April, 2013 ??Rev. 26
LM2931 ONSEMI-LM2931_07 Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
   300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
logo
HuaXinAn Electronics CO...
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
   Output Adjustable Voltage LDO Regulator
logo
Texas Instruments
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com