Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2931ACD2TR4 Datasheet(PDF) 10 Page - ON Semiconductor

Part # LM2931ACD2TR4
Description  100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2931ACD2TR4 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LM2931ACD2TR4 Datasheet HTML 6Page - ON Semiconductor LM2931ACD2TR4 Datasheet HTML 7Page - ON Semiconductor LM2931ACD2TR4 Datasheet HTML 8Page - ON Semiconductor LM2931ACD2TR4 Datasheet HTML 9Page - ON Semiconductor LM2931ACD2TR4 Datasheet HTML 10Page - ON Semiconductor LM2931ACD2TR4 Datasheet HTML 11Page - ON Semiconductor LM2931ACD2TR4 Datasheet HTML 12Page - ON Semiconductor LM2931ACD2TR4 Datasheet HTML 13Page - ON Semiconductor LM2931ACD2TR4 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
LM2931, NCV2931 Series
http://onsemi.com
10
0.20
0.30
0.00
Figure 22. Output Noise Voltage vs.
Output Capacitor Impedance
Figure 23. Output Capacitor ESR Stability vs.
Output Load Current
OUTPUT CURRENT (mA)
10
50
90
100
0.50
0.60
Note - Optimum stability uses a 22
mF
output capacitor. Output capacitor values
below 10
mF are not recommended.
Unstable
Stable
0.1
1.0
0.01
|ZO|, MAGNITUDE OF CAPACITOR IMPEDANCE (mW)
10
100
1.0 k
10 k
10
100
Vin = 5.6 V
Vout = 5.0 V
IO = 100 mA
Vnrms 10 Hz to 10 MHz
|ZO| @ 40 kHz
TA = 25°C
Unstable
Marginally
Stable
Stable
0
0.10
0.40
20
60
30
70
40
80
22
mF
10
mF
47
mF
100
mF
40
50
60
70
80
90
100
0
0.4
0.8
1.2
1.6
2.0
2.4
010
20
30
25
15
5.0
L, LENGTH OF COPPER (mm)
PD(max) for TA = 50°C
Minimum
Size Pad
L
L
Free Air
Mounted
Vertically
30
50
70
90
110
130
150
0.4
0.8
1.2
1.6
2.0
2.4
2.8
020
30
50
40
10
L, LENGTH OF COPPER (mm)
170
3.2
RqJA
2.0 oz.
Copper
Graph represents symmetrical layout
3.0 mm
L
L
RqJA
2.0 oz. Copper
Figure 24. SOP−8 Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length
Figure 25. DPAK Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length
PD(max) for TA = 50°C


Similar Part No. - LM2931ACD2TR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2931ACD2TR4 ONSEMI-LM2931ACD2TR4 Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
LM2931ACD2TR4G ONSEMI-LM2931ACD2TR4G Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
More results

Similar Description - LM2931ACD2TR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2931 ONSEMI-LM2931_13 Datasheet
329Kb / 23P
   100 mA, Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection
April, 2013 ??Rev. 26
LM2931 ONSEMI-LM2931_07 Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
   300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
logo
HuaXinAn Electronics CO...
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
   Output Adjustable Voltage LDO Regulator
logo
Texas Instruments
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com